Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39871R2711U310 Datasheet(PDF) 7 Page - EPCOS

Part # B39871R2711U310
Description  Surface Acoustic Wave Components for RF Control Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39871R2711U310 Datasheet(HTML) 7 Page - EPCOS

  B39871R2711U310 Datasheet HTML 1Page - EPCOS B39871R2711U310 Datasheet HTML 2Page - EPCOS B39871R2711U310 Datasheet HTML 3Page - EPCOS B39871R2711U310 Datasheet HTML 4Page - EPCOS B39871R2711U310 Datasheet HTML 5Page - EPCOS B39871R2711U310 Datasheet HTML 6Page - EPCOS B39871R2711U310 Datasheet HTML 7Page - EPCOS B39871R2711U310 Datasheet HTML 8Page - EPCOS B39871R2711U310 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Ultra-Narrowband
Filters
General characteristics
s Usable bandwidth
Approximately 0.1 to 0.3 MHz
s Substrate
Quartz
s Passivation
PROTEC®, ELPAS®
s Input /output impedance
> 50
s Selectivity
Very steep skirts close to
the carrier frequency
s Remarks
Excellent image-frequency
rejection; needs external
coupling coil
s Package
QCC8B, QCC8C
Example for B3575
Outline drawings
QCC8B (ordering code:"-Z810"):
QCC8C (ordering code:"-U310"):
Main representatives
fC
Usable band-
Ordering code
Market
[MHz]
width [MHz]
315.00
0.20
B39321B3576U310
USA
433.42
0.22
B39431B3567U310
Europe
433.92
0.12
B39431B3790Z810
Europe
433.92
0.22
B39431B3575U310
Europe
868.30
0.28
B39971B3574U310
Europe
OWP0288-3
–80
MHz
dB
410
420
430
440
450
–70
–60
–50
–40
–30
–20
–10
0
3,8
1,51,0
5
7
8
OWP0286-L
3
1
0,6
5,0
1,35
1,2
5
7
8
0,6
OWP0284-5
3
1
Transfer function


Similar Part No. - B39871R2711U310

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39871R2711U310 EPCOS-B39871R2711U310 Datasheet
38Kb / 5P
   SAW Components SAW resonator Short range devices
More results

Similar Description - B39871R2711U310

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ETM-SAW01C ADVANTECH-ETM-SAW01C Datasheet
362Kb / 1P
   Surface Acoustic Wave Touch Control Board
logo
Advanced Crystal Techno...
ACTF9001 ACT-ACTF9001 Datasheet
60Kb / 4P
   surface wave acoustic (SAW) RF filter
SEPT 04
ACTQ973 ACT-ACTQ973 Datasheet
59Kb / 3P
   surface-acoustic-wave (SAW)
SEPT 04
ACTQ384 ACT-ACTQ384 Datasheet
60Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR0010 ACT-ACTR0010 Datasheet
56Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ0016 ACT-ACTQ0016 Datasheet
65Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ380 ACT-ACTQ380 Datasheet
63Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ434 ACT-ACTQ434_1 Datasheet
64Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ530 ACT-ACTQ530 Datasheet
59Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ550 ACT-ACTQ550 Datasheet
65Kb / 3P
   surface-acoustic-wave (SAW) resonator
SEPT 04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com