Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS3VH257PAG Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QS3VH257PAG
Description  QUICKSWITCH짰 PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS3VH257PAG Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  QS3VH257PAG Datasheet HTML 1Page - List of Unclassifed Manufacturers QS3VH257PAG Datasheet HTML 2Page - List of Unclassifed Manufacturers QS3VH257PAG Datasheet HTML 3Page - List of Unclassifed Manufacturers QS3VH257PAG Datasheet HTML 4Page - List of Unclassifed Manufacturers QS3VH257PAG Datasheet HTML 5Page - List of Unclassifed Manufacturers QS3VH257PAG Datasheet HTML 6Page - List of Unclassifed Manufacturers QS3VH257PAG Datasheet HTML 7Page - List of Unclassifed Manufacturers QS3VH257PAG Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
INDUSTRIAL TEMPERATURE RANGE
IDTQS3VH257
2.5V / 3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
TEST CIRCUITS AND WAVEFORMS
O pen
VLOAD
GND
VCC
Pulse
G enerator
D.U .T.
500Ω
500Ω
CL
RT
VIN
VOUT
(1, 2)
SAM E PHASE
INPU T TR ANSITION
OPPO SITE PHASE
INPUT TRAN SITIO N
0V
0V
VOH
VOL
tPLH
tPHL
tPHL
tPLH
OUTPUT
VIH
VT
VT
VIH
VT
CONTROL
INPUT
tPLZ
0V
OUTPUT
NORM ALLY
LOW
tPZH
0V
SW ITCH
CLO SE D
OUTPUT
NORMALLY
HIGH
ENABLE
DISABLE
SW ITCH
OPEN
tPHZ
0V
V OL + V LZ
V OH
VT
VT
tPZL
VLOAD/2
V LOAD/2
V IH
V T
V OL
V OH -V HZ
TEST CONDITIONS
Symbol
VCC(1)= 3.3V ± 0.3V
VCC(2)= 2.5V ± 0.2V
Unit
VLOAD
6
2 x Vcc
V
VIH
3
Vcc
V
VT
1.5
VCC/2
V
VLZ
300
150
mV
VHZ
300
150
mV
CL
50
30
pF
NOTE:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
NOTES:
1. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
2. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2ns; tR ≤ 2ns.
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
SWITCH POSITION
Test
Switch
tPLZ/tPZL
VLOAD
tPHZ/tPZH
GND
tPD
Open
Propagation Delay
Test Circuits for All Outputs
Enable and Disable Times


Similar Part No. - QS3VH257PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS3VH257PAG IDT-QS3VH257PAG Datasheet
275Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
QS3VH257PAG8 IDT-QS3VH257PAG8 Datasheet
275Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - QS3VH257PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH257S1G8 IDT-IDTQS3VH257S1G8 Datasheet
101Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH257 RENESAS-IDTQS3VH257 Datasheet
445Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH253QG IDT-IDTQS3VH253QG Datasheet
101Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BAND-WIDTH BUS SWITCH
IDTQS3VH251 IDT-IDTQS3VH251 Datasheet
73Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH251 RENESAS-IDTQS3VH251 Datasheet
449Kb / 9P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX / DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH257 IDT-IDTQS3VH257 Datasheet
99Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BAND WIDTH BUS SWITCH
IDTQS3VH16233 IDT-IDTQS3VH16233_13 Datasheet
265Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH253 RENESAS-IDTQS3VH253 Datasheet
447Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS34XVH245Q3G IDT-IDTQS34XVH245Q3G Datasheet
268Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH245Q2G8 IDT-IDTQS32XVH245Q2G8 Datasheet
266Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com