Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1990A-F5 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1990A-F5
Description  Serial Number iButton
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1990A-F5 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1990A-F5 Datasheet HTML 1Page - Dallas Semiconductor DS1990A-F5 Datasheet HTML 2Page - Dallas Semiconductor DS1990A-F5 Datasheet HTML 3Page - Dallas Semiconductor DS1990A-F5 Datasheet HTML 4Page - Dallas Semiconductor DS1990A-F5 Datasheet HTML 5Page - Dallas Semiconductor DS1990A-F5 Datasheet HTML 6Page - Dallas Semiconductor DS1990A-F5 Datasheet HTML 7Page - Dallas Semiconductor DS1990A-F5 Datasheet HTML 8Page - Dallas Semiconductor DS1990A-F5 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DS1990A
4 of 10
TRANSACTION SEQUENCE
The sequence for accessing the DS1990A via the 1-Wire port is as follows:
§ Initialization
§ ROM Function Command
§ Read Data
INITIALIZATION
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence
consists of a reset pulse transmitted by the bus master followed by a presence pulse(s) transmitted by the
slave(s).
The presence pulse lets the bus master know that the DS1990A is on the bus and is ready to operate. For
more details, see the “1-Wire Signaling” section.
ROM FUNCTION COMMANDS
Once the bus master has detected a presence, it can issue one of the four ROM function commands. All
ROM function commands are eight bits long. A list of these commands follows (refer to flowchart in
Figure 4):
Read ROM [33h] or [0Fh]
This command allows the bus master to read the DS1990A’s 8-bit family code, unique 48-bit serial
number, and 8-bit CRC. This command can only be used if there is a single DS1990A on the bus. If more
than one slave is present on the bus, a data collision will occur when all slaves try to transmit at the same
time (open drain will produce a wired-AND result). The DS1990A Read ROM function will occur with a
command byte of either 33h or 0Fh in order to ensure compatibility with the DS1990, which will only
respond to a 0Fh command word with its 64-bit ROM data.
Match ROM [55h] / Skip ROM [CCh]
The complete 1-Wire protocol for all Dallas Semiconductor iButtons contains a Match ROM and a Skip
ROM command. (See the Book of DS19xx iButton Standards.) Since the DS1990A contains only the 64-
bit ROM with no additional data fields, the Match ROM and Skip ROM are not applicable and will cause
no further activity on the 1-Wire bus if executed. The DS1990A does not interfere with other 1-Wire parts
on a multidrop bus that do respond to a Match ROM or Skip ROM (example DS1990A and DS1994 on
the same bus).
Search ROM [F0h]
When a system is initially brought up, the bus master might not know the number of devices on the 1-
Wire bus or their 64-bit ROM codes. The search ROM command allows the bus master to use a process
of elimination to identify the 64-bit ROM codes of all slave devices on the bus. The ROM search process
is the repetition of a simple 3-step routine: read a bit, read the complement of the bit, then write the
desired value of that bit. The bus master performs this simple 3-step routine on each bit of the ROM.
After one complete pass, the bus master knows the contents of the ROM in one device. The remaining
number of devices and their ROM codes may be identified by additional passes. See Chapter 5 of the
Book of DS19xx iButton Standards for a comprehensive discussion of a ROM search, including an actual
example.


Similar Part No. - DS1990A-F5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1990A-F5++ MAXIM-DS1990A-F5+ Datasheet
149Kb / 10P
   Serial Number iButton
Rev: 10/08
More results

Similar Description - DS1990A-F5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
   Serial Number iButton
Rev: 10/08
DS1990R MAXIM-DS1990R Datasheet
160Kb / 10P
   Serial Number iButton
Rev 4; 8/10
DS1990R-F5 MAXIM-DS1990R-F5 Datasheet
162Kb / 11P
   Serial Number iButton
Rev 4; 8/10
logo
Dallas Semiconductor
DS9105 DALLAS-DS9105_09 Datasheet
56Kb / 2P
   iButton Number Set
DS9105 DALLAS-DS9105 Datasheet
113Kb / 1P
   iButton Number Set
logo
Maxim Integrated Produc...
DS1411-009 MAXIM-DS1411-009 Datasheet
58Kb / 2P
   Serial Port iButton Holder
Rev 6/11
logo
Dallas Semiconductor
DS1411 DALLAS-DS1411 Datasheet
50Kb / 1P
   Serial Port iButton Holder
DS2401 DALLAS-DS2401 Datasheet
151Kb / 10P
   Silicon Serial Number
DS1413 DALLAS-DS1413 Datasheet
115Kb / 1P
   Passive Serial Port iButton Holder
logo
Maxim Integrated Produc...
DS1413 MAXIM-DS1413 Datasheet
163Kb / 2P
   Passive Serial Port iButton Holder
8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com