Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSA6.1J4 Datasheet(PDF) 1 Page - Rohm

Part # RSA6.1J4
Description  ESD Protection diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSA6.1J4 Datasheet(HTML) 1 Page - Rohm

  RSA6.1J4 Datasheet HTML 1Page - Rohm RSA6.1J4 Datasheet HTML 2Page - Rohm RSA6.1J4 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RSA6.1J4
Diodes
Rev.C
1/2
Sym bol
Unit
Peak puls e power-1 (tp=10×1000us )
Ppk
W
Peak puls e power-2 (tp=8×20us )
Ppk
W
Tj
Ts tg
Junction tem perature
Storage tem perature
150
-55 to +150
10
80
Lim its
Param eter
Sym bol
Min.
Typ.
Max.
Unit
Conditions
Zener voltage
VZ
6.1
-
7.20
V
IZ=1m A
Revers e current
IR
--
1.0
µA
VR=3.0V
Forward voltage
VF
--
1.0
V
IF=100m A
Capacitance between term inals
Ct
-35
-
pF
f=1MHz,VR=0V
Param eter
ESD Protection diode
RSA 6.1J4
Application
Dimensions (Unit : mm)
Land size figure (Unit : mm)
ESD protection
Features
1) Ultra small mold type. (EMD5)
2) High reliability.
Construction
Silicon epitaxial planar
Structure
Taping specifications (Unit : mm)
Absolute maximum ratings (Ta=25
°C)
Electrical characteristics (Ta=25
°C)
EMD5
0.4
0.25 0.15
0.5
0.5
0.25
0.15
0.3
ROHM : EMD5
JEITA : SC-75A Size
dot (year week factory)
0.13±0.05
0.5±0.05
0~0.1
(1)
(3)
(5)
(2)
(4)
0.5
0.5
1.0±0.1
0.22±0.05
1.6±0.1
φ1.5
+0.1
−0
4.0
±0.1
4.0
±0.1
0.65
±0.1
0.3
±0.1
1.7
±0.05
1PIN
2.0
±0.05
φ0.8±0.1


Similar Part No. - RSA6.1J4

ManufacturerPart #DatasheetDescription
logo
Rohm
RSA6.1J4 ROHM-RSA6.1J4 Datasheet
45Kb / 3P
   ESD Protection diode
RSA6.1J4FH ROHM-RSA6.1J4FH Datasheet
798Kb / 6P
   ESD Protection diode
More results

Similar Description - RSA6.1J4

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
   ESD Protection diode
logo
AUK corp
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
   ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
   ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
   ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
   ESD Protection diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
   ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
   ESD Protection Diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
   ESD Protection Diode
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
   ESD Protection Diode
logo
Socay Electornics Co., ...
ESD11D05V-A SOCAY-ESD11D05V-A Datasheet
387Kb / 3P
   ESD Protection Diode
ESD11D05V-C SOCAY-ESD11D05V-C Datasheet
377Kb / 3P
   ESD Protection Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com