Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHFAC14K01V Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RHFAC14K01V
Description  STANDARD MICROCIRCUIT DRAWING
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RHFAC14K01V Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RHFAC14K01V Datasheet HTML 5Page - List of Unclassifed Manufacturers RHFAC14K01V Datasheet HTML 6Page - List of Unclassifed Manufacturers RHFAC14K01V Datasheet HTML 7Page - List of Unclassifed Manufacturers RHFAC14K01V Datasheet HTML 8Page - List of Unclassifed Manufacturers RHFAC14K01V Datasheet HTML 9Page - List of Unclassifed Manufacturers RHFAC14K01V Datasheet HTML 10Page - List of Unclassifed Manufacturers RHFAC14K01V Datasheet HTML 11Page - List of Unclassifed Manufacturers RHFAC14K01V Datasheet HTML 12Page - List of Unclassifed Manufacturers RHFAC14K01V Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SIZE
A
5962-87624
STANDARD
MICROCIRCUIT DRAWING
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
9
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics - Continued.
5/
The VOH and VOL tests shall be tested at VCC = 3.0 V and 4.5 V. The VOH and VOL tests are guaranteed, if not tested, for
other values of VCC. Limits shown apply to operation at VCC = 3.3 V ±0.3 V and VCC = 5.0 V ±0.5 V. Tests with input
current at +50 mA and –50 mA are performed on only one input at a time with duration not to exceed 10 ms. Transmission
driving tests may be performed using VIN = VCC or GND. When VIN = VCC or GND is used, the test is guaranteed for VIN =
VIH minimum and VIL maximum.
6/
The maximum limit for this parameter at 100 krads (Si) is 4
µA.
7/
Power dissipation capacitance (CPD) determines both the power consumption (PD) and dynamic current consumption (IS).
Where:
PD = (CPD + CL) (VCC x VCC)f + (ICC x VCC)
IS = (CPD + CL) VCCf + ICC
For both PD and IS, f is the frequency of the input signal and CL is the external output load capacitance.
8/
Tests shall be performed in sequence, attributes data only. Functional tests shall include the truth table and other logic
patterns used for fault detection. The test vectors used to verify the truth table shall, at a minimum, test all functions of
each input and output. All possible input to output logic patterns per function shall be guaranteed, if not tested, to the truth
table in figure 2 herein. Functional tests shall be performed in sequence as approved by the qualifying activity on qualified
devices. Allowable tolerances in accordance with MIL-STD-883 for the input voltage levels may be incorporated. For
output measurements, H
≥ 0.7V
CC, L ≤ 0.3VCC.
9/
The AC limits at VCC = 5.5 V are equal to the limits at VCC = 4.5 V and guaranteed by testing at VCC = 4.5 V. The AC limits
at VCC = 3.6 V are equal to the limits at VCC = 3.0 V and guaranteed by testing at VCC = 3.0 V. Minimum AC limits for
VCC = 5.5 V and VCC = 3.6 V are 1.0 ns and guaranteed by guardbanding the VCC = 4.5 V and VCC = 3.0 V minimum limits,
respectively, to 1.5 ns. For propagation delay tests, all paths must be tested.


Similar Part No. - RHFAC14K01V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFAC164245K1 STMICROELECTRONICS-RHFAC164245K1 Datasheet
527Kb / 23P
   Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
   Rad-hard advanced high-speed 5 V CMOS logic series
More results

Similar Description - RHFAC14K01V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD7890ARZ-10 ETC2-AD7890ARZ-10 Datasheet
122Kb / 17P
   STANDARD MICROCIRCUIT DRAWING
AD7243ANZ ETC2-AD7243ANZ Datasheet
82Kb / 12P
   STANDARD MICROCIRCUIT DRAWING
RHFAC245D03V ETC2-RHFAC245D03V Datasheet
345Kb / 25P
   STANDARD MICROCIRCUIT DRAWING
logo
National Semiconductor ...
MNLM185B-X NSC-MNLM185B-X Datasheet
211Kb / 11P
   MICROCIRCUIT DATA SHEET
logo
Texas Instruments
5962-9958101QXC TI-5962-9958101QXC Datasheet
53Kb / 17P
[Old version datasheet]   MICROCIRCUIT DATA SHEET
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
logo
Bi technologies
165 BITECH-165 Datasheet
46Kb / 3P
   Custom Hybrid Military Grade Microcircuit
logo
Micross Components
AS4DDR232M64PBG MICROSS-AS4DDR232M64PBG Datasheet
305Kb / 28P
   iNTEGRATED Plastic Encapsulated Microcircuit
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
   MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com