Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V4NS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # V4NS
Description  solder, 2,8 mm faston and PCB terminals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V4NS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  V4NS Datasheet HTML 1Page - List of Unclassifed Manufacturers V4NS Datasheet HTML 2Page - List of Unclassifed Manufacturers V4NS Datasheet HTML 3Page - List of Unclassifed Manufacturers V4NS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
26
www.saia-switch.com
Saia microswitches
saia-switch@johnsonelectric.com
V4NS
Specifications
Housing
Flame-retardant glass-fibre reinforced nylon
Plunger
Polyacetal (POM)
Mechanism
Snap-action coil spring mechanism with stainless steel spring
Functions
Change-over, normally closed or normally open
Contacts
Silver
Terminals
Gold flashed
Temperature range ºC
–40°C to +85°C
Mechanical life
3 • 106 cycles minimum (impact free actuation)
Protection
IP67 enclosure, IP40 Flux proof terminal entries
Actuators
Plain lever, cam follower, Roller lever
Accessories
Insulating sheet - N04619, Clip-on terminal cover - TC102, Long overtravel actuator - QA4
Circuit diagram
Dimension
V4NS
V4N
COMMON
(RED)
NORMALLY
CLOSED
(YELLOW)
NORMALLY
OPEN
(BLUE)
Recommended maximum electrical ratings
Voltage
Resitive load
Motor load
Approval
(max)
(A)
(A)
V4NST7UL
250 VAC
5 (0,75 pf)
UL 1054/CSA 22,2 No. 55 - 6,000 operations - 65°C
250 VAC
5
2
EN61058-1, T85, 10,000 operations
0 - 15 VDC
5
3
General rating - 50,000 operations (85°C)
15 - 30 VDC
5
3
General rating - 50,000 operations (85°C)
V4NSUL
250 VAC
3 (0,75 pf)
UL 1054/CSA 22,2 No. 55 - 6,000 operations - 65°C
250 VAC
5
2
EN61058-1, T85, 10,000 operations
0 - 15 VDC
3
3
General rating - 50,000 operations (85°C)
15 - 30 VDC
3
3
General rating - 50,000 operations (85°C)
1
4
2
Ø2.30
0.50±0.025
5.08
Ø1.70
5.30
7.50
MAX 20.00
[0.79]
[0.21]
[0.43]
[0.30]
[0.10]
[0.40]
[0.20]
[0.02]
[0.375]
[0.10]
MOUNTING HOLE
[0.09]
MOUNTING HOLE
[0.12]
[0.07]
[0.09]
9.53±0.05
10.16
10.80
2.60
2.95
Ø2.30
5.16
MAX 20.00
7.50
10.80
5.30
[0.21]
[0.43]
[0.30]
9.53±0.05
[0.375]
[0.20]
[0.79]
Ø2.54±0.05
[0.09]
Ø2.25+0.1
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.09]
[0.25]
MIN 500
[19.7]
(NO) BLUE
(COM) RED
(NC) YELLOW
DIMENSIONS
V4N - STANDARD VERSION
DIMENSIONS
V4NS - SEALED VERSION
V4NC
DIMENSIONS
7.50
5.30
Ø2.54+0.5
0.50 (3x)
[0.20]
[0.09]
[0.30]
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.21]
[0.43]
[0.40]
[0.10]
[0.02]
[0.375]
[0.78]
[0.17]
[0.07]
1
4
2
10.80
5.16
19.85±0.15
Ø2.25+0.1
9.53±0.05
10.16
2.60
5.08
6.40
2.95
[0.25]
[0.12]
Ø1.70±0.05
[0.09]
Ø2.30
Ø4.40±0.05
(NC) BLUE
(COM) BLACK
(NO) GREY
K1
6.40
6.40
K2
6.40
K3
PREWIRED VERSION WITH CABLE BOX
FOR TYPE CODING KEY PLEASE CONTACT SAIA
STANDARD CABLE BOX IS K2
STANDARD CABLE FLRY 0.5mm WITH MAX. OUTSIDE DIAMETER 1.8mm
2
6.45
1
4
2
Ø2.30
0.50±0.025
5.08
Ø1.70
5.30
7.50
MAX 20.00
[0.79]
[0.21]
[0.43]
[0.30]
[0.10]
[0.40]
[0.20]
[0.02]
[0.375]
[0.10]
MOUNTING HOLE
[0.09]
MOUNTING HOLE
[0.12]
[0.07]
[0.09]
9.53±0.05
10.16
10.80
2.60
2.95
Ø2.30
5.16
MAX 20.00
7.50
10.80
5.30
[0.21]
[0.43]
[0.30]
9.53±0.05
[0.375]
[0.20]
[0.79]
Ø2.54±0.05
[0.09]
Ø2.25+0.1
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.09]
[0.25]
MIN 500
[19.7]
(NO) BLUE
(COM) RED
(NC) YELLOW
DIMENSIONS
V4N - STANDARD VERSION
DIMENSIONS
V4NS - SEALED VERSION
V4NC
DIMENSIONS
7.50
5.30
Ø2.54+0.5
0.50 (3x)
[0.20]
[0.09]
[0.30]
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.21]
[0.43]
[0.40]
[0.10]
[0.02]
[0.375]
[0.78]
[0.17]
[0.07]
1
4
2
10.80
5.16
19.85±0.15
Ø2.25+0.1
9.53±0.05
10.16
2.60
5.08
6.40
2.95
[0.25]
[0.12]
Ø1.70±0.05
[0.09]
Ø2.30
Ø4.40±0.05
(NC) BLUE
(COM) BLACK
(NO) GREY
K1
6.40
6.40
K2
6.40
K3
PREWIRED VERSION WITH CABLE BOX
FOR TYPE CODING KEY PLEASE CONTACT SAIA
STANDARD CABLE BOX IS K2
STANDARD CABLE FLRY 0.5mm WITH MAX. OUTSIDE DIAMETER 1.8mm
2
6.45
1
4
2
Ø2.30
0.50±0.025
5.08
Ø1.70
5.30
7.50
MAX 20.00
[0.79]
[0.21]
[0.43]
[0.30]
[0.10]
[0.40]
[0.20]
[0.02]
[0.375]
[0.10]
MOUNTING HOLE
[0.09]
MOUNTING HOLE
[0.12]
[0.07]
[0.09]
9.53±0.05
10.16
10.80
2.60
2.95
Ø2.30
5.16
MAX 20.00
7.50
10.80
5.30
[0.21]
[0.43]
[0.30]
9.53±0.05
[0.375]
[0.20]
[0.79]
Ø2.54±0.05
[0.09]
Ø2.25+0.1
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.09]
[0.25]
MIN 500
[19.7]
(NO) BLUE
(COM) RED
(NC) YELLOW
DIMENSIONS
V4N - STANDARD VERSION
DIMENSIONS
V4NS - SEALED VERSION
V4NC
DIMENSIONS
7.50
5.30
Ø2.54+0.5
0.50 (3x)
[0.20]
[0.09]
[0.30]
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.21]
[0.43]
[0.40]
[0.10]
[0.02]
[0.375]
[0.78]
[0.17]
[0.07]
1
4
2
10.80
5.16
19.85±0.15
Ø2.25+0.1
9.53±0.05
10.16
2.60
5.08
6.40
2.95
[0.25]
[0.12]
Ø1.70±0.05
[0.09]
Ø2.30
Ø4.40±0.05
(NC) BLUE
(COM) BLACK
(NO) GREY
K1
6.40
6.40
K2
6.40
K3
PREWIRED VERSION WITH CABLE BOX
FOR TYPE CODING KEY PLEASE CONTACT SAIA
STANDARD CABLE BOX IS K2
STANDARD CABLE FLRY 0.5mm WITH MAX. OUTSIDE DIAMETER 1.8mm
2
6.45
1
4
2
Ø2.30
0.50±0.025
5.08
Ø1.70
5.30
7.50
MAX 20.00
[0.79]
[0.21]
[0.43]
[0.30]
[0.10]
[0.40]
[0.20]
[0.02]
[0.375]
[0.10]
MOUNTING HOLE
[0.09]
MOUNTING HOLE
[0.12]
[0.07]
[0.09]
9.53±0.05
10.16
10.80
2.60
2.95
Ø2.30
5.16
MAX 20.00
7.50
10.80
5.30
[0.21]
[0.43]
[0.30]
9.53±0.05
[0.375]
[0.20]
[0.79]
Ø2.54±0.05
[0.09]
Ø2.25+0.1
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.09]
[0.25]
MIN 500
[19.7]
(NO) BLUE
(COM) RED
(NC) YELLOW
DIMENSIONS
V4N - STANDARD VERSION
DIMENSIONS
V4NS - SEALED VERSION
V4NC
DIMENSIONS
7.50
5.30
Ø2.54+0.5
0.50 (3x)
[0.20]
[0.09]
[0.30]
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.21]
[0.43]
[0.40]
[0.10]
[0.02]
[0.375]
[0.78]
[0.17]
[0.07]
1
4
2
10.80
5.16
19.85±0.15
Ø2.25+0.1
9.53±0.05
10.16
2.60
5.08
6.40
2.95
[0.25]
[0.12]
Ø1.70±0.05
[0.09]
Ø2.30
Ø4.40±0.05
(NC) BLUE
(COM) BLACK
(NO) GREY
K1
6.40
6.40
K2
6.40
K3
PREWIRED VERSION WITH CABLE BOX
FOR TYPE CODING KEY PLEASE CONTACT SAIA
STANDARD CABLE BOX IS K2
STANDARD CABLE FLRY 0.5mm WITH MAX. OUTSIDE DIAMETER 1.8mm
2
6.45
1
4
2
Ø2.30
0.50±0.025
5.08
Ø1.70
5.30
7.50
MAX 20.00
[0.79]
[0.21]
[0.43]
[0.30]
[0.10]
[0.40]
[0.20]
[0.02]
[0.375]
[0.10]
MOUNTING HOLE
[0.09]
MOUNTING HOLE
[0.12]
[0.07]
[0.09]
9.53±0.05
10.16
10.80
2.60
2.95
Ø2.30
5.16
MAX 20.00
7.50
10.80
5.30
[0.21]
[0.43]
[0.30]
9.53±0.05
[0.375]
[0.20]
[0.79]
Ø2.54±0.05
[0.09]
Ø2.25+0.1
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.09]
[0.25]
MIN 500
[19.7]
(NO) BLUE
(COM) RED
(NC) YELLOW
DIMENSIONS
V4N - STANDARD VERSION
DIMENSIONS
V4NS - SEALED VERSION
V4NC
DIMENSIONS
7.50
5.30
Ø2.54+0.5
0.50 (3x)
[0.20]
[0.09]
[0.30]
MOUNTING HOLE
MOUNTING HOLE
[0.1]
[0.21]
[0.43]
[0.40]
[0.10]
[0.02]
[0.375]
[0.78]
[0.17]
[0.07]
1
4
2
10.80
5.16
19.85±0.15
Ø2.25+0.1
9.53±0.05
10.16
2.60
5.08
6.40
2.95
[0.25]
[0.12]
Ø1.70±0.05
[0.09]
Ø2.30
Ø4.40±0.05
(NC) BLUE
(COM) BLACK
(NO) GREY
K1
6.40
6.40
K2
6.40
K3
PREWIRED VERSION WITH CABLE BOX
FOR TYPE CODING KEY PLEASE CONTACT SAIA
STANDARD CABLE BOX IS K2
STANDARD CABLE FLRY 0.5mm WITH MAX. OUTSIDE DIAMETER 1.8mm
2
6.45


Similar Part No. - V4NS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V4NST7 ETC2-V4NST7 Datasheet
105Kb / 4P
   Snap-action Microswitches
V4NST7UL ETC2-V4NST7UL Datasheet
105Kb / 4P
   Snap-action Microswitches
V4NST7UL ETC2-V4NST7UL Datasheet
371Kb / 4P
   Preferred Range
V4NST7UL ETC2-V4NST7UL Datasheet
125Kb / 4P
   sealed (IP67)
V4NST7Y1UL ETC2-V4NST7Y1UL Datasheet
105Kb / 4P
   Snap-action Microswitches
More results

Similar Description - V4NS

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
900-SUB-7.5 WECO-900-SUB-7.5 Datasheet
89Kb / 1P
   Tab connector Tab 2,8 mm
07.19
900-SUB-10 WECO-900-SUB-10 Datasheet
84Kb / 1P
   Tab connector Tab 2,8 mm
07.19
900-SUB-5 WECO-900-SUB-5 Datasheet
95Kb / 1P
   Tab connector Tab 2,8 mm
07.19
logo
TE Connectivity Ltd
T9E TEC-T9E Datasheet
655Kb / 3P
   PCB and PCB/quick connect terminals
logo
Schurter Inc.
FQE SCHURTER-FQE Datasheet
248Kb / 1P
   Shock-safe Fuseholder, Solder Terminals, 5x20 mm
FQE SCHURTER-FQE_V01 Datasheet
220Kb / 2P
   Shock-safe Fuseholder, Solder Terminals, 5x20 mm
logo
WECO ELECTRICAL CONNECT...
900-SH-7.5 WECO-900-SH-7.5 Datasheet
95Kb / 1P
   Tab connector Tab 2x 2,8 mm
07.19
900-SH-10 WECO-900-SH-10 Datasheet
89Kb / 1P
   Tab connector Tab 2x 2,8 mm
07.19
900-SH-5 WECO-900-SH-5 Datasheet
103Kb / 1P
   Tab connector Tab 2x 2,8 mm
07.19
logo
Precid-Dip Durtal SA
317-91-108-41-005 PREDIP-317-91-108-41-005 Datasheet
25Kb / 1P
   PCB connectors 1.778 and 1.8 mm Single row Solder tail
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com