Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V10E250P Datasheet(PDF) 5 Page - Littelfuse

Part # V10E250P
Description  UltraMOV Varistor Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V10E250P Datasheet(HTML) 5 Page - Littelfuse

  V10E250P Datasheet HTML 1Page - Littelfuse V10E250P Datasheet HTML 2Page - Littelfuse V10E250P Datasheet HTML 3Page - Littelfuse V10E250P Datasheet HTML 4Page - Littelfuse V10E250P Datasheet HTML 5Page - Littelfuse V10E250P Datasheet HTML 6Page - Littelfuse V10E250P Datasheet HTML 7Page - Littelfuse V10E250P Datasheet HTML 8Page - Littelfuse V10E250P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
UltraMOV™ Varistor Series
Radial Lead Varistors > UltraMOVTM Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov.html for current information.
Maximum Clamping Voltage for 20mm Parts
V20E130(P) - V20E625(P)
10000
1000
100
10-6
10-5
10-4
0.001
0.01
0.1
1
10
100
1000
10000
PEAK CURRENT (A)
MODEL SIZE = 20MM
TA = -55
oC TO 85oC
130 to 625VM(AC) RATING
MAXIMUM
LEAKAGE
MAXIMUM CLAMP
VOLTAGE
625
460
440
385
230
250
275
300
320
175
150
140
130
420
550
510
10000
1000
100
10
1
10
100
1000
10000
IMPULSE DURATION (μs)
MODEL SIZE = 7MM
TA = -55
oC TO 85oC
104
105
106
1
10
103
102
2
130 to 460VM(AC) RATING
Repetitive Surge Capability for 7mm Parts
V7E130(P) - V7E460(P)
Transient V-I Characteristics Curves (Continued...)
Pulse Rating Curves
Figure 6
Figure 7


Similar Part No. - V10E250P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V10E250P LITTELFUSE-V10E250P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V10E250P LITTELFUSE-V10E250P Datasheet
784Kb / 11P
   Radial Lead Varistors
V10E250P LITTELFUSE-V10E250P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V10E250P LITTELFUSE-V10E250P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
V10E250P LITTELFUSE-V10E250P Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V10E250P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14E385PL1T5 LITTELFUSE-V14E385PL1T5 Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V14P275L1T LITTELFUSE-V14P275L1T Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com