Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V480LA40AP Datasheet(PDF) 4 Page - Littelfuse

Part # V480LA40AP
Description  LA Varistor Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V480LA40AP Datasheet(HTML) 4 Page - Littelfuse

  V480LA40AP Datasheet HTML 1Page - Littelfuse V480LA40AP Datasheet HTML 2Page - Littelfuse V480LA40AP Datasheet HTML 3Page - Littelfuse V480LA40AP Datasheet HTML 4Page - Littelfuse V480LA40AP Datasheet HTML 5Page - Littelfuse V480LA40AP Datasheet HTML 6Page - Littelfuse V480LA40AP Datasheet HTML 7Page - Littelfuse V480LA40AP Datasheet HTML 8Page - Littelfuse V480LA40AP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Varistor Products
©2012 Littelfuse, Inc.
Revision: February 9, 2012
LA Varistor Series
Radial Lead Varistors > LA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/la.html for current information.
Should transients occur in rapid succession, the average
times the number of pulses per second. The power so
developed must be within the specifications shown on the
Device Ratings and Specifications Table for the specific
Current Energy and Power Dissipation Ratings
Peak Pulse Current Test Waveform
100
90
50
10
O1
T
T1
T2
TIME
0
1
T
1
T
2
Example
μs Current Waveform:
1
20μ
2
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90 100 110 120 130 140 150
AMBIENTTEMPERATURE ( oC)
Figure 1A - Power Derating for Epoxy Coated
Figure 2
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100 110 120 130 140 150
AMBIENTTEMPERATURE ( oC)
device. The operating values of a MOV need to be derated
at high temperatures as shown above. Because varistors
only dissipate a relatively small amount of average power
they are not suitable for repetitive applications that involve
substantial amounts of average power dissipation.
Figure 1B - Power Derating for Phenolic Coated


Similar Part No. - V480LA40AP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V480LA40AP LITTELFUSE-V480LA40AP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V480LA40AP LITTELFUSE-V480LA40AP Datasheet
833Kb / 13P
   Radial Lead Varistors
V480LA40AP LITTELFUSE-V480LA40AP Datasheet
1Mb / 13P
   LA Varistor Series
V480LA40AP LITTELFUSE-V480LA40AP Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V480LA40AP LITTELFUSE-V480LA40AP Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V480LA40AP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
V130LC5P LITTELFUSE-V130LC5P Datasheet
1Mb / 13P
   LA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V420LS40BP LITTELFUSE-V420LS40BP Datasheet
1Mb / 13P
   LA Varistor Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
logo
RAYEX ELECTRONICS CO., ...
LA-12FW RAYEX-LA-12FW Datasheet
666Kb / 2P
   LA SERIES
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com