Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU-20432-0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-20432-0
Description  Right Angle Insulated Plunger Clamp Clip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-20432-0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-20432-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Right Angle Insulated Plunger Clamp Clip
• Compatible with all shrouded, unshrouded, or retractable 0.16” (4 mm)
banana plugs
• Material: Housing: nylon; Contact: nickel-plated beryllium copper
• Length: 5.50” (139.7 mm)
• *Std. Colors: -0 Black, -2 Red, -4 Yellow, -6 Blue
• Rating: 1000V, 1 Amps, IEC 1010 Compliant
RoHS Compliant
Part Number:
BU-20432- *
Description:
Right Angle Insulated Plunger
3507
Clamp Clip


Similar Part No. - BU-20432-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-20431-0 ETC2-BU-20431-0 Datasheet
53Kb / 1P
   Right Angle Insulated Plunger Hook Clip
BU-20431-2 ETC2-BU-20431-2 Datasheet
53Kb / 1P
   Right Angle Insulated Plunger Hook Clip
BU-20431-4 ETC2-BU-20431-4 Datasheet
53Kb / 1P
   Right Angle Insulated Plunger Hook Clip
BU-20431-6 ETC2-BU-20431-6 Datasheet
53Kb / 1P
   Right Angle Insulated Plunger Hook Clip
BU-20433-0 ETC2-BU-20433-0 Datasheet
47Kb / 1P
   Right Angle Insulated Clamp Clip
More results

Similar Description - BU-20432-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-20434-0 ETC2-BU-20434-0 Datasheet
51Kb / 1P
   Right Angle Insulated Plunger Jaw Clip
BU-20431-0 ETC2-BU-20431-0 Datasheet
53Kb / 1P
   Right Angle Insulated Plunger Hook Clip
BU-20433-0 ETC2-BU-20433-0 Datasheet
47Kb / 1P
   Right Angle Insulated Clamp Clip
BU-00201-0 ETC2-BU-00201-0 Datasheet
49Kb / 1P
   Plunger Clip
logo
CAMBION Electronic Comp...
410-4521 CAMBION-410-4521 Datasheet
33Kb / 1P
   Component Clip, .055 (1,40) Slot, Press mnt, Insulated, Capped Plunger
logo
List of Unclassifed Man...
BU-00208-0 ETC2-BU-00208-0 Datasheet
51Kb / 1P
   Mini-Micro Plunger Clip
logo
CAMBION Electronic Comp...
410-4520 CAMBION-410-4520 Datasheet
33Kb / 1P
   Component Clip, .085 (2,16) Slot, Press mnt, Insulated, Capped Plunger
410-4522 CAMBION-410-4522 Datasheet
32Kb / 1P
   Component Clip, .040 (1,02) Slot, Press mnt, Insulated, Capped Plunger
logo
List of Unclassifed Man...
BU-00207-0 ETC2-BU-00207-0 Datasheet
47Kb / 1P
   Safety Plunger Clip Adapter
BU-21434 ETC2-BU-21434 Datasheet
203Kb / 1P
   Insulated, Long Reach, Plunger Grabber
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com