Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2186 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS2186
Description  Transmit Line Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2186 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS2186 Datasheet HTML 3Page - Dallas Semiconductor DS2186 Datasheet HTML 4Page - Dallas Semiconductor DS2186 Datasheet HTML 5Page - Dallas Semiconductor DS2186 Datasheet HTML 6Page - Dallas Semiconductor DS2186 Datasheet HTML 7Page - Dallas Semiconductor DS2186 Datasheet HTML 8Page - Dallas Semiconductor DS2186 Datasheet HTML 9Page - Dallas Semiconductor DS2186 Datasheet HTML 10Page - Dallas Semiconductor DS2186 Datasheet HTML 11Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
DS2186
022798 11/11
DS2186S TRANSMIT LINE INTERFACE 20–PIN SOIC
A
F
C
E
phi
J
G
K
L
H
B
1
DIM
MIN
MAX
20–PIN
PKG
A IN.
MM
B IN.
MM
C IN.
MM
E IN.
MM
F IN.
MM
G IN.
MM
H IN.
MM
J IN.
MM
K IN.
MM
L IN.
MM
0.500
12.70
0.511
12.99
0.290
7.37
0.300
7.65
0.089
2.26
0.095
2.41
0.004
0.102
0.012
0.30
0.094
2.38
0.105
2.68
0.398
10.11
0.416
10.57
0.009
0.229
0.013
0.33
0.013
0.33
0.019
0.48
0.016
0.406
0.040
1.20
phi
0
°
8
°
0.050 BSC
1.27 BSC


Similar Part No. - DS2186

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2180A DALLAS-DS2180A Datasheet
481Kb / 35P
   T1 Transceiver
logo
Maxim Integrated Produc...
DS2180A MAXIM-DS2180A Datasheet
487Kb / 35P
   T1 Transceiver
112099
logo
Dallas Semiconductor
DS2181A DALLAS-DS2181A Datasheet
376Kb / 32P
   CEPT Primary Rate Transceiver
DS2182 DALLAS-DS2182 Datasheet
270Kb / 25P
   T1 Line Monitor
DS2182A DALLAS-DS2182A Datasheet
270Kb / 25P
   T1 Line Monitor
More results

Similar Description - DS2186

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2864 PCA-EPA2864 Datasheet
34Kb / 2P
   25 Mbps ATM Transmit and Receive, UTP Interface
logo
List of Unclassifed Man...
T7289A ETC-T7289A Datasheet
976Kb / 17P
   DS1 LINE INTERFACE
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
   Line Interface Unit
logo
Rhombus Industries Inc.
T-13206 RHOMBUS-IND-T-13206 Datasheet
96Kb / 1P
   LINE INTERFACE TRANSFORMER
logo
Maxim Integrated Produc...
DS2187 MAXIM-DS2187 Datasheet
685Kb / 10P
   Receive Line Interface
062101
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
   TELEPHONE LINE INTERFACE
logo
Dallas Semiconductor
DS2187 DALLAS-DS2187 Datasheet
129Kb / 10P
   Receive Line Interface
logo
XFMRS Inc.
XFCIS3-COMBO4-4S XFMRS-XFCIS3-COMBO4-4S Datasheet
104Kb / 2P
   LINE INTERFACE MODULE
XF0709-AD70S XFMRS-XF0709-AD70S Datasheet
83Kb / 1P
   LINE INTERFACE XFMR
logo
Rhombus Industries Inc.
T-1273 RHOMBUS-IND-T-1273 Datasheet
31Kb / 1P
   LINE INTERFACE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com