Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBS70A22 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS70A22
Description  70MHz SAW Filter 2MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS70A22 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS70A22 Datasheet HTML 1Page - SIPAT Co,Ltd LBS70A22 Datasheet HTML 2Page - SIPAT Co,Ltd LBS70A22 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS70A22
Rev. Date
2006-4-28
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz SAW Filter
2MHz Bandwidth
Part Number: LBS70A22
Typical Performance
Frequency Respond
Passband Respond
66
67
68
69
70
71
72
73
74
-102.4187
-92.4187
-82.4187
-72.4187
-62.4187
-52.4187
-42.4187
-32.4187
-22.4187
68.5
69
69.5
70
70.5
71
71.5
-24.5
-24
-23.5
-23
-22.5
-22
-21.5
-21
-20.5
-20
Group Delay Variation(f0±1MHz)
Phase Linearity(f0±1MHz)
Smith Chart S11
Smith Chart S22


Similar Part No. - LBS70A22

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS70A22 SIPAT-LBS70A22 Datasheet
138Kb / 3P
   70MHz SAW Filter 2MHz Bandwidth
More results

Similar Description - LBS70A22

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS70A25 SIPAT-LBS70A25 Datasheet
138Kb / 3P
   70MHz SAW Filter 2MHz Bandwidth
LBS70A14 SIPAT-LBS70A14 Datasheet
145Kb / 3P
   70MHz SAW Filter 2MHz Bandwidth
LBS70A35 SIPAT-LBS70A35 Datasheet
143Kb / 3P
   70MHz SAW Filter 2MHz Bandwidth
LBS70A22 SIPAT-LBS70A22 Datasheet
138Kb / 3P
   70MHz SAW Filter 2MHz Bandwidth
LBS70A18 SIPAT-LBS70A18 Datasheet
140Kb / 3P
   70MHz SAW Filter 2MHz Bandwidth
LBS70A35 SIPAT-LBS70A35 Datasheet
138Kb / 3P
   70MHz SAW Filter 2MHz Bandwidth
LBS70A33 SIPAT-LBS70A33 Datasheet
146Kb / 3P
   70MHz SAW Filter 2MHz Bandwidth
LBS70A14 SIPAT-LBS70A14 Datasheet
140Kb / 3P
   70MHz SAW Filter 2MHz Bandwidth
LBS70A18 SIPAT-LBS70A18 Datasheet
146Kb / 3P
   70MHz SAW Filter 2MHz Bandwidth
LBS70A25 SIPAT-LBS70A25 Datasheet
144Kb / 3P
   70MHz SAW Filter 2MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com