Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6345-UT-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6345-UT-T
Description  6-Pin μP Reset Circuit with Power-Fail Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6345-UT-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6345-UT-T Datasheet HTML 1Page - Maxim Integrated Products MAX6345-UT-T Datasheet HTML 2Page - Maxim Integrated Products MAX6345-UT-T Datasheet HTML 3Page - Maxim Integrated Products MAX6345-UT-T Datasheet HTML 4Page - Maxim Integrated Products MAX6345-UT-T Datasheet HTML 5Page - Maxim Integrated Products MAX6345-UT-T Datasheet HTML 6Page - Maxim Integrated Products MAX6345-UT-T Datasheet HTML 7Page - Maxim Integrated Products MAX6345-UT-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX6342–MAX6345 family of microprocessor (µP)
supervisory circuits monitors power supplies in digital sys-
tems. These devices significantly improve system reliabili-
ty and accuracy compared to separate ICs or discrete
components.
The MAX6342–MAX6345 provide factory-trimmed VCC
reset threshold voltages from 2.33V to 4.63V and operate
with supply voltages between +1V and +5.5V. A +1.25V
threshold detector allows for a power-fail warning, for
low-battery detection, or for monitoring another power
supply. The MAX6342 contains an MR input and an
active-low push-pull reset. The MAX6343 and MAX6344
are identical to the MAX6342 except they provide an
active-low, open-drain reset and an active-high, push-
pull reset, respectively. The MAX6345 provides a second
reset output in place of the MR input to give it an active-
high push-pull reset and an active-low push-pull reset.
All of the devices are packaged in a miniature 6-pin
SOT23.
Applications
Portable Computers
Telecom Equipment
Networking Equipment
Portable/Battery-Powered Equipment
Multivoltage Systems
Embedded Control Systems
Features
♦ Small 6-Pin SOT23 Package
♦ Precision Factory-Set VCC Reset Thresholds
Between 2.33V and 4.63V
♦ Guaranteed RESET Valid to VCC = +1V
♦ 100ms min Reset Pulse Width
♦ Debounced CMOS-Compatible Manual-Reset
Input
♦ Voltage Monitor for Power-Fail or Low-Battery
Warning
6-Pin µP Reset Circuit with
Power-Fail Comparator
________________________________________________________________ Maxim Integrated Products
1
GND
PFI
16
5
VCC
( ) ARE FOR MAX6344 ONLY.
TOP VIEW
2
34
RESET (RESET)
PFO
MR
MAX6342
MAX6343
MAX6344
SOT23-6
Selector Guide 1
Selector Guide 2
19-1568; Rev 2; 12/05
PART
MAX6342_UT-T
MAX6343_UT-T
MAX6344_UT-T
-40°C to +125°C
-40°C to +125°C
-40°C to +125°C
TEMP RANGE
PIN-PACKAGE
6 SOT23-6
6 SOT23-6
6 SOT23-6
Note: The MAX6342–MAX6345 are available with factory-set
reset thresholds from 2.33V to 4.63V (see Selector Guides 1, 2).
Insert the letter corresponding to the desired nominal reset
threshold into the blank following the part number. There is a
2500 piece order increment required for the SOT package. SOT
Top Marks table appears at end of data sheet.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
Pin Configurations
Ordering Information
MAX6345_UT-T
-40°C to +125°C
6 SOT23-6
PART
PUSH-PULL
RESET OUTPUT
OPEN-DRAIN
RESET OUTPUT
PUSH-PULL RESET
OUTPUT
MAX6342
MAX6343
MAX6344
MAX6345
MANUAL-RESET
INPUT
Typical Operating Circuit appears at end of data sheet.
Pin Configurations continued at end of data sheet.
SUFFIX
RESET THRESHOLD (V)
L
4.63
M
4.38
T
3.08
S
2.93
R
2.63
Z
2.33
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX6345-UT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6345-T MAXIM-MAX6345-T Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
More results

Similar Description - MAX6345-UT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6342 MAXIM-MAX6342_05 Datasheet
554Kb / 8P
   6-Pin uP Reset Circuit with Power-Fail Comparator
19-1568; Rev 2; 12/05
MAX6342 MAXIM-MAX6342 Datasheet
129Kb / 8P
   6-Pin 關P Reset Circuit with Power-Fail Comparator
Rev 0; 10/99
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6394 MAXIM-MAX6394 Datasheet
849Kb / 8P
   High-Accuracy μP Reset Circuit
Rev 5; 12/19
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Maxim Integrated Produc...
MAX6315US31D2 MAXIM-MAX6315US31D2 Datasheet
536Kb / 7P
   Open-Drain SOT μP Reset Circuit
Rev 3; 12/05
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX821 MAXIM-MAX821_05 Datasheet
179Kb / 7P
   4-Pin μP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 3; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com