Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6343 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6343
Description  6-Pin μP Reset Circuit with Power-Fail Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6343 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6343 Datasheet HTML 1Page - Maxim Integrated Products MAX6343 Datasheet HTML 2Page - Maxim Integrated Products MAX6343 Datasheet HTML 3Page - Maxim Integrated Products MAX6343 Datasheet HTML 4Page - Maxim Integrated Products MAX6343 Datasheet HTML 5Page - Maxim Integrated Products MAX6343 Datasheet HTML 6Page - Maxim Integrated Products MAX6343 Datasheet HTML 7Page - Maxim Integrated Products MAX6343 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6-Pin µP Reset Circuit with
Power-Fail Comparator
_______________________________________________________________________________________
5
MAX6344
MAX6342
6
Active-High Push-Pull Reset Output. It remains high for 180ms
after VCC rises above the reset threshold or MR goes from low
to high.
6
Active-Low Reset Output. Push-pull for MAX6342/MAX6345.
Open-drain for MAX6343. It remains low for 180ms after VCC
rises above the reset threshold or MR goes from low to high.
5
5
Manual-Reset Input. Pull low to force a reset. RESET or RESET
remains active as long as MR is low and for the reset timeout
period after MR goes high. Leave unconnected or connect to
VCC if unused.
Pin Description (continued)
MAX6343
6
5
MAX6345
6
5
RESET
RESET
MR
FUNCTION
PIN
NAME
_______________Detailed Description
Reset Output
A µP’s reset input starts the µP in a known state. These
µP supervisory circuits assert reset to prevent code-
execution errors during power-up, power-down, or
brownout conditions.
RESET and RESET are guaranteed to be asserted at a
valid logic level for VCC > +1V (see the Electrical Char-
acteristics table). Once RESET asserts, it remains
asserted for at least 100ms (tRP) after VCC rises above
its threshold value or after MR returns high (Figures 1
and 2).
Open-Drain RESET Output
The MAX6343 has an active-low, open-drain reset out-
put. This output sinks current when RESET is asserted.
Connect a pull-up resistor from RESET to any positive
supply voltage up to +5.5V (Figure 3). Select a resistor
value large enough to register a logic low (see the Elec-
trical Characteristics table), and small enough to regis-
ter a logic high while supplying all input current and
leakage paths connected to the RESET line. A 10k
pull-up is sufficient in most applications.
Manual Reset
The MAX6342/MAX6343/MAX6344s’ manual-reset input
(MR) allows reset to be triggered by a pushbutton
switch. The switch is effectively debounced by the 1µs
min reset pulse width. MR is CMOS-logic compatible.
RESET
GENERATOR
VCC
6
(RESET)
5
RESET
4
PFO
1.25V
GND
100k
VTH
( ) ARE FOR MAX6344 ONLY.
1
MR
2
VCC
3
PFI
MAX6342
MAX6343
MAX6344
RESET
GENERATOR
6
RESET
5
RESET
4
PFO
1.25V
GND
VTH
1
2
VCC
3
PFI
MAX6345
Figure 1. MAX6342/MAX6343/MAX6344 Functional Diagram
Figure 2. MAX6345 Functional Diagram


Similar Part No. - MAX6343

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6343-T MAXIM-MAX6343-T Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6343_UT-T MAXIM-MAX6343_UT-T Datasheet
129Kb / 8P
   6-Pin 關P Reset Circuit with Power-Fail Comparator
Rev 0; 10/99
MAX6343_UT-T MAXIM-MAX6343_UT-T Datasheet
554Kb / 8P
   6-Pin uP Reset Circuit with Power-Fail Comparator
19-1568; Rev 2; 12/05
More results

Similar Description - MAX6343

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6342 MAXIM-MAX6342_05 Datasheet
554Kb / 8P
   6-Pin uP Reset Circuit with Power-Fail Comparator
19-1568; Rev 2; 12/05
MAX6342 MAXIM-MAX6342 Datasheet
129Kb / 8P
   6-Pin 關P Reset Circuit with Power-Fail Comparator
Rev 0; 10/99
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6394 MAXIM-MAX6394 Datasheet
849Kb / 8P
   High-Accuracy μP Reset Circuit
Rev 5; 12/19
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Maxim Integrated Produc...
MAX6315US31D2 MAXIM-MAX6315US31D2 Datasheet
536Kb / 7P
   Open-Drain SOT μP Reset Circuit
Rev 3; 12/05
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX821 MAXIM-MAX821_05 Datasheet
179Kb / 7P
   4-Pin μP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 3; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com