Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6344 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6344
Description  6-Pin μP Reset Circuit with Power-Fail Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6344 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX6344 Datasheet HTML 1Page - Maxim Integrated Products MAX6344 Datasheet HTML 2Page - Maxim Integrated Products MAX6344 Datasheet HTML 3Page - Maxim Integrated Products MAX6344 Datasheet HTML 4Page - Maxim Integrated Products MAX6344 Datasheet HTML 5Page - Maxim Integrated Products MAX6344 Datasheet HTML 6Page - Maxim Integrated Products MAX6344 Datasheet HTML 7Page - Maxim Integrated Products MAX6344 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Note that this method does not work with the open-drain
output of the MAX6343. The resistor value used is not
critical, but it must be large enough not to load the reset
output when VCC is above the reset threshold. For most
applications, 100k
Ω is adequate.
Monitoring Two Supplies
Monitor another voltage by connecting a resistor-divider
to PFI as shown in Figure 7. The threshold voltage will
then be given by:
VTH(PFI) = 1.25[(R1 + R2) / R2]
where VTH(PFI) is the threshold at which the monitored
voltage will trip PFO.
A good rule of thumb for selecting the resistors is to
choose R2 between 250k
Ω and 500kΩ and solve for R1.
Connect PFO to MR in applications that require reset to
assert when the second voltage falls below its threshold.
Monitoring a Negative Voltage
Connect the circuit as shown in Figure 8 to use the
power-fail comparator to monitor a negative supply rail.
PFO stays low when V- is good. When V- rises to cause
PFI to be above +1.25V, PFO goes high. By adding the
resistors and transistor as shown, a high PFO triggers
reset. As long as PFO remains high, the MAX6342/
MAX6343/MAX6344 will keep reset asserted. Note that
the accuracy of this circuit depends on the PFI thresh-
old tolerance, the VCC line voltage, and the resistors.
Also, ensure that the voltage at PFI remains above
GND.
Interfacing to µPs with
Bidirectional Reset Pins
6-Pin µP Reset Circuit with
Power-Fail Comparator
_______________________________________________________________________________________
7
VCC
VCC
R1
R2
V+
GND
( ) ARE FOR MAX6344 ONLY.
TO
µP
PFI
MR
PFO
RESET
(RESET)
MAX6342
MAX6343
MAX6344
Figure 7. Monitoring Two Supplies
VCC
VCC
R1
R1
R2
R2
V-
GND
( ) ARE FOR MAX6344 ONLY.
VCC - 1.25V = 1.25V - VTRIP
100k
100k
PFI
MR
PFO
RESET
(RESET)
MAX6342
MAX6343
MAX6344
VTRIP < 0
Figure 8. Monitoring a Negative Voltage
VCC
GND
BUFFERED RESET TO
OTHER SYSTEM
COMPONENTS
4.7k
RESET
MAX6342
MAX6345
VCC
GND
µP
RESET
Figure 9. Interfacing to µPs with Bidirectional Reset I/O
SOT Top Marks
PART
SOT TOP
MARK
PART
SOT TOP
MARK
MAX6342LUT-T
AACP
MAX6344LUT-T
AADQ
MAX6342MUT-T
AACQ
MAX6344MUT-T
AADR
MAX6342TUT-T
AACR
MAX6344TUT-T
AADS
MAX6342SUT-T
AACS
MAX6344SUT-T
AADT
MAX6342RUT-T
AACT
MAX6344RUT-T
AADU
MAX6342ZUT-T
AACU
MAX6344ZUT-T
AADV
MAX6343LUT-T
AACV
MAX6345LUT-T
AADW
MAX6343MUT-T
AACW
MAX6345MUT-T
AADX
MAX6343TUT-T
AACX
MAX6345TUT-T
AADY
MAX6343SUT-T
AACY
MAX6345SUT-T
AADZ
MAX6343RUT-T
AACZ
MAX6345RUT-T
AAEA
MAX6343ZUT-T
AADA
MAX6345ZUT-T
AAEB


Similar Part No. - MAX6344

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6344-T MAXIM-MAX6344-T Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6344_UT-T MAXIM-MAX6344_UT-T Datasheet
129Kb / 8P
   6-Pin 關P Reset Circuit with Power-Fail Comparator
Rev 0; 10/99
MAX6344_UT-T MAXIM-MAX6344_UT-T Datasheet
554Kb / 8P
   6-Pin uP Reset Circuit with Power-Fail Comparator
19-1568; Rev 2; 12/05
More results

Similar Description - MAX6344

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6342 MAXIM-MAX6342_05 Datasheet
554Kb / 8P
   6-Pin uP Reset Circuit with Power-Fail Comparator
19-1568; Rev 2; 12/05
MAX6342 MAXIM-MAX6342 Datasheet
129Kb / 8P
   6-Pin 關P Reset Circuit with Power-Fail Comparator
Rev 0; 10/99
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6394 MAXIM-MAX6394 Datasheet
849Kb / 8P
   High-Accuracy μP Reset Circuit
Rev 5; 12/19
MAX812LEUS-T MAXIM-MAX812LEUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Maxim Integrated Produc...
MAX6315US31D2 MAXIM-MAX6315US31D2 Datasheet
536Kb / 7P
   Open-Drain SOT μP Reset Circuit
Rev 3; 12/05
MAX811REUS-T MAXIM-MAX811REUS-T Datasheet
144Kb / 8P
   4-Pin μP Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX821 MAXIM-MAX821_05 Datasheet
179Kb / 7P
   4-Pin μP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 3; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com