Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21Q43ATN Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS21Q43ATN
Description  Quad E1 Framer
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21Q43ATN Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS21Q43ATN Datasheet HTML 5Page - Dallas Semiconductor DS21Q43ATN Datasheet HTML 6Page - Dallas Semiconductor DS21Q43ATN Datasheet HTML 7Page - Dallas Semiconductor DS21Q43ATN Datasheet HTML 8Page - Dallas Semiconductor DS21Q43ATN Datasheet HTML 9Page - Dallas Semiconductor DS21Q43ATN Datasheet HTML 10Page - Dallas Semiconductor DS21Q43ATN Datasheet HTML 11Page - Dallas Semiconductor DS21Q43ATN Datasheet HTML 12Page - Dallas Semiconductor DS21Q43ATN Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
DS21Q43A
9 of 60
DS21Q43A PIN DESCRIPTION Table 1-4
Transmit Clock [TCLK]. 2.048 MHz primary clock. Used to clock data through the transmit side
formatter. Necessary for proper operation of the parallel control port.
Transmit Serial Data [TSER]. Transmit NRZ serial data. Sampled on the falling edge of TCLK when
the transmit side elastic store is disabled. Sampled on the falling edge of TSYSCLK when the transmit
side elastic store is enabled.
Transmit Channel Clock [TCHCLK]. 256 kHz clock which pulses high during the LSB of each
channel. Synchronous with TCLK when the transmit side elastic store is disabled. Synchronous with
TSYSCLK when the transmit side elastic store is enabled. Useful for parallel to serial conversion of
channel data. See Section 11 for timing details.
Transmit Bipolar Data [TPOS and TNEG]. Updated on rising edge of TCLK. Can be programmed to
output NRZ data on TPOS via the TCR1.7 control bit.
Transmit Channel Block [TCHBLK]. A user programmable output that can be forced high or low
during any of the 32 E1 channels. Synchronous with TCLK when the transmit side elastic store is
disabled. Synchronous with TSYSCLK when the transmit side elastic store is enabled. Useful for
blocking clocks to a serial UART or LAPD controller in applications where not all E1 channels are used
such as Fractional E1, 384 kpbs service (H0), 1920 kpbs (H12), or ISDN-PRI. Also useful for locating
individual channels in drop-and-insert applications and for per-channel loopback. See Section 11 for
timing details.
Transmit System Clock [TSYSCLK]. 1.544 MHz or 2.048 MHz clock. Only used when the transmit
side elastic store function is enabled. Should be tied low in applications that do not use the transmit side
elastic store.
Transmit Link Clock [TLCLK]. 4 kHz to 20 kHz demand clock for the TLINK input. Controlled by
TCR2. See Section 11 for timing details.
Transmit Link Data [TLINK]. If enabled via TCR2, this pin will be sampled on the falling edge of
TCLK to insert data into the Sa bit positions. See Section 11 for timing details.
Transmit Sync [TSYNC]. A pulse at this pin will establish either frame or multiframe boundaries for the
DS21Q43A. Via TCR1.1, the DS21Q43A can be programmed to output either a frame or multiframe
pulse at this pin. See Section 11 for timing details.
Transmit Frame Sync [TFSYNC]. 8 kHz pulse. Only used when the transmit side elastic store is
enabled. A pulse at this pin will establish frame boundaries for the DS21Q43A. Should be tied low in
applications that do not use the transmit side elastic store. See Section 11 for timing details.
Receive Link Data [RLINK]. Updated with full received E1 data stream on the rising edge of RCLK.
See Section 11 for timing details.
Receive Link Clock [RLCLK]. 4 kHz to 20 kHz demand clock for the RLINK output. Controlled by
RCR2. See Section 11 for timing details. Necessary for proper operation of the parallel control port.
Receive Clock [RCLK]. 2.048 MHz primary clock. Used to clock data through the receive side of the
framer. Necessary for proper operation of the parallel control port.


Similar Part No. - DS21Q43ATN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q43A MAXIM-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
092299
More results

Similar Description - DS21Q43ATN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q43A MAXIM-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
092299
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
67Kb / 2P
   Quad E1 Framer
logo
Dallas Semiconductor
DS21Q44 DALLAS-DS21Q44 Datasheet
620Kb / 105P
   Enhanced QUAD E1 FRAMER
logo
Maxim Integrated Produc...
DS21Q44 MAXIM-DS21Q44 Datasheet
708Kb / 105P
   Enhanced Quad E1 Framer
062602
logo
Exar Corporation
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
1Mb / 2P
   QUADRUPLE E1 FRAMER
PM6341 PMC-PM6341 Datasheet
934Kb / 2P
   E1 FRAMER/TRANSCEIVER
PM6341E1XC PMC-PM6341E1XC Datasheet
915Kb / 272P
   E1 FRAMER/TRANSCEIVER
PM6344-1 PMC-PM6344-1 Datasheet
1,017Kb / 256P
   QUADRUPLE E1 FRAMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com