Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JP-8099-TJ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JP-8099-TJ
Description  Small Angled Nose Telecom Clip with Attached Single Spike
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JP-8099-TJ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JP-8099-TJ Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Mueller Electric Company
Mueller Electric Company
Mueller Electric Company
ISO 9001:2000
ISO 9001:2000
ISO 9001:2000
ISO 9001:2000
TEL.
TEL.
TEL.
TEL. 800
800
800
800-
-
-
-955
955
955
955-
-
-
-2629
2629
2629
2629
1625 E. 31
1625 E. 31
1625 E. 31
1625 E. 31st
st
st
st
Street
Street
Street
Street
Over 95 Years Of Innovation
TEL. 216
Over 95 Years Of Innovation
TEL. 216
Over 95 Years Of Innovation
TEL. 216
Over 95 Years Of Innovation
TEL. 216-
-
-
-771
771
771
771-
-
-
-5225
5225
5225
5225
C
C
C
Clllle
e
e
ev
vv
ve
e
e
elllla
a
a
an
n
n
nd
d
d
d,,,, O
O
O
Oh
h
h
hiiiio
o
o
o 4
4
4
44
4
4
41
1
1
11
1
1
14
4
4
4
w
w
w
ww
w
w
ww
w
w
w....m
m
m
mu
u
u
ue
e
e
elllllllle
e
e
errrre
e
e
elllle
e
e
ec
cc
cttttrrrriiiic
cc
c....c
cc
co
o
o
om
m
m
m
F
FF
FA
A
A
AX
X
X
X.... 2
2
2
21
1
1
16
6
6
6-
-
-
-7
7
7
77
7
7
71
1
1
1-
-
-
-3
3
3
30
0
0
06
6
6
68
8
8
8
• Small Angled Nose Telecom Clip with Single Spike
• Mueller
- J.S. Popper
brand
• Jaw opens 1.0” (25.4 mm)
• Uses single spike to pierce insulation
• Material: nickel-silver jaws; includes brass screw, brass nut, brass
washer, and bronze star washer
• Length: 2.61” (66.4 mm)
• Connection Options: -N Without Hardware, -L With Loose Hardware, -J
Banana Jack, -TJ Threaded Banana Jack
RoHS Compliant
Part Number:
JP-8099-***
Description:
Small Angled Nose Telecom Clip with
3107
Attached Single Spike


Similar Part No. - JP-8099-TJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JP-8099-TJ ETC2-JP-8099-TJ Datasheet
91Kb / 1P
   Small Angled Nose Telecom Clip with Attached Single Spike
JP-8099-TJ ETC2-JP-8099-TJ Datasheet
91Kb / 1P
   Small Angled Nose Telecom Clip with Attached Single Spike
More results

Similar Description - JP-8099-TJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JP-8099 ETC2-JP-8099 Datasheet
91Kb / 1P
   Small Angled Nose Telecom Clip with Attached Single Spike
JP-8099-TJ ETC2-JP-8099-TJ Datasheet
91Kb / 1P
   Small Angled Nose Telecom Clip with Attached Single Spike
JP-8078 ETC2-JP-8078 Datasheet
85Kb / 1P
   Small Angled Nose Telecom Clip with Hex Screw Attached Single Spike
JP-8078-TJ ETC2-JP-8078-TJ Datasheet
85Kb / 1P
   Small Angled Nose Telecom Clip with Hex Screw Attached Single Spike
JP-33699 ETC2-JP-33699 Datasheet
73Kb / 1P
   Large Straight Nose Telecom Clip with Single Spike
JP-8783 ETC2-JP-8783 Datasheet
85Kb / 1P
   Large Angled Nose Telecom Clip with Ben of Nails and Single Spike
JP-25182-J ETC2-JP-25182-J Datasheet
67Kb / 1P
   Small Angled Nose Telecom Clip with Ben of Nails
JP-25182 ETC2-JP-25182 Datasheet
67Kb / 1P
   Small Angled Nose Telecom Clip with Ben of Nails
JP-33674-J ETC2-JP-33674-J Datasheet
68Kb / 1P
   Large Straight Nose Telecom Clip with Ben of Nails and Single Spike
JP-33674 ETC2-JP-33674 Datasheet
68Kb / 1P
   Large Straight Nose Telecom Clip with Ben of Nails and Single Spike
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com