Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JP-25182-N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JP-25182-N
Description  Small Angled Nose Telecom Clip with Ben of Nails
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JP-25182-N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JP-25182-N Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Small Angled Nose Telecom Clip with Ben of Nails
• Mueller - J.S.Popper brand
• Jaw opens 1.0” (25.4 mm)
• Uses bed of nails to pierce insulation
• Material: nickel-silver jaws; includes brass screw, brass nut, brass
washer, and bronze star washer
• Length: 2.34” (59.4 mm)
• Connection Options: -N Without Hardware, -L With Loose Hardware, -J
Banana Jack, -TJ Threaded Banana Jack
RoHS Compliant
Part Number:
JP-25182-***
Description:
Small Angled Nose Telecom Clip with
3107
Ben of Nails


Similar Part No. - JP-25182-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JP-25182-J ETC2-JP-25182-J Datasheet
67Kb / 1P
   Small Angled Nose Telecom Clip with Ben of Nails
More results

Similar Description - JP-25182-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JP-25182-J ETC2-JP-25182-J Datasheet
67Kb / 1P
   Small Angled Nose Telecom Clip with Ben of Nails
JP-8783 ETC2-JP-8783 Datasheet
85Kb / 1P
   Large Angled Nose Telecom Clip with Ben of Nails and Single Spike
JP-33674 ETC2-JP-33674 Datasheet
68Kb / 1P
   Large Straight Nose Telecom Clip with Ben of Nails and Single Spike
JP-33674-J ETC2-JP-33674-J Datasheet
68Kb / 1P
   Large Straight Nose Telecom Clip with Ben of Nails and Single Spike
JP-8099-TJ ETC2-JP-8099-TJ Datasheet
91Kb / 1P
   Small Angled Nose Telecom Clip with Attached Single Spike
JP-8099-N ETC2-JP-8099-N Datasheet
91Kb / 1P
   Small Angled Nose Telecom Clip with Attached Single Spike
JP-8099 ETC2-JP-8099 Datasheet
91Kb / 1P
   Small Angled Nose Telecom Clip with Attached Single Spike
JP-8078-TJ ETC2-JP-8078-TJ Datasheet
85Kb / 1P
   Small Angled Nose Telecom Clip with Hex Screw Attached Single Spike
JP-8078 ETC2-JP-8078 Datasheet
85Kb / 1P
   Small Angled Nose Telecom Clip with Hex Screw Attached Single Spike
JP-5869-B ETC2-JP-5869-B Datasheet
80Kb / 1P
   Contact Clip with Bed of Nails
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com