Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21Q43AT Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS21Q43AT
Description  Quad E1 Framer
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21Q43AT Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS21Q43AT Datasheet HTML 1Page - Dallas Semiconductor DS21Q43AT Datasheet HTML 2Page - Dallas Semiconductor DS21Q43AT Datasheet HTML 3Page - Dallas Semiconductor DS21Q43AT Datasheet HTML 4Page - Dallas Semiconductor DS21Q43AT Datasheet HTML 5Page - Dallas Semiconductor DS21Q43AT Datasheet HTML 6Page - Dallas Semiconductor DS21Q43AT Datasheet HTML 7Page - Dallas Semiconductor DS21Q43AT Datasheet HTML 8Page - Dallas Semiconductor DS21Q43AT Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
1 of 60
092299
FEATURES
§ Four E1 (CEPT or PCM-30) /ISDN-PRI
framing transceivers
§ All four framers are fully independent;
transmit and receive sections of each framer
are fully independent
§ Frames to FAS, CAS, CCS, and CRC4
formats
§ 8-bit parallel control port that can be
connected to either multiplexed or non-
multiplexed buses
§ Each of the four framers contains dual two-
frame elastic stores that can connect to
asynchronous or synchronous backplanes up
to 8.192 MHz
§ Easy access to Si and Sa bits
§ Extracts and inserts CAS signaling
§ Large counters for bipolar and code
violations, CRC4 code word errors, FAS
word errors, and E-bits
§ Programmable output clocks for Fractional
E1, per channel loopback, H0 and H12
applications
§ Detects and generates AIS, remote alarm, and
remote multiframe alarms
§ Pin-compatible with DS21Q41B Quad T1
Framer
§ 5V supply; low power CMOS
§ Available in 128-pin TQFP
§ Industrial (-40°C to +85°C) grade version
available (DS21Q43ATN)
FUNCTIONAL DIAGRAM
ACTUAL SIZE
QUAD
E1
FRAMER
DESCRIPTION
The DS21Q43A combines four of the popular DS2143 E1 Controllers onto a single monolithic die. The
“A” designation denotes that some new features are available in the Quad version which were not
available in the single E1 device. The added features in the DS21Q43A are listed in Section 1. The
DS21Q43A offers a substantial space savings to applications that require more than one E1 framer on a
card. The Quad version is only slightly bigger than the single E1 device. All four framers in the
DS21Q43A are totally independent; they do not share a common framing synchronizer. Also, the transmit
and receive sides of each framer are totally independent. The dual two-frame elastic stores contained in
each of the four framers can be independently enabled and disabled as required. The DS21Q43A meets
all of the latest specifications, including CCITT/ITU G.704, G.706, G.962, and I.431 as well as ETS 300
011 and ETS 300 233.
DS21Q43A
Quad E1 Framer
www.dalsemi.com
RECEIVE
FRAMER
TRANSMIT
FORMATTER
ELASTIC
STORE
ELASTIC
STORE
FRAMER #0
FRAMER #1
FRAMER #2
FRAMER #3
CONTROL PORT


Similar Part No. - DS21Q43AT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q43A MAXIM-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
092299
More results

Similar Description - DS21Q43AT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q43A MAXIM-DS21Q43A Datasheet
748Kb / 60P
   Quad E1 Framer
092299
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
67Kb / 2P
   Quad E1 Framer
logo
Dallas Semiconductor
DS21Q44 DALLAS-DS21Q44 Datasheet
620Kb / 105P
   Enhanced QUAD E1 FRAMER
logo
Maxim Integrated Produc...
DS21Q44 MAXIM-DS21Q44 Datasheet
708Kb / 105P
   Enhanced Quad E1 Framer
062602
logo
Exar Corporation
XRT86VL34 EXAR-XRT86VL34 Datasheet
2Mb / 174P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
XRT86VL34 EXAR-XRT86VL34_07 Datasheet
2Mb / 175P
   QUAD T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
logo
PMC-Sierra, Inc
PM6344 PMC-PM6344 Datasheet
1Mb / 2P
   QUADRUPLE E1 FRAMER
PM6341 PMC-PM6341 Datasheet
934Kb / 2P
   E1 FRAMER/TRANSCEIVER
PM6341E1XC PMC-PM6341E1XC Datasheet
915Kb / 272P
   E1 FRAMER/TRANSCEIVER
PM6344-1 PMC-PM6344-1 Datasheet
1,017Kb / 256P
   QUADRUPLE E1 FRAMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com