Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2223 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2223
Description  EconoRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2223 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2223 Datasheet HTML 2Page - Dallas Semiconductor DS2223 Datasheet HTML 3Page - Dallas Semiconductor DS2223 Datasheet HTML 4Page - Dallas Semiconductor DS2223 Datasheet HTML 5Page - Dallas Semiconductor DS2223 Datasheet HTML 6Page - Dallas Semiconductor DS2223 Datasheet HTML 7Page - Dallas Semiconductor DS2223 Datasheet HTML 8Page - Dallas Semiconductor DS2223 Datasheet HTML 9Page - Dallas Semiconductor DS2223 Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DS2223/DS2224
080598 9/10
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–0.5V to +6.5V
Operating Temperature
–40
°C to +85°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(–40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Data Pin
DQ
–0.5
6.0
V
1
Supply Voltage
VCC
1.2
5.5
V
1
DC ELECTRICAL CHARACTERISTICS
(–40
°C to +85°C; VCC=2.0V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Logic Low
VIL
–0.5
0.4
0.8
V
1
Input Logic High
VIH
VCC–0.5
6.0
V
1
Sink Current
IL
1
2
mA
4
Output Logic Low
VOL
0.4
V
1
Output Logic High
VOH
VPUP
5.5
V
1, 2
Input Resistance
IR
500
k
3
Operating Current
IOP
36
nC
5
Standby Current
ISTBY
2
25
nA
6
DC ELECTRICAL CHARACTERISTICS
(–40
°C to +85°C; VCC=1.4V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Logic Low
VIL
–0.5
0.2
V
1
Input Logic High
VIH
1.0
6.0
V
1
Sink Current
IL
1
2
mA
7
Output Logic Low
VOL
0.4
V
4
Output Logic High
VOH
VPUP
5.5
V
1, 2
Input Resistance
IR
500
k
3
Operating Current
IOP
36
nC
5
Standby Current
ISTBY
2
15
nA
6


Similar Part No. - DS2223

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2227 DALLAS-DS2227 Datasheet
191Kb / 10P
   Flexible NV SRAM Stik
logo
Maxim Integrated Produc...
DS2227 MAXIM-DS2227 Datasheet
196Kb / 10P
   Flexible NV SRAM Stik
112099
logo
Dallas Semiconductor
DS2227-100 DALLAS-DS2227-100 Datasheet
191Kb / 10P
   Flexible NV SRAM Stik
DS2227-120 DALLAS-DS2227-120 Datasheet
191Kb / 10P
   Flexible NV SRAM Stik
DS2227-70 DALLAS-DS2227-70 Datasheet
191Kb / 10P
   Flexible NV SRAM Stik
More results

Similar Description - DS2223

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2404 DALLAS-DS2404 Datasheet
663Kb / 28P
   EconoRAM Time Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com