Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP300HSN47T1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP300HSN47T1G
Description  Voltage Detector Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP300HSN47T1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP300HSN47T1G Datasheet HTML 6Page - ON Semiconductor NCP300HSN47T1G Datasheet HTML 7Page - ON Semiconductor NCP300HSN47T1G Datasheet HTML 8Page - ON Semiconductor NCP300HSN47T1G Datasheet HTML 9Page - ON Semiconductor NCP300HSN47T1G Datasheet HTML 10Page - ON Semiconductor NCP300HSN47T1G Datasheet HTML 11Page - ON Semiconductor NCP300HSN47T1G Datasheet HTML 12Page - ON Semiconductor NCP300HSN47T1G Datasheet HTML 13Page - ON Semiconductor NCP300HSN47T1G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
NCP300, NCP301
http://onsemi.com
10
Table 3. ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V
NCP301 Series
Detector Threshold
Detector Threshold
Hysteresis
Supply Current
Nch Sink Current
Vin Low
Vin High
Vin Low
Vin High
Part Number
VDET− (V) (Note 16)
VHYS (V)
Iin (mA)
(Note 16)
Iin (mA)
(Note 18)
IOUT (mA)
(Note 19)
IOUT (mA)
(Note 20)
Min
Typ
Max
Min
Typ
Max
Typ
Typ
Typ
Typ
NCP301LSN09T1
0.882
0.9
0.918
0.027
0.045
0.063
0.20
0.45
0.05
0.5
NCP301LSN12T1
1.176
1.2
1.224
0.036
0.060
0.084
NCP301LSN16T1
1.568
1.6
1.632
0.048
0.080
0.112
2.0
NCP301LSN18T1
1.764
1.8
1.836
0.054
0.090
0.126
0.23
0.48
NCP301LSN20T1
1.960
2.0
2.040
0.060
0.100
0.140
NCP301LSN22T1
2.156
2.2
2.244
0.066
0.110
0.154
NCP301LSN24T1
2.352
2.4
2.448
0.072
0.120
0.168
NCP301LSN25T1
2.450
2.5
2.550
0.075
0.125
0.175
NCP301LSN26T1
2.548
2.6
2.652
0.078
0.130
0.182
NCP301LSN27T1
2.646
2.7
2.754
0.081
0.135
0.189
0.25
0.50
NCP301LSN28T1
2.744
2.8
2.856
0.084
0.140
0.196
NCP301LSN30T1
2.940
3.0
3.060
0.090
0.150
0.210
NCP301LSN31T1
3.038
3.1
3.162
0.093
0.155
0.217
NCP301LSN32T1
3.136
3.2
3.264
0.096
0.160
0.224
NCP301LSN33T1
3.234
3.3
3.366
0.099
0.165
0.231
NCP301LSN34T1
3.332
3.4
3.468
0.102
0.170
0.238
NCP301LSN36T1
3.528
3.6
3.672
0.108
0.180
0.252
NCP301LSN40T1
3.920
4.0
4.080
0.120
0.200
0.280
NCP301LSN42T1
4.116
4.2
4.284
0.126
0.210
0.294
NCP301LSN45T1
4.410
4.5
4.590
0.135
0.225
0.315
0.33
0.52
NCP301LSN46T1
4.508
4.6
4.692
0.138
0.230
0.322
NCP301LSN47T1
4.606
4.7
4.794
0.141
0.235
0.329
0.34
0.53
16.Values shown apply at +25°C only. For voltage options greater than 1.1 V, VDET− limits over operating temperature range (−40°C to +125°C)
are VNOM ±3%. For voltage options < 1.2 V, VDET− is guaranteed only at +25°C.
17.Condition 1: 0.9 − 2.9 V, Vin = VDET− − 0.10 V; 3.0 − 3.9 V, Vin = VDET− − 0.13 V; 4.0 − 4.9 V, Vin = VDET− − 0.16 V
18.Condition 2: 0.9 − 4.9 V, Vin = VDET− + 2.0 V
19.Condition 3: 0.9 − 4.9 V, Vin = 0.7 V, VOUT = 0.05 V, Active Low ‘L’ Suffix Devices
20.Condition 4: 0.9 − 1.0 V, Vin = 0.85 V, VOUT = 0.5 V; 1.1 − 1.5 V, Vin = 1.0 V, VOUT = 0.5 V; 1.6 − 4.9 V, Vin = 1.5 V, VOUT = 0.5 V,
Condition 4: Active Low ‘L’ Suffix Devices
Table 4. ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V
NCP301 Series
Detector Threshold
Detector Threshold
Hysteresis
Supply Current
Nch
Sink Current
Vin Low
Vin High
Part Number
VDET− (V) (Note 21)
VHYS (V)
Iin (mA)
(Note 22)
Iin (mA)
(Note 23)
IOUT (mA)
(Note 24)
Min
Typ
Max
Min
Typ
Max
Typ
Typ
Typ
NCP301HSN09T1
0.882
0.9
0.918
0.027
0.045
0.063
0.20
0.45
2.5
NCP301HSN18T1
1.764
1.8
1.836
0.054
0.090
0.126
NCP301HSN22T1
2.156
2.2
2.244
0.066
0.110
0.154
NCP301HSN27T1
2.646
2.7
2.754
0.081
0.135
0.189
0.25
0.50
NCP301HSN30T1
2.940
3.0
3.060
0.090
0.150
0.210
NCP301HSN45T1
4.410
4.5
4.590
0.135
0.225
0.315
0.33
0.52
21.Values shown apply at +25°C only. For voltage options greater than 1.1 V, VDET− limits over operating temperature range (−40°C to
+125°C) are VNOM ±3%. For voltage options < 1.2 V, VDET− is guaranteed only at +25°C.
22.Condition 1: 0.9 − 2.9 V, Vin = VDET− − 0.10 V; 3.0 − 3.9 V, Vin = VDET− − 0.13 V; 4.0 − 4.9 V, Vin = VDET− − 0.16 V
23.Condition 2: 0.9 − 4.9 V, Vin = VDET− + 2.0 V
24.Condition 3: 0.9 − 1.4 V, Vin = 1.5 V, VOUT = 0.5 V; 1.5 − 4.9 V, Vin = 5.0 V, VOUT = 0.5 V, Active High ‘H’ Suffix Devices


Similar Part No. - NCP300HSN47T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300HSN47T1G ONSEMI-NCP300HSN47T1G Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP300HSN47T1G ONSEMI-NCP300HSN47T1G Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCP300HSN47T1G ONSEMI-NCP300HSN47T1G Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
More results

Similar Description - NCP300HSN47T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com