Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2455R-100-77 Datasheet(PDF) 7 Page - Honeywell Accelerometers

Part # 2455R-100-77
Description  Thermostats - Commercial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

2455R-100-77 Datasheet(HTML) 7 Page - Honeywell Accelerometers

  2455R-100-77 Datasheet HTML 1Page - Honeywell Accelerometers 2455R-100-77 Datasheet HTML 2Page - Honeywell Accelerometers 2455R-100-77 Datasheet HTML 3Page - Honeywell Accelerometers 2455R-100-77 Datasheet HTML 4Page - Honeywell Accelerometers 2455R-100-77 Datasheet HTML 5Page - Honeywell Accelerometers 2455R-100-77 Datasheet HTML 6Page - Honeywell Accelerometers 2455R-100-77 Datasheet HTML 7Page - Honeywell Accelerometers 2455R-100-77 Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Bimetal Thermostats - Sensing and Control - Honeywell Automation and Control Solutions
Ceramic Thermostats
Series
Features
Applications
2450RC,
2450RCH,
2455RC
15 A 120 Vac; 10 A 240 Vac
UL recognized, CSA certified
and European approved
Contacts are available for mV
and mA applications
Environmental Exposure 0 °C
to 177 °C [32 °F to 350 °F]
Office automation
products
Table-top applications
Industrial equipment
Appliances
Manual Reset Thermostats
Series
Features
Applications
2455RM,
2450CM
15 A, 120 Vac; 10 A, 240 Vac
UL recognized, CSA certified
and European approved
Environmental Exposure for
2455RM -18 °C to 121 °C [0 °
F to 250 °F]
Environmental exposure for
3450CM 10 °C to 260 °C [50 °
F to 500 °F]
Office automation
products
Medical equipment
Overmolded Automatic Reset Thermostats
Series
Features
Applications
2455RBV
15 A ,120 Vac; 8.3 A, 240 Vac
UL recognized, CSA certified
and European approved
Environmental exposure -18 °
C to 121 °C [0 °F to 250 °F]
Industrial equipment
Heat Detection Thermostats
Series
Features
Applications
2450A,
2455RA
UL recognized
Environmental exposure 0 °C
to 150 °C [32 °F to 302 °F]
Heat detection
One-shot Thermostats
Series
Features
Applications
2450R,
2455R,
2450RC,
2455RC
15 A, 120 Vac; 10 A, 240 Vac
UL recognized, CSA certified
and European approved
Environmental exposure for
2450R & 2455R 0 °C to 177 °
C [32 °F to 350 °F]
Environmental exposure for
2450RC & 2455RC 0 °C to
288 °C [32 °F to 550 °F]
Automation equipment
Tabletop appliances
http://content.honeywell.com/sensing/prodinfo/thermostats/bimetalthermostat.asp (4 of 4)17/11/2005 09:56:24


Similar Part No. - 2455R-100-77

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2455R-00750822 HONEYWELL-ACC-2455R-00750822 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820191 HONEYWELL-ACC-2455R-00820191 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820235 HONEYWELL-ACC-2455R-00820235 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820712 HONEYWELL-ACC-2455R-00820712 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820714 HONEYWELL-ACC-2455R-00820714 Datasheet
513Kb / 11P
   Thermostats Line Guide
More results

Similar Description - 2455R-100-77

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
   Thermostats
logo
Silicon Laboratories
SI7050 SILABS-SI7050 Datasheet
594Kb / 26P
   Thermostats
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
   6700 SERIES THERMOSTATS
6600 ETC2-6600 Datasheet
598Kb / 4P
   SERIES 6600 THERMOSTATS
logo
Hammond Manufacturing L...
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
   Thermostats doubles
logo
Silicon Laboratories
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
   Thermostats/humidistats
logo
Honeywell Solid State E...
3106U-0003-0173 HONEYWELL-3106U-0003-0173 Datasheet
493Kb / 10P
   Thermostats Line Guide
logo
Honeywell Accelerometer...
2455RC-90820465 HONEYWELL-ACC-2455RC-90820465 Datasheet
513Kb / 11P
   Thermostats Line Guide
logo
List of Unclassifed Man...
F11-E06 ETC2-F11-E06 Datasheet
570Kb / 2P
   Encapsulated Thermostats for Electronics
CA-120 ETC2-CA-120 Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com