Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2455R-100-88 Datasheet(PDF) 6 Page - Honeywell Accelerometers

Part # 2455R-100-88
Description  Thermostats - Commercial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

2455R-100-88 Datasheet(HTML) 6 Page - Honeywell Accelerometers

  2455R-100-88 Datasheet HTML 1Page - Honeywell Accelerometers 2455R-100-88 Datasheet HTML 2Page - Honeywell Accelerometers 2455R-100-88 Datasheet HTML 3Page - Honeywell Accelerometers 2455R-100-88 Datasheet HTML 4Page - Honeywell Accelerometers 2455R-100-88 Datasheet HTML 5Page - Honeywell Accelerometers 2455R-100-88 Datasheet HTML 6Page - Honeywell Accelerometers 2455R-100-88 Datasheet HTML 7Page - Honeywell Accelerometers 2455R-100-88 Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Bimetal Thermostats - Sensing and Control - Honeywell Automation and Control Solutions
3000
Customized probe length
Custom probe materials
Many termination/connector
options
Heater control
Aircraft bleed air Duct
sensing
Liquid bath control
Hydraulic oil temperature
control
Non-Hermetic Thermostats
Series
Features
Applications
3001, 3004
Low profile and lightweight
(Model 3001)
European approved (3004
only)
Tight temperature tolerances
and differentials available
Computers
Office equipment
Blood analyzers
High Amperage Thermostats 15 A
Series
Features
Applications
3450, 3455R,
3455RBV
Electrical rating to 15 A 120
Vac resistive
UL recognized, CSA certified
and European approved
Single-pole, single-throw
Environmental exposure for
the 3450 & 3455R -18 °C to
177 °C [0 °F to 350 °F]
Environmental exposure for
the 3455RBV -18 °C to 121 °
C [0 °F to 250 °F]
Power supplies
Communications
equipment
Medical equipment
Computers (where high
amperage loads are
present)
3450RC,
3455RC
High temperature
environmental exposure -18 °
C to 288 °C [0 °F to 550 °F]
Electrical rating to 15 A 120
Vac resistive
UL recognized, CSA certified
and European approved
Single-pole, single-throw
Communications
equipment
Computers (where high
amperage loads are
present)
Medical equipment
Appliances
Manual Reset Thermostats
Series
Features
Applications
3455RM,
3450CM
Manually resettable operation
(reset button)
Electrical rating to 15 A 120
Vac resistive
UL recognized and CSA
certified
Environmental exposure 10 °
C to 177 °C [50 °F to 350 F]
Where automatic reset is
not preferred
Commercial Thermostats
Phenolic Thermostats
Series
Features
Applications
2450R,
2450HR,
2455R
15 A, 120 Vac; 10 A, 240 Vac
UL recognized, CSA certified
and European approved
Contacts are available for mV
and mA applications
Environmental exposure 0 °C
to 177 °C [32 °F to 350 °F]
Copy machines
Medical equipment
Power supplies
http://content.honeywell.com/sensing/prodinfo/thermostats/bimetalthermostat.asp (3 of 4)17/11/2005 09:56:24


Similar Part No. - 2455R-100-88

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2455R-00750822 HONEYWELL-ACC-2455R-00750822 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820191 HONEYWELL-ACC-2455R-00820191 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820235 HONEYWELL-ACC-2455R-00820235 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820712 HONEYWELL-ACC-2455R-00820712 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820714 HONEYWELL-ACC-2455R-00820714 Datasheet
513Kb / 11P
   Thermostats Line Guide
More results

Similar Description - 2455R-100-88

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SKT HAMMOND-SKT Datasheet
106Kb / 2P
   Thermostats
logo
Silicon Laboratories
SI7050 SILABS-SI7050 Datasheet
594Kb / 26P
   Thermostats
logo
List of Unclassifed Man...
67F090 ETC1-67F090 Datasheet
882Kb / 3P
   6700 SERIES THERMOSTATS
6600 ETC2-6600 Datasheet
598Kb / 4P
   SERIES 6600 THERMOSTATS
logo
Hammond Manufacturing L...
SKTD HAMMOND-SKTD Datasheet
77Kb / 2P
   Thermostats doubles
logo
Silicon Laboratories
SI7007-A10 SILABS-SI7007-A10 Datasheet
772Kb / 25P
   Thermostats/humidistats
logo
Honeywell Solid State E...
3106U-0003-0173 HONEYWELL-3106U-0003-0173 Datasheet
493Kb / 10P
   Thermostats Line Guide
logo
Honeywell Accelerometer...
2455RC-90820465 HONEYWELL-ACC-2455RC-90820465 Datasheet
513Kb / 11P
   Thermostats Line Guide
logo
List of Unclassifed Man...
F11-E06 ETC2-F11-E06 Datasheet
570Kb / 2P
   Encapsulated Thermostats for Electronics
CA-120 ETC2-CA-120 Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com