Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFM21H Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # NFM21H
Description  On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM21H Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  NFM21H Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFM21H Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFM21H Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM21H Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFM21H Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFM21H Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFM21H Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFM21H Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFM21H Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
On-Board Type (DC) EMI Suppression Filters (EMIFILr) for Automotive
Chip Ferrite Beads Part Numbering
(Part Number)
Chip Ferrite Beads for Automotive
eDimensions (LgW)
Code
1.6g0.8mm
Dimensions (LgW)
0603
EIA
18
1.0g0.5mm
0402
15
2.0g1.25mm
0805
21
3.2g1.6mm
1206
31
4.5g1.6mm
1806
41
qProduct ID
BL
Chip Ferrite Beads
Product ID
wType
M
Monolithic Type
Code
Type
rCharacteristics/Applications
Code *1
for General Use
Characteristics/Applications
tImpedance
Expressed by three figures. The unit is in ohm (
Ω). The first and
second figures are significant digits, and the third figure
expresses the number of zeros which follow the two figures.
yElectrode
Expressed by a letter.
uCategory
H
for Automotive
Code
Category
S/T
W
Sn Plating
Ag/Pd
Code
Electrode
iNumber of Circuits
1
1 Circuit
Code
Number of Circuits
AG
for High-speed Signal Lines
for Power Supplies
BA
AJ
BB
BLM15/18/21/31
BLM18
BLM15/18/21
BLM18/21/31/41
BLM18
BD
PG
for GHz Band General Use
HG
for GHz Band General Use
(Low DC Resistance Type)
EG
for GHz Band High-speed Signal Lines
HD
Series
*1 Frequency characteristics vary with each code.
Ex.)
ty
102
q
BL
u
S
r
AG
e
18
1
o
D
w
M
i
H
oPackaging
K
L
B
J
D
BLM21 *1/31/41
All Series
BLM15/18/21 *2
Embossed Taping (ø330mm Reel)
Embossed Taping (ø180mm Reel)
Bulk
Paper Taping (ø330mm Reel)
Paper Taping (ø180mm Reel)
Code
Packaging
Series
*1 BLM21BD222SH1/BLM21BD272SH1 only.
*2 Except BLM21BD222SH1/BLM21BD272SH1
C50E.pdf
Aug.28,2008


Similar Part No. - NFM21H

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM21HC102R1H3 MURATA-NFM21HC102R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
logo
Murata Manufacturing Co...
NFM21HC102R1H3 MURATA1-NFM21HC102R1H3 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
NFM21HC104R1A3 MURATA-NFM21HC104R1A3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
logo
Murata Manufacturing Co...
NFM21HC104R1A3 MURATA1-NFM21HC104R1A3 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
NFM21HC105R1C3 MURATA-NFM21HC105R1C3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
More results

Similar Description - NFM21H

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM31PG330SN1 MURATA-BLM31PG330SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFE61HT102F2A9L MURATA-NFE61HT102F2A9L Datasheet
62Kb / 2P
   For Automotive EMIFILr (Capacitor type) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com