Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFM21H Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # NFM21H
Description  On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM21H Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button NFM21H Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFM21H Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFM21H Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFM21H Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NFM21H Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NFM21H Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NFM21H Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NFM21H Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. NFM21H Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
8
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
BLM18A Series Conductive Glue Applicable Type
s Features
The chip ferrite beads BLM series is designed to
function nearly as a resistor at noise frequencies,
which greatly reduces the possibility of resonance and
leaves signal wave forms undistorted.
BLM series is effective in circuits without stable
ground lines because BLM series does not need a
connection to ground.
BLM_A series generates an impedance from the
relatively low frequencies. Therefore BLM_A series is
effective in noise suppression in a wide frequency
range (30MHz to several hundred MHz).
BLM18A_WH series is designed for conductive glue
mounting method, not for normal soldering method.
Please contact us for applicable mounting method
for BLM18A_WH series.
0.4
±0.2
1.6
±0.15
0.8
±0.15
(in mm)
Part Number
Impedance
(at 100MHz/20
°C)
(ohm)
Rated Current
(mA)
DC Resistance (max.)
(ohm)
Operating
Temperature Range
(
°C)
BLM18AG471WH1
470
±25%
200
0.20
-55 to +150
BLM18AG102WH1
1000
±25%
200
0.70
-55 to +150
s Equivalent Circuit
(Resistance element becomes dominant
at high frequencies.)
s Impedance - Frequency (Typical)
BLM18A Series
Frequency (MHz)
0
300
600
900
1200
1500
1
10
100
1000
BLM18AG102WH1
BLM18AG471WH1
s Impedance - Frequency Characteristics
BLM18AG471WH1
Frequency (MHz)
0
200
400
600
1
10
100
1000
Z
X
R
BLM18AG102WH1
Frequency (MHz)
0
300
600
900
1200
1500
1
10
100
1000
Z
X
R
C50E.pdf
Aug.28,2008


Similar Part No. - NFM21H

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM21HC102R1H3 MURATA-NFM21HC102R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
logo
Murata Manufacturing Co...
NFM21HC102R1H3 MURATA1-NFM21HC102R1H3 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
NFM21HC104R1A3 MURATA-NFM21HC104R1A3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
logo
Murata Manufacturing Co...
NFM21HC104R1A3 MURATA1-NFM21HC104R1A3 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
NFM21HC105R1C3 MURATA-NFM21HC105R1C3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
More results

Similar Description - NFM21H

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM31PG330SN1 MURATA-BLM31PG330SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFE61HT102F2A9L MURATA-NFE61HT102F2A9L Datasheet
62Kb / 2P
   For Automotive EMIFILr (Capacitor type) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com