Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSLT02A Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NSSLT02A
Description  SPECIFICATIONS FOR WARM WHITE LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSLT02A Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NSSLT02A Datasheet HTML 7Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 8Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 9Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 10Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 11Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 12Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 13Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 14Page - NICHIA CORPORATION NSSLT02A Datasheet HTML 15Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NICHIA STS-DA1-2922E <Cat.No.140408>
10
OPTICAL CHARACTERISTICS
NSSLT02A
管理番号
No. STS-DA7-5034C
A
65mA
IF=
T=25°C
Spectrum
0.0
0.2
0.4
0.6
0.8
1.0
400
450
500
550
600
650
700
750
800
相対照度
Relative Illuminance(a.u.)
Directivity1
90°
80°
70°
60°
50°
40°
30°
20°
10°
-10°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
-90°
発光スペクトル
Spectrum
波長
Wavelength(nm)
指向特性
Directivity
X-X
Y-Y
1
0.5
0
0.5
1
65mA
IFP=
T
A=25°C
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.
Y
Y
X
X


Similar Part No. - NSSLT02A

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSLT02A-V1 NICHIA-NSSLT02A-V1 Datasheet
610Kb / 18P
   rohs compliant
More results

Similar Description - NSSLT02A

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSBLL121A NICHIA-NSBLL121A Datasheet
474Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NSPL510DS NICHIA-NSPL510DS_14 Datasheet
217Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
NSPL570DS NICHIA-NSPL570DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
NS9L383 NICHIA-NS9L383 Datasheet
369Kb / 21P
   SPECIFICATIONS FOR WARM WHITE LED
NHSL157BT NICHIA-NHSL157BT Datasheet
327Kb / 17P
   SPECIFICATIONS FOR WARM WHITE LED
NFSL757GT-P5 NICHIA-NFSL757GT-P5 Datasheet
607Kb / 23P
   SPECIFICATIONS FOR WARM WHITE LED
NS2L157ART-H3 NICHIA-NS2L157ART-H3 Datasheet
304Kb / 18P
   SPECIFICATIONS FOR WARM WHITE LED
NS6L183BT NICHIA-NS6L183BT Datasheet
368Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NT2L757DT NICHIA-NT2L757DT Datasheet
322Kb / 20P
   SPECIFICATIONS FOR WARM WHITE LED
NSCLL036A NICHIA-NSCLL036A Datasheet
473Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NESL064AT NICHIA-NESL064AT_14 Datasheet
309Kb / 17P
   SPECIFICATIONS FOR WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com