Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2251T-64-16 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS2251T-64-16
Description  128k Soft Microcontroller Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2251T-64-16 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS2251T-64-16 Datasheet HTML 2Page - Dallas Semiconductor DS2251T-64-16 Datasheet HTML 3Page - Dallas Semiconductor DS2251T-64-16 Datasheet HTML 4Page - Dallas Semiconductor DS2251T-64-16 Datasheet HTML 5Page - Dallas Semiconductor DS2251T-64-16 Datasheet HTML 6Page - Dallas Semiconductor DS2251T-64-16 Datasheet HTML 7Page - Dallas Semiconductor DS2251T-64-16 Datasheet HTML 8Page - Dallas Semiconductor DS2251T-64-16 Datasheet HTML 9Page - Dallas Semiconductor DS2251T-64-16 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
DS2251T
6 of 20
PIN
DESCRIPTION
71
VRST
- This I/O pin (open-drain with internal pullup) indicates that the power supply (VCC)
has fallen below the VCCMIN level and the micro is in a reset state. When this occurs, the
DS2251T will drive this pin to a logic 0. Because the micro is lithium backed, this signal is
guaranteed even when VCC=0V. Because it is an I/O pin, it will also force a reset if pulled
low externally. This allows multiple parts to synchronize their power-down resets.
65
PF
- This output goes to a logic 0 to indicate that the micro has switched to lithium backup.
It corresponds to VCC < VLI. Because the micro is lithium backed, this signal is guaranteed
even when VCC=0V.
55
INTB
- INTB from the real time clock. This output may be connected to a micro interrupt
input.
68
INTP
- INTP from the real time clock. This open-drain output requires a pullup and may be
connected to a micro interrupt input.
69
INTA
- INTA from the real time clock. This output may be connected to a micro interrupt
input.
70
SQW - SQW output from the DS1283 Real Time Clock. Can be programmed to output an
1024 Hz square wave.
INSTRUCTION SET
The DS2251T executes an instruction set that is object code compatible with the industry standard 8051
microcontroller. As a result, software development packages such as assemblers and compilers that have
been written for the 8051 are compatible with the DS2251T.
A complete description of the instruction set and operation are provided in the User’s Guide section of the
Secure Microcontroller Data Book.
MEMORY ORGANIZATION
Figure 2 illustrates the memory map accessed by the DS2251T. The entire 64k of program and 64k of
data are available to the Byte-wide bus. This preserves the I/O ports for application use. The user controls
the portion of memory that is actually mapped to the Byte-wide bus by selecting the Program Range and
Data Range. Any area not mapped into the NV RAM is reached via the Expanded bus on Ports 0 and 2.
An alternate configuration allows dynamic Partitioning of a 64k space as shown in Figure 3. Selecting
PES=1 provides access to the real time clock on the DS2251T and enables PE3 and PE4 for peripheral
access as shown in Figure 4. These selections are made using Special Function Registers. The memory
map and its controls are covered in detail in the User’s Guide section of the Secure Microcontroller Data
Book.


Similar Part No. - DS2251T-64-16

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2251T-64-16 DALLAS-DS2251T-64-16 Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
DS2251T-64-16 DALLAS-DS2251T-64-16 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2251T-64-16 MAXIM-DS2251T-64-16 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
DS2251T-64-16# MAXIM-DS2251T-64-16# Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
More results

Similar Description - DS2251T-64-16

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T_06 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2251T MAXIM-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2250T DALLAS-DS2250T Datasheet
594Kb / 20P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_06 Datasheet
680Kb / 16P
   Soft Microcontroller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com