Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL8048HL11-01A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NL8048HL11-01A
Description  NLT Technologies, Ltd. - Exclusive Representative
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NL8048HL11-01A Datasheet(HTML) 2 Page - Renesas Technology Corp

  NL8048HL11-01A Datasheet HTML 1Page - Renesas Technology Corp NL8048HL11-01A Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Printed on Recycled Paper.
© 2011 Renesas Electronics America Inc. (REA). All rights reserved. All trademarks are the property of their respective owners. REA believes the information
herein was accurate when given but assumes no risk as to its quality or use. All information is provided “as-is”without warranties of any kind, whether express,
implied, statutory, or arising from course of dealing, usage, or trade practice, including without limitation as to merchantability, tness for a particular purpose, or
non-infringement. REA shall not be liable for any direct, indirect, special, consequential, incidental, or other damages whatsoever, arising from use of or reliance
on the information herein, even if advised of the possibility of such damages. REA reserves the right, without notice, to discontinue products or make changes to
the design or specications of its products or other information herein. All contents are protected by U.S. and international copyright laws. Except as specically
permitted herein, no portion of this material may be reproduced in any form, or by any means, without prior written permission from Renesas Electronics America Inc.
Visitors or users are not permitted to modify, distribute, publish, transmit or create derivative works of any of this material for any public or commercial purposes.
Renesas Electronics America Inc.
| 2880 Scott Boulevard, Santa Clara, CA 95050-2554 | Phone: 1 (408) 588-6000 | www.am.renesas.com
ENVIRONMENTAL INITIATIVES
Our products are RoHS compliant
Out of concern for the environment,
NLT Technologies began reducing
the use of hazardous substances in
our LCD modules prior to the RoHS
Directive. We have eliminated the
six substances targeted in the RoHS
Directive as well as other substances
we have identified as potentially
hazardous so that our products are
now RoHS-compliant.
NLT Technologies, Ltd.
Renesas Electronics America Inc.
2880 Scott Boulevard
Santa Clara, CA 95050-2554
1-408-588-6000
www.am.renesas.com/prod/displays
NLT Technologies, Ltd.
1753 Shimonumabe, Nakahara-Ku
Kawasaki, Kanagawa 211-8666, Japan
044-435-1666
www.nlt-technologies.co.jp/en
Note:
Renesas Electronics America Inc.
is the exclusive representative of
NLTTechnologies in the Americas.
Technologies, Ltd.
New name
Same company
Same support
As of July 1, 2011, NEC LCD Technologies, Ltd.
is now known as NLT Technologies, Ltd.
Industrial Mobile Displays
Document No. 51037-7
0911/in-house/HE/JE
A-Si Mobile Display Modules
Size
Resolution
Part Number
Additional Attributes
Availability
2.7”
QVGA
NL2432HC17-07A
550 cd/m2, CR 400:1,
LED, portrait view
Now
2.7”
QVGA
NL2432HC17-07B
500 cd/m2, CR 400:1,
LED, with touch
Now
2.7”
QVGA
NL2432HC17-10B
500 cd/m2, CR 400:1,
LED, high bright, with touch,
extended FPC
Now
3.5”
QVGA
NL2432HC22-40A
220 cd/m2, CR 150:1 (on), LED,
SR-NLT, 15% reflection ratio
Now
3.5”
QVGA
NL2432HC22-41B
200 cd/m2, CR 150:1 (on),
LED, with touch, SR-NLT, 15%
reflection ratio
Now
3.5”
QVGA
NL2432HC22-42B
200 cd/m2, CR 150:1 (on),
LED, with touch,SR-NLT, 15%
reflection ratio
Now
3.5”
QVGA
NL2432HC22-50A
220 cd/m2, CR 150:1 (on), LED,
SR-NLT, 20% reflection ratio
Now
3.5”
QVGA
NL2432HC22-50B
200 cd/m2, CR 150:1 (on), LED,
SR-NLT, 15% reflection ratio
Now
4.2”
VGA
NL4864HC13-01A
280 cd/m2, CR 200:1, LED,
SR-NLT, 14% reflection ratio
Now
4.3”
WQVGA
NL4827HC19-05A
600 cd/m2, CR 500:1,
LED, 8-bit RGB
Now
4.3”
WQVGA
NL4827HC19-05B
500 cd/m2, CR 500:1,
with touch, LED, 8-bit RGB
Now
LTPS Mobile Display Modules (VIT)
Size
Resolution
Part Number
Additional Attributes
Availability
2.7”
QHD
NL9654HL06-01J
300 cd/m2, CR 500:1, LED,
960x540 pixels
Now
3.5”
VGA
NL4864HL11-01B
200 cd/m2, CR 180:1 (on),
LED, portrait w/ touch, SR-NLT,
7% reflection ratio
Now
3.5”
VGA
NL4864HL11-02A
220 cd/m2, CR 180:1 (on),
LED, SR-NLT, 7% reflection ratio
Now
4.1”
WVGA
NL8048HL11-01A
400 cd/m2, CR 450:1,
LED, 8-bit RGB
Now
4.1”
WVGA
NL8048HL11-01B
350 cd/m2, CR 400:1,
with touch, LED
Now


Similar Part No. - NL8048HL11-01A

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
NL8048AC19-13 GSR-NL8048AC19-13 Datasheet
267Kb / 2P
   TFT Modules
NL8048AC19-13BD GSR-NL8048AC19-13BD Datasheet
268Kb / 2P
   TFT Modules
NL8048AC19-13KD GSR-NL8048AC19-13KD Datasheet
323Kb / 2P
   TFT Modules
NL8048AC19-14F GSR-NL8048AC19-14F Datasheet
267Kb / 2P
   TFT Modules
NL8048AC19-14KH GSR-NL8048AC19-14KH Datasheet
322Kb / 2P
   TFT Modules
More results

Similar Description - NL8048HL11-01A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NL10276BC24-21 RENESAS-NL10276BC24-21 Datasheet
1Mb / 2P
   NLT Technologies, Ltd. - Exclusive Representative
NL10276BC13-01C RENESAS-NL10276BC13-01C Datasheet
719Kb / 2P
   Natural Light TFT (NLT) Technology
logo
Silicon image
BCM54640EB2KFBG SILICONIMAGE-BCM54640EB2KFBG Datasheet
23Kb / 1P
   Siliconexpert Technologies
logo
List of Unclassifed Man...
MDF16 ETC2-MDF16 Datasheet
17Kb / 1P
   ROXBURGH ELECTRONICS LTD
logo
Bridgetek Pte Ltd.
CLEO35 BRIDGETEK-CLEO35 Datasheet
1,001Kb / 28P
   Bridgetek Pte Ltd
Version 1.2
CLEO50 BRIDGETEK-CLEO50 Datasheet
1Mb / 30P
   Bridgetek Pte Ltd
Version 1.1
logo
MH Connectors, All Righ...
MHCCOVXX-SN-XX MH-MHCCOVXX-SN-XX Datasheet
88Kb / 1P
   MH CONNECTORS LTD.
2802-0001-04 MH-2802-0001-04 Datasheet
54Kb / 1P
   MH CONNECTORS LTD.
logo
List of Unclassifed Man...
MC16021E8-SYL ETC2-MC16021E8-SYL Datasheet
610Kb / 10P
   Midas Components Ltd
logo
MH Connectors, All Righ...
MHCCOVXXSC-BKLG MH-MHCCOVXXSC-BKLG Datasheet
112Kb / 1P
   MH CONNECTORS LTD.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com