Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSM227A Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NSSM227A
Description  SPECIFICATIONS FOR FULL COLOR LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSM227A Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NSSM227A Datasheet HTML 1Page - NICHIA CORPORATION NSSM227A Datasheet HTML 2Page - NICHIA CORPORATION NSSM227A Datasheet HTML 3Page - NICHIA CORPORATION NSSM227A Datasheet HTML 4Page - NICHIA CORPORATION NSSM227A Datasheet HTML 5Page - NICHIA CORPORATION NSSM227A Datasheet HTML 6Page - NICHIA CORPORATION NSSM227A Datasheet HTML 7Page - NICHIA CORPORATION NSSM227A Datasheet HTML 8Page - NICHIA CORPORATION NSSM227A Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NICHIA STS-DA1-1787C <Cat.No.120522>
4
OUTLINE DIMENSIONS
STS-DA7-1098A
NSSM227x
管理番号
No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品は
RoHS指令に適合しております。
*
(単位 Unit: mm, 公差 Tolerance: ±0.2)
Green
25
Blue
34
Red
1
6
項目
Item
パッケージ材質
Package Materials
封止樹脂材質
Encapsulating Resin
Materials
電極材質
Electrodes Materials
質量
Weight
内容
Description
黒色耐熱性ポリマー
Black Heat-resistant Polymer
エポキシ樹脂
(拡散剤入り)
Epoxy Resin(with diffuser)
銅合金
+銀メッキ
Ag-plated Copper Alloy
0.034g(TYP)
The Red, Blue and Green die are attached to the Cathode side.
Redダイ、Blueダイ、Greenダイは カソード側に実装されています。
*
Red
Blue
3.2
(2.2)
Green
6
5
4
3
2
1
Pin-1 Mark
1.4)
0.8±0.3
0.8)


Similar Part No. - NSSM227A

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSM232BT NICHIA-NSSM232BT Datasheet
519Kb / 17P
   FULL COLOR LED
NSSM240AT NICHIA-NSSM240AT Datasheet
527Kb / 18P
   FULL COLOR LED
More results

Similar Description - NSSM227A

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NESM180AT NICHIA-NESM180AT Datasheet
329Kb / 17P
   SPECIFICATIONS FOR FULL COLOR LED
NSSM038A NICHIA-NSSM038A_14 Datasheet
293Kb / 16P
   SPECIFICATIONS FOR FULL COLOR LED
NESM126A NICHIA-NESM126A Datasheet
314Kb / 17P
   SPECIFICATIONS FOR FULL COLOR LED
NESM126AT NICHIA-NESM126AT Datasheet
446Kb / 17P
   SPECIFICATIONS FOR FULL COLOR LED
NSSM032 NICHIA-NSSM032 Datasheet
311Kb / 17P
   SPECIFICATIONS FOR FULL COLOR LED
NESM026D NICHIA-NESM026D Datasheet
322Kb / 17P
   SPECIFICATIONS FOR FULL COLOR LED
NSSM124 NICHIA-NSSM124 Datasheet
313Kb / 16P
   SPECIFICATIONS FOR FULL COLOR LED
NSTM515AS NICHIA-NSTM515AS Datasheet
198Kb / 15P
   SPECIFICATIONS FOR NICHIA FULL COLOR LED
logo
List of Unclassifed Man...
NSTM515AS ETC1-NSTM515AS Datasheet
558Kb / 15P
   SPECIFICATIONS FOR NICHIA FULL COLOR LED
logo
NICHIA CORPORATION
NSSM016CT NICHIA-NSSM016CT Datasheet
519Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE FULL COLOR LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com