Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSW204C Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSSW204C
Description  SPECIFICATIONS FOR WHITE LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSW204C Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSSW204C Datasheet HTML 1Page - NICHIA CORPORATION NSSW204C Datasheet HTML 2Page - NICHIA CORPORATION NSSW204C Datasheet HTML 3Page - NICHIA CORPORATION NSSW204C Datasheet HTML 4Page - NICHIA CORPORATION NSSW204C Datasheet HTML 5Page - NICHIA CORPORATION NSSW204C Datasheet HTML 6Page - NICHIA CORPORATION NSSW204C Datasheet HTML 7Page - NICHIA CORPORATION NSSW204C Datasheet HTML 8Page - NICHIA CORPORATION NSSW204C Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-2599C <Cat.No.130115>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.7
3.3
V
Reverse Current
-
-
50
µA
NW775
7.75
8.00
NW750
7.50
7.75
NW725
7.25
7.50
NW700
7.00
7.25
NW675
6.75
7.00
Luminous Flux
NW650
6.50
6.75
lm
Color Ranks
Rank Sa52
Rank Sa56
x
0.2800
0.2720
0.2820
0.2880
x
0.2830
0.2800
0.2880
0.2910
y
0.2480
0.2580
0.2720
0.2620
y
0.2440
0.2480
0.2620
0.2580
Rank Sa57
Rank Sa62
x
0.2720
0.2793
0.2820
x
0.2880
0.2820
0.2910
0.2960
y
0.2580
0.2755
0.2720
y
0.2620
0.2720
0.2870
0.2760
Rank Sa66
Rank Sa67
x
0.2910
0.2880
0.2960
0.2980
x
0.2820
0.2793
0.2887
0.2910
y
0.2580
0.2620
0.2760
0.2710
y
0.2720
0.2755
0.2916
0.2870
Rank Sbj2
Rank Sbj6
x
0.2960
0.2910
0.2990
0.3040
x
0.2980
0.2960
0.3040
0.3062
y
0.2760
0.2870
0.3010
0.2900
y
0.2710
0.2760
0.2900
0.2853
Rank Sbj7
x
0.2910
0.2887
0.2968
0.2990
y
0.2870
0.2916
0.3058
0.3010
* Ranking at TA=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±7%
* Chromaticity Coordinate Tolerance: ±0.005
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Flux Ranks by Color Rank
Ranking by
Luminous Flux
Ranking by
Color Coordinates
NW650
NW675
NW700
NW725
NW750
NW775
Sa52,Sa56,Sa57
Sa62,Sa66,Sa67
Sbj2,Sbj6,Sbj7


Similar Part No. - NSSW204C

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSW204B NICHIA-NSSW204B Datasheet
307Kb / 18P
   SPECIFICATIONS FOR WHITE LED
More results

Similar Description - NSSW204C

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW510DS NICHIA-NSPW510DS_14 Datasheet
228Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW515DS NICHIA-NSPW515DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW500DS NICHIA-NSPW500DS_14 Datasheet
224Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NS2W150B NICHIA-NS2W150B Datasheet
277Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW063A NICHIA-NSSW063A Datasheet
297Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NSSW150B NICHIA-NSSW150B Datasheet
276Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW206C NICHIA-NSSW206C Datasheet
298Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSWT02A NICHIA-NSSWT02A Datasheet
295Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NVSW119BT NICHIA-NVSW119BT_13 Datasheet
361Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NVSW219BT NICHIA-NVSW219BT_13 Datasheet
360Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NFCWD084B-V3 NICHIA-NFCWD084B-V3 Datasheet
994Kb / 43P
   SPECIFICATIONS FOR WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com