Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSW304D Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NSSW304D
Description  SPECIFICATIONS FOR WHITE LED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSW304D Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NSSW304D Datasheet HTML 7Page - NICHIA CORPORATION NSSW304D Datasheet HTML 8Page - NICHIA CORPORATION NSSW304D Datasheet HTML 9Page - NICHIA CORPORATION NSSW304D Datasheet HTML 10Page - NICHIA CORPORATION NSSW304D Datasheet HTML 11Page - NICHIA CORPORATION NSSW304D Datasheet HTML 12Page - NICHIA CORPORATION NSSW304D Datasheet HTML 13Page - NICHIA CORPORATION NSSW304D Datasheet HTML 14Page - NICHIA CORPORATION NSSW304D Datasheet HTML 15Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
NICHIA STS-DA1-2924B <Cat.No.140327>
10
DERATING CHARACTERISTICS
NSSW304D
管理番号
No. STS-DA7-5142
Derating1
0
10
20
30
40
50
0
20
40
60
80
100
120
(50, 25.0)
(85, 8.50)
Derating2
0
10
20
30
40
50
0
20
40
60
80
100
120
(68, 25.0)
(90, 8.50)
Duty
1
10
100
1
10
100
25
80
はんだ接合部温度(カソード側)-許容順電流特性
Solder Temperature(Cathode Side) vs
Allowable Forward Current
周囲温度-許容順電流特性
Ambient Temperature vs
Allowable Forward Current
はんだ接合部温度(カソード側)
Solder Temperature(Cathode Side)(°C)
周囲温度
Ambient Temperature(°C)
デューティー比
Duty Ratio(%)
デューティー比-許容順電流特性
Duty Ratio vs
Allowable Forward Current
455°C/W
θJA
R
=
T
A =25°C


Similar Part No. - NSSW304D

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSW304F-HG NICHIA-NSSW304F-HG Datasheet
467Kb / 17P
   rohs compliant
More results

Similar Description - NSSW304D

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW510DS NICHIA-NSPW510DS_14 Datasheet
228Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW515DS NICHIA-NSPW515DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW500DS NICHIA-NSPW500DS_14 Datasheet
224Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NS2W150B NICHIA-NS2W150B Datasheet
277Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW063A NICHIA-NSSW063A Datasheet
297Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NSSW150B NICHIA-NSSW150B Datasheet
276Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW206C NICHIA-NSSW206C Datasheet
298Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSWT02A NICHIA-NSSWT02A Datasheet
295Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NVSW119BT NICHIA-NVSW119BT_13 Datasheet
361Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NVSW219BT NICHIA-NVSW219BT_13 Datasheet
360Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NFCWD084B-V3 NICHIA-NFCWD084B-V3 Datasheet
994Kb / 43P
   SPECIFICATIONS FOR WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com