Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2401T Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2401T
Description  Silicon Serial Number
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2401T Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2401T Datasheet HTML 1Page - Dallas Semiconductor DS2401T Datasheet HTML 2Page - Dallas Semiconductor DS2401T Datasheet HTML 3Page - Dallas Semiconductor DS2401T Datasheet HTML 4Page - Dallas Semiconductor DS2401T Datasheet HTML 5Page - Dallas Semiconductor DS2401T Datasheet HTML 6Page - Dallas Semiconductor DS2401T Datasheet HTML 7Page - Dallas Semiconductor DS2401T Datasheet HTML 8Page - Dallas Semiconductor DS2401T Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DS2401
4 of 10
102199
TRANSACTION SEQUENCE
The sequence for accessing the DS2401 via the 1-Wire port is as follows:
§ Initialization
§ ROM Function Command
§ Read Data
INITIALIZATION
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence
consists of a reset pulse transmitted by the bus master followed by a Presence Pulse(s) transmitted by the
slave(s).
The Presence Pulse lets the bus master know that the DS2401 is on the bus and is ready to operate. For
more details, see the “1-Wire Signaling” section.
ROM FUNCTION COMMANDS
Once the bus master has detected a presence, it can issue one of the four ROM function commands. All
ROM function commands are 8 bits long. A list of these commands follows (refer to flowchart in Figure
4):
Read ROM [33h] or [0Fh]
This command allows the bus master to read the DS2401’s 8-bit family code, unique 48-bit serial
number, and 8-bit CRC. This command can only be used if there is a single DS2401 on the bus. If more
than one slave is present on the bus, a data collision will occur when all slaves try to transmit at the same
time (open drain will produce a wired-AND result). The DS2401 Read ROM function will occur with a
command byte of either 33h or 0Fh in order to ensure compatibility with the DS2400, which will only
respond to a 0Fh command word with its 64-bit ROM data.
Match ROM [55h] / Skip ROM [CCh]
The complete 1-Wire protocol for all Dallas Semiconductor iButtons contains a Match ROM and a Skip
ROM command. (See the Book of DS19xx iButton Standards). Since the DS2401 contains only the 64-bit
ROM with no additional data fields, the Match ROM and Skip ROM are not applicable and will cause no
further activity on the 1-Wire bus if executed. The DS2401 does not interfere with other 1-Wire parts on a
multidrop bus that do respond to a Match ROM or Skip ROM (for example, a DS2401 and DS1994 on
the same bus).
Search ROM [F0h]
When a system is initially brought up, the bus master might not know the number of devices on the 1-
Wire bus or their 64-bit ROM codes. The search ROM command allows the bus master to use a process
of elimination to identify the 64-bit ROM codes of all slave devices on the bus. The ROM search process
is the repetition of a simple 3-step routine: read a bit, read the complement of the bit, then write the
desired value of that bit. The bus master performs this simple 3-step routine on each bit of the ROM.
After one complete pass, the bus master knows the contents of the ROM in one device. The remaining
number of devices and their ROM codes may be identified by additional passes. See Chapter 5 of the
Book of DS19xx iButton Standards for a comprehensive discussion of a ROM search, including an actual
example.


Similar Part No. - DS2401T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2401T MAXIM-DS2401T Datasheet
337Kb / 11P
   Silicon Serial Number Unique, Factory-Lasered and Tested 64-Bit
Rev 5/11
More results

Similar Description - DS2401T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28CM00 MAXIM-DS28CM00 Datasheet
92Kb / 9P
   I짼C/SMBus Silicon Serial Number
REV: 072406
DS2411 MAXIM-DS2411 Datasheet
527Kb / 12P
   Silicon Serial Number with Vcc Input
Rev 11/11
logo
Dallas Semiconductor
DS2411 DALLAS-DS2411 Datasheet
231Kb / 11P
   Silicon Serial Number with VCC Input
logo
Maxim Integrated Produc...
DS1990R MAXIM-DS1990R Datasheet
160Kb / 10P
   Serial Number iButton
Rev 4; 8/10
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
   Serial Number iButton
Rev: 10/08
DS1990R-F5 MAXIM-DS1990R-F5 Datasheet
162Kb / 11P
   Serial Number iButton
Rev 4; 8/10
logo
Dallas Semiconductor
DS1990A DALLAS-DS1990A Datasheet
151Kb / 10P
   Serial Number iButton
logo
Maxim Integrated Produc...
DS2401 MAXIM-DS2401_11 Datasheet
337Kb / 11P
   Silicon Serial Number Unique, Factory-Lasered and Tested 64-Bit
Rev 5/11
logo
ATMEL Corporation
AT24CS16 ATMEL-AT24CS16_14 Datasheet
868Kb / 22P
   Factory Programmed 128-bit Serial Number
AT24CS04 ATMEL-AT24CS04_14 Datasheet
881Kb / 24P
   Factory Programmed 128-bit Serial Number
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com