Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2405 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS2405
Description  Addressable Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2405 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS2405 Datasheet HTML 7Page - Dallas Semiconductor DS2405 Datasheet HTML 8Page - Dallas Semiconductor DS2405 Datasheet HTML 9Page - Dallas Semiconductor DS2405 Datasheet HTML 10Page - Dallas Semiconductor DS2405 Datasheet HTML 11Page - Dallas Semiconductor DS2405 Datasheet HTML 12Page - Dallas Semiconductor DS2405 Datasheet HTML 13Page - Dallas Semiconductor DS2405 Datasheet HTML 14Page - Dallas Semiconductor DS2405 Datasheet HTML 15Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DS2405
11 of 15
102299
Skip ROM [CCh]
The complete 1-Wire protocol for all Dallas Semiconductor iButtons contains a Skip ROM command.
Since the DS2405 contains only the 64-bit ROM with no additional data fields, the Skip ROM is not
applicable and will cause no further activity on the 1-Wire bus if executed. The DS2405 does not interfere
with other 1-Wire parts on a multidrop bus that do respond to a Skip ROM (for example, a DS2405 and
DS1994 on the same bus).
1-WIRE SIGNALING
The DS2405 requires strict protocols to ensure data integrity. The protocol consists of four types of
signaling on one line: reset sequence with Reset Pulse and Presence Pulse, write 0, write 1 and read data.
All these signals except Presence Pulse are initiated by the bus master.
The initialization sequence required to begin any communication with the DS2405 is shown in Figure 5.
A Reset Pulse followed by a Presence Pulse indicates the DS2405 is ready to send or receive data given
the correct ROM command.
The bus master transmits (TX) a Reset Pulse (tRSTL, minimum 480
µs). The bus master then releases the
line and goes into receive mode (RX). The 1-Wire bus is pulled to a high state via the 5 k
Ω pullup
resistor. After detecting the rising edge on the data pin, the DS2405 waits (tPDH, 15-60
µs) and then
transmits the Presence Pulse (tPDL, 60-240
µs).
INITIALIZATION PROCEDURE “RESET AND PRESENCE PULSES” Figure 5
480
µs ≤t
RSTL <
∞*
480
µs ≤t
RSTH <
∞ (includes recovery time)
15
µs ≤t
PDH < 60
µs
60
µs ≤t
PDL < 240
µs
∗ In order not to mask interrupt signaling by other devices on the 1-Wire bus, t
RSTL + tR should always
be less than 960
µs.
RESISTOR
MASTER
DS2405


Similar Part No. - DS2405

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405 Datasheet
419Kb / 15P
   Addressable Switch
logo
Maxim Integrated Produc...
DS2405 MAXIM-DS2405 Datasheet
434Kb / 15P
   Addressable Switch
071107
logo
Dallas Semiconductor
DS2405/R DALLAS-DS2405/R Datasheet
419Kb / 15P
   Addressable Switch
DS2405/T DALLAS-DS2405/T Datasheet
419Kb / 15P
   Addressable Switch
DS2405P DALLAS-DS2405P Datasheet
419Kb / 15P
   Addressable Switch
More results

Similar Description - DS2405

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
   Addressable Switch
logo
Maxim Integrated Produc...
DS2405 MAXIM-DS2405 Datasheet
434Kb / 15P
   Addressable Switch
071107
logo
Gamewell-FCI by Honeywe...
ASM-16 GAMEWELL-FCI-ASM-16_13 Datasheet
57Kb / 1P
   ASM-16 Addressable Switch Module
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413 Datasheet
235Kb / 17P
   1-Wire Dual Channel Addressable Switch
REV: 051805
DS2413 MAXIM-DS2413_08 Datasheet
148Kb / 18P
   1-Wire Dual Channel Addressable Switch
REV: 110408
DS2406 MAXIM-DS2406 Datasheet
244Kb / 32P
   Dual Addressable Switch Plus 1Kb Memory
033109
DS2408 MAXIM-DS2408_10 Datasheet
607Kb / 39P
   1-Wire 8-Channel Addressable Switch
12/10
DS2408 MAXIM-DS2408_V01 Datasheet
640Kb / 39P
   1-Wire 8-Channel Addressable Switch
195702 ; 3 /15
logo
Analog Devices
DS2413 AD-DS2413 Datasheet
499Kb / 19P
   1-Wire Dual-Channel Addressable Switch
2022 5/22
logo
Dallas Semiconductor
DS2407 DALLAS-DS2407 Datasheet
194Kb / 31P
   Dual Addressable Switch Plus 1K.Bit Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com