Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKY4716PI Datasheet(PDF) 4 Page - Ericsson

Part # PKY4716PI
Description  DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKY4716PI Datasheet(HTML) 4 Page - Ericsson

  PKY4716PI Datasheet HTML 1Page - Ericsson PKY4716PI Datasheet HTML 2Page - Ericsson PKY4716PI Datasheet HTML 3Page - Ericsson PKY4716PI Datasheet HTML 4Page - Ericsson PKY4716PI Datasheet HTML 5Page - Ericsson PKY4716PI Datasheet HTML 6Page - Ericsson PKY4716PI Datasheet HTML 7Page - Ericsson PKY4716PI Datasheet HTML 8Page - Ericsson PKY4716PI Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
1 (10)
Prepared (also subject responsible if other)
No.
ESECZHW
2/1301-BMR 638/1 Uen
Approved
Checked
Date
Rev
Reference
SEC/D (Julia You)
ECHWANG
2008-10-9
C
Absolute Maximum Ratings
Characteristics
min
typ
max
Unit
TP1
Operating Temperature (see Thermal Consideration section)
-40
+100
°C
TS
Storage temperature
-55
+125
°C
VI
Input voltage
-0.5
+100
V
Viso
Isolation voltage (input to output test voltage)
1500
Vdc
Vtr
Input voltage transient (tp 100 ms)
100
V
Positive logic option
-100
+12
V
VRC
Remote Control pin voltage
(see Operating Information section)
Negative logic option
-100
+12
V
Vadj
Adjust pin voltage (see Operating Information section)
-0.5
+10
V
Stress in excess of Absolute Maximum Ratings may cause permanent damage. Absolute Maximum Ratings, sometimes referred to as no destruction limits, are
normally tested with one parameter at a time exceeding the limits of Output data or Electrical Characteristics. If exposed to stress above these limits, function and
performance may degrade in an unspecified manner.
Fundamental Circuit Diagram
E
PKY 4000 PI series
DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
EN/LZT 146 380 R2B March 2011
© Ericsson Power Modules AB
Technical Specification
4


Similar Part No. - PKY4716PI

ManufacturerPart #DatasheetDescription
logo
Ericsson
PKY2616PIM ERICSSON-PKY2616PIM Datasheet
595Kb / 17P
   PKY 2000 PI series DC/DC converters, Input 18-36 V, Output 21.5 A/600 W
More results

Similar Description - PKY4716PI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PKU4913D ETC2-PKU4913D Datasheet
2Mb / 20P
   DC-DC CONVERTERS INPUT 36-75 V, OUTPUT UP TO 8.3 A / 100W
Rev.A Jan 2021
logo
Ericsson
PKB4000 ERICSSON-PKB4000 Datasheet
1Mb / 46P
   DC/DC converters, Input 36-75 V, Output 30 A/90 W
PKR2000A ERICSSON-PKR2000A Datasheet
800Kb / 27P
   DC/DC converters, Input 18-36 V, Output up to 2 A/15 W
logo
Texas Instruments
PTMA403033 TI-PTMA403033 Datasheet
1Mb / 33P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
PTMA403033 TI-PTMA403033_15 Datasheet
1Mb / 29P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
logo
Lineage Power Corporati...
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
Ericsson
PKM4510EPI ERICSSON-PKM4510EPI Datasheet
2Mb / 37P
   36-75 Vdc DC/DC converter Output up to 20 A/50 W
PKU5310EPI ERICSSON-PKU5310EPI Datasheet
2Mb / 25P
   DC/DC converters, Input 18-72 V, Output up to 10 A/35 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com