Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2406 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2406
Description  Dual Addressable Switch Plus 1K-Bit Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2406 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2406 Datasheet HTML 1Page - Dallas Semiconductor DS2406 Datasheet HTML 2Page - Dallas Semiconductor DS2406 Datasheet HTML 3Page - Dallas Semiconductor DS2406 Datasheet HTML 4Page - Dallas Semiconductor DS2406 Datasheet HTML 5Page - Dallas Semiconductor DS2406 Datasheet HTML 6Page - Dallas Semiconductor DS2406 Datasheet HTML 7Page - Dallas Semiconductor DS2406 Datasheet HTML 8Page - Dallas Semiconductor DS2406 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1 of 30
112699
FEATURES
Open drain PIO pins are controlled and their
logic level can be determined over 1-Wire
bus for closed-loop control
Replaces and is fully compatible with
DS2407 but no user-programmable power-on
settings and no Hidden Mode.
PIO channel A sink capability of 50 mA at
0.4V with soft turn-on; channel B 8 mA at
0.4V
Maximum operating voltage of 13V at PIO-
A, 6.5V at PIO-B
1024 bits user-programmable OTP EPROM
User-programmable status memory to
control the device
Multiple DS2406’s can be identified on a
common 1-Wire bus and be turned on or off
independently of other devices on the bus
Unique, factory-lasered and tested 64-bit
registration number (8-bit family code + 48-
bit serial number + 8-bit CRC tester) assures
error-free selection and absolute identity
because no two parts are alike
On-chip CRC16 generator allows detection
of data transfer errors
Built-in multidrop controller ensures
compatibility with other 1-Wire net products
Reduces control, address, data, programming
and power to a single data pin
Directly connects to a single port pin of a
microprocessor and communicates at up to
16.3k bits/s
Supports Conditional Search with user-
selectable condition
Vcc bondout for optional external supply to
the device (TSOC package only)
1-Wire communication operates over a wide
voltage range of 2.8V to 6.0V from -40°C to
+85°C
Low cost TO-92 or 6-pin TSOC surface
mount package
PIN ASSIGNMENT
6-PIN TSOC PACKAGE
TOP VIEW
1
2
3
6
5
4
SIDE VIEW
DALLAS
DS2406
BOTTOM VIEW
1
2
3
TO-92
See Mech. Drawings
Section
12
3
PIN DESCRIPTION
TO-92
TSOC/CSP
Pin 1
Ground
Ground
Pin 2
Data
Data
Pin 3
PIO-A
PIO-A
Pin 4
---
Vcc
Pin 5
---
NC
Pin 6
---
PIO-B
ORDERING INFORMATION
DS2406
TO-92package
DS2406P
6-pin TSOC package
DS2406T
Tape & Reel of DS2406
DS2406V
Tape & Reel of DS2406P
DS2406X
Chip Scale Pkg., Tape & Reel
DS2406
Dual Addressable Switch
Plus 1K-Bit Memory
www.dalsemi.com
Preliminary


Similar Part No. - DS2406

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2406 DALLAS-DS2406 Datasheet
340Kb / 31P
   Dual Addressable Switch Plus 1kbit Memory
logo
Maxim Integrated Produc...
DS2406 MAXIM-DS2406 Datasheet
244Kb / 32P
   Dual Addressable Switch Plus 1Kb Memory
033109
DS2406 MAXIM-DS2406 Datasheet
1Mb / 9P
   Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
logo
Dallas Semiconductor
DS2406++ DALLAS-DS2406+ Datasheet
340Kb / 31P
   Dual Addressable Switch Plus 1kbit Memory
logo
Maxim Integrated Produc...
DS2406++ MAXIM-DS2406+ Datasheet
244Kb / 32P
   Dual Addressable Switch Plus 1Kb Memory
033109
More results

Similar Description - DS2406

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2406 MAXIM-DS2406 Datasheet
244Kb / 32P
   Dual Addressable Switch Plus 1Kb Memory
033109
logo
Dallas Semiconductor
DS2407 DALLAS-DS2407 Datasheet
194Kb / 31P
   Dual Addressable Switch Plus 1K.Bit Memory
DS2406 DALLAS-DS2406_07 Datasheet
340Kb / 31P
   Dual Addressable Switch Plus 1kbit Memory
logo
Motorola, Inc
MC10H155 MOTOROLA-MC10H155 Datasheet
683Kb / 11P
   16-Bit ECL Content Addressable Memory
logo
National Semiconductor ...
54LS256 NSC-54LS256 Datasheet
127Kb / 6P
   Dual 4-Bit Addressable Latch
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
   Addressable Switch
logo
Motorola, Inc
SN54LS256 MOTOROLA-SN54LS256 Datasheet
225Kb / 6P
   DUAL 4-BIT ADDRESSABLE LATCH
logo
Zarlink Semiconductor I...
P1480 ZARLINK-P1480 Datasheet
847Kb / 16P
   LAN CAM 1KX64 BIT CMOS CONTENT ADDRESSABLE MEMORY
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405 Datasheet
236Kb / 15P
   Addressable Switch
logo
National Semiconductor ...
CD4723BM NSC-CD4723BM Datasheet
146Kb / 8P
   Dual 4-Bit, 8-Bit Addressable Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com