Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXOXULP Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # CXOXULP
Description  Ultra-Low Power/Fast Start-Up/High Shock
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CXOXULP Datasheet(HTML) 1 Page - EUROQUARTZ limited

  CXOXULP Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
The CXOXULP 32.768kHz oscillator achieves low power consumption
comparable witht a tuning fork design and the fast start up and tight
stability obtainable with AT-cut crystal designs. Designed for
applications requiring ultra-low current and fast start-upthe part offers
stability of ±30ppm to ±100ppm over -55° to +125°C; this being
achieved while being able to withstand significantly higher shock than
a tuning fork design.
OUTLINE & DIMENSIONS
Frequency Range:
32.7680kHz
Supply Voltage:
1.8V to +3.3 Volts ±10%
Calibration Tolerance:
±25ppm
Frequency Stability
over Operating Temperature Range
Commercial (0° ~ +70°C):
±10 to ±50ppm
Industrial(-40° ~ +85°C):
±20 to ±100ppm
Military (-55° ~ +125°C):
±50 to ±100ppm
Output Load (CMOS):
15pF
Ageing:
±5ppm first year
Shock, Survival:
Standard: 5000g, 0.3ms, ½ sine
HG: 10,000g, 0.3ms, ½ sine
Vibration Survival:
20g, 10~2000Hz swept sine
Rise and Fall Time:
6ns maximum
ABSOLUTE MAXIMUM RATINGS
Supply Voltage:
-0.3V to 5.0V
Storage Temperature:
-55° t +125°C
Maximum Process Temperature:
260°C for 20 seconds
SPECIFICATION
FEATURES
Ultra-low current consumption (typically 15µA)
Fast start-up (typically 15ms)
Tight Tolerance
High Shock Resistance
Low Ageing
Full military testing available
Output
Frequency Output
High Z state
Oscillator
Oscillates
Stops
Current
15µA
4.0µA at 25°C
When Pad 1 is allowed to float it is held high by an
internal pull-up resistor.
Enable (Pad 1 High)
ENABLE/DISABLE OPTIONS
PACKAGING OPTIONS
CXOXULP oscillators are available either tray packed (<250pcs) or
tape and reel (>250 pieces).
12mm tape, 178mm or 330mm reels (EIA 418).
CXOXULP OSCILLATORS
HOW TO ORDER CXOXULP CRYSTAL OSCILLATORS
CXOXULP HG 4
S
N
-
SM3 -
32.768k,
50
/
50
/ – /
I
Blank = standard
S = special or
custom
Enable/Disable
option, E or N
Terminations
Blank = SM1 = Gold plated
SM3 = Solder dipped
SM5 = Solder dipped
(SM1 and SM5 are pB free)
Frequency
in kHz
Calibration
Tolerance
at 25°C
(in ±ppm)
Frequency
Stability over
Temp. Range
(in ppm)
Temp. Range
C = -10° ~ +70°C
I = -40° ~ +85°C
M = -55° ~ +125°C
S = Customer specified
Ultra-Low Power/Fast Start-Up/High Shock
32.768kHz
Supply V.
1 = 1.8V
2 = 2.5V
3 = 3.0V
4 = 3.3V
Shock Level
Blank = Std.
HG = High Shock
Actual Size
Top
View
Side
View
There are two Enable/Disable options available, 'E' and 'N'. The 'E'
option stops oscillating when the output is put into the High Z state.
the 'N' version does not have Pad 1 connected internally. The table
below describes the 'E' Enable/Disable option.
Disable (Pad 1 Low)
Output Voltage High
0.9Vdd
V
Output Voltage Low
0.1Vdd
V
Start-up Time:
15
ms
Rise Time (10%~90%)
85
160
ns
Fall Time (10%~90%)
45
100
ns
Duty Cycle
45
50
55
%
Input Current
15
µA
VOH
VOL
tstartup
tr
tf
IDD
Symbol Parameter
Min.
Typ.
Max.
Unit


Similar Part No. - CXOXULP

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOXULP STATEK-CXOXULP Datasheet
127Kb / 2P
   Ultra-Low Power/Fast Start-Up/High Shock
logo
IQD Frequency Products ...
CXOXULP-1.8V IQD-CXOXULP-1.8V Datasheet
207Kb / 3P
   Crystal Clock Oscillator Specification
CXOXULP-2.5V IQD-CXOXULP-2.5V Datasheet
207Kb / 3P
   Crystal Clock Oscillator Specification
CXOXULP-3.0V IQD-CXOXULP-3.0V Datasheet
207Kb / 3P
   Crystal Clock Oscillator Specification
CXOXULP-3.3V IQD-CXOXULP-3.3V Datasheet
207Kb / 3P
   Crystal Clock Oscillator Specification
More results

Similar Description - CXOXULP

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOXULP STATEK-CXOXULP Datasheet
127Kb / 2P
   Ultra-Low Power/Fast Start-Up/High Shock
logo
EUROQUARTZ limited
CXOLHG EUROQUARTZ-CXOLHG Datasheet
128Kb / 1P
   Ultra-Low Power/Fast Start-Up/High Shock 32.768kHz
CXOX EUROQUARTZ-CXOX Datasheet
103Kb / 1P
   Fast Start-up/Tight Tolerance/High Shock
logo
STATEK CORPORATION
CXOLAT STATEK-CXOLAT Datasheet
181Kb / 2P
   Ultra-Low Power/Fast Start-Up/Ultra-Miniature
CXOMHT STATEK-CXOMHT Datasheet
110Kb / 2P
   High Temperature/High Stability/Fast Start-up/High Shock
logo
SYNC POWER Crop.
SP689 SYNC-POWER-SP689 Datasheet
220Kb / 5P
   Ultra High Voltage Start Up
logo
EUROQUARTZ limited
CXOLP EUROQUARTZ-CXOLP Datasheet
101Kb / 1P
   Low Power/Fast Start-up Miniature Oscillator 1.0MHz ~ 8.5MHz
logo
STATEK CORPORATION
CXO3M STATEK-CXO3M_09 Datasheet
223Kb / 2P
   High Stability/Fast Start-up Crystal Oscillator
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
   ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
Lowpower Semiconductor ...
LP6201 POWER-LP6201 Datasheet
520Kb / 9P
   Low voltage start-up:0.9V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com