Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2450 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2450
Description  1-Wire Quad A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2450 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2450 Datasheet HTML 1Page - Dallas Semiconductor DS2450 Datasheet HTML 2Page - Dallas Semiconductor DS2450 Datasheet HTML 3Page - Dallas Semiconductor DS2450 Datasheet HTML 4Page - Dallas Semiconductor DS2450 Datasheet HTML 5Page - Dallas Semiconductor DS2450 Datasheet HTML 6Page - Dallas Semiconductor DS2450 Datasheet HTML 7Page - Dallas Semiconductor DS2450 Datasheet HTML 8Page - Dallas Semiconductor DS2450 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1 of 24
102199
FEATURES
§ Four high-impedance inputs to measure
analog voltages over the 1-Wire bus
§ User programmable input range (2.56V,
5.12V), resolution (1 to 16 bits) and alarm
thresholds
§ 5V, single supply operation
§ Very low power: 2.5 mW active, 25
µW idle
§ Built-in multidrop controller allows multiple
DS2450’s to be identified and operated on a
common 1-Wire bus
§ Responds to Conditional Search if the analog
voltage crosses the alarm thresholds
§ Channels not used as analog input can serve
as open drain digital outputs for closed-loop
control
§ Directly connects to a single port pin of a
microprocessor and communicates at up to
16.3k bits per second
§ Overdrive mode boosts communication speed
to 142k bits per second
§ On-chip 16-bit CRC-generator for
safeguarding data transfers
§ Unique, factory-lasered and tested 64-bit
registration number (8-bit family code + 48-
bit serial number 8-bit CRC tester) assures
absolute traceability because no two parts are
alike
§ 8-bit family code specifies device
communication requirements to bus master
§ Operating temperature range from -40
°C to
+85
°C
§ Compact, low cost 8-pin SOIC surface mount
package
PIN ASSIGNMENT
PIN DESCRIPTION
VCC
4.5 to 5.5 Volts
NC
Do Not Connect
DATA
1-Wire Bus
GND
Ground
AIN-A
Analog Input A
AIN-B
Analog Input B
AIN-C
Analog Input C
AIN-D
Analog Input D
ORDERING INFORMATION
DS2450S
8-pin SOIC
DESCRIPTION
The DS2450 1-Wire Quad A/D Converter is based on a successive-approximation analog to digital
converter with a four to one analog multiplexer. Each input channel has its own register set to store the
input voltage range, resolution, and alarm threshold values as well as flags to enable participation of the
device in the conditional search if the input voltage leaves the specified range. Two alarm flags for each
channel indicate if the voltage measured was too high or too low without requiring the bus master to do
DS2450
1-Wire
TM Quad A/D Converter
www.dalsemi.com
VCC
NC
DATA
GND
AIN-A
AIN-B
AIN-C
AIN-D
2
3
4
8
7
6
5
1
8-PIN SOIC (208 MIL)


Similar Part No. - DS2450

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2450 MAXIM-DS2450 Datasheet
1,001Kb / 25P
   1-Wire Quad A/D Converter
112706
More results

Similar Description - DS2450

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2450 MAXIM-DS2450 Datasheet
1,001Kb / 25P
   1-Wire Quad A/D Converter
112706
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
AD75004 AD-AD75004_15 Datasheet
106Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
Sony Corporation
CXD2552Q SONY-CXD2552Q Datasheet
430Kb / 17P
   1 BIT D/A CONVERTER
logo
Analog Devices
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
AD390 AD-AD390_17 Datasheet
1Mb / 4P
   Quad 12-Bit Microprocessor-Compatible D/A Converter
AD7226 AD-AD7226_15 Datasheet
423Kb / 16P
   LC MOS Quad 8-Bit D/A Converter
REV. D
AD390 AD-AD390 Datasheet
133Kb / 3P
   Quad 12-Bit Microprocessor-Compatible D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com