Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBS07101L Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS07101L
Description  71MHz SAW Filter 0.22MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS07101L Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS07101L Datasheet HTML 1Page - SIPAT Co,Ltd LBS07101L Datasheet HTML 2Page - SIPAT Co,Ltd LBS07101L Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS07101L
Rev. Date
2010-07-21
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
6.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
71MHz SAW Filter
0.22MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS07101L
Features
For GSM Rx IF applications
High attenuation
Single-ended or Balanced operation
Ceramic Surface Mount Package
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
71
-
2 dB Bandwidth
MHz
0.18
0.34
-
3 dB Bandwidth
MHz
0.22
0.37
-
5 dB Bandwidth
MHz
-
0.4
0.5
20 dB Bandwidth
MHz
-
0.58
0.7
30 dB Bandwidth
MHz
-
0.73
1
35 dB Bandwidth
MHz
-
0.84
1.4
40 dB Bandwidth
MHz
-
1.08
5
Group Delay Variation(f0±0.11MHz)
nsec
-
500
1500
Minimum Insertion Loss within
passband at ambient temperature
dB
-
6.6
7.3
Minimum Insertion Loss within
passband over temperature range
dB
-
6.6
8.5
1068.5MHz
dB
40
45
-
Ultimate Rejection
73.5130MHz
dB
40
42
-
Material Temperature coefficient
KHz/°C
0.071
Substrate Material
-
Qz
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD1365A
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBS07101L

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07101L SIPAT-LBS07101L Datasheet
149Kb / 3P
   71MHz SAW Filter 0.22MHz Bandwidth
LBS07101L SIPAT-LBS07101L_10 Datasheet
146Kb / 3P
   71MHz SAW Filter 0.22MHz Bandwidth
More results

Similar Description - LBS07101L

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS07106 SIPAT-LBS07106 Datasheet
190Kb / 3P
   71MHz SAW Filter 0.22MHz Bandwidth
LBS07106 SIPAT-LBS07106 Datasheet
185Kb / 3P
   71MHz SAW Filter 0.22MHz Bandwidth
LBS07101L SIPAT-LBS07101L Datasheet
149Kb / 3P
   71MHz SAW Filter 0.22MHz Bandwidth
LBS07101L SIPAT-LBS07101L_10 Datasheet
146Kb / 3P
   71MHz SAW Filter 0.22MHz Bandwidth
LBS11526 SIPAT-LBS11526 Datasheet
318Kb / 3P
   115MHz SAW Filter 0.22MHz Bandwidth
logo
List of Unclassifed Man...
LBS11526 ETC2-LBS11526 Datasheet
307Kb / 3P
   115MHz SAW Filter 0.22MHz Bandwidth
LBS07103 ETC2-LBS07103 Datasheet
136Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
logo
SIPAT Co,Ltd
LBS07104 SIPAT-LBS07104 Datasheet
138Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
LBN12026 SIPAT-LBN12026 Datasheet
148Kb / 3P
   120MHz SAW Filter 71MHz Bandwidth
LBN140A66 SIPAT-LBN140A66 Datasheet
137Kb / 3P
   140MHz SAW Filter 71MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com