Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTL-15 Datasheet(PDF) 5 Page - Altera Corporation

Part # SSTL-15
Description  Device Datasheet for Arria II Devices
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

SSTL-15 Datasheet(HTML) 5 Page - Altera Corporation

  SSTL-15 Datasheet HTML 1Page - Altera Corporation SSTL-15 Datasheet HTML 2Page - Altera Corporation SSTL-15 Datasheet HTML 3Page - Altera Corporation SSTL-15 Datasheet HTML 4Page - Altera Corporation SSTL-15 Datasheet HTML 5Page - Altera Corporation SSTL-15 Datasheet HTML 6Page - Altera Corporation SSTL-15 Datasheet HTML 7Page - Altera Corporation SSTL-15 Datasheet HTML 8Page - Altera Corporation SSTL-15 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
Chapter 1: Device Datasheet for Arria II Devices
1–5
Electrical Characteristics
December 2013
Altera Corporation
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
Recommended Operating Conditions
This section lists the functional operation limits for AC and DC parameters for
Arria II GX and GZ devices. All supplies are required to monotonically reach their
full-rail values without plateaus within tRAMP .
Table 1–5 lists the recommended operating conditions for Arria II GX devices.
Table 1–5. Recommended Operating Conditions for Arria II GX Devices (Note 1) (Part 1 of 2)
Symbol
Description
Condition
Minimum
Typical
Maximum
Unit
VCC
Supplies power to the core, periphery, I/O
registers, PCIe HIP block, and transceiver
PCS
0.87
0.90
0.93
V
VCCCB
Supplies power to the configuration RAM
bits
1.425
1.50
1.575
V
VCCBAT
(2)
Battery back-up power supply for design
security volatile key registers
1.2
3.3
V
VCCPD
(3)
Supplies power to the I/O pre-drivers,
differential input buffers, and MSEL
circuitry
3.135
3.3
3.465
V
2.85
3.0
3.15
V
2.375
2.5
2.625
V
VCCIO
Supplies power to the I/O banks (4)
3.135
3.3
3.465
V
2.85
3.0
3.15
V
2.375
2.5
2.625
V
1.71
1.8
1.89
V
1.425
1.5
1.575
V
1.14
1.2
1.26
V
VCCD_PLL
Supplies power to the digital portions of the
PLL
0.87
0.90
0.93
V
VCCA_PLL
Supplies power to the analog portions of
the PLL and device-wide power
management circuitry
2.375
2.5
2.625
V
VI
DC Input voltage
–0.5
3.6
V
VO
Output voltage
0
VCCIO
V
VCCA
Supplies power to the transceiver PMA
regulator
2.375
2.5
2.625
V
VCCL_GXB
Supplies power to the transceiver PMA TX,
PMA RX, and clocking
1.045
1.1
1.155
V
VCCH_GXB
Supplies power to the transceiver PMA
output (TX) buffer
1.425
1.5
1.575
V
TJ
Operating junction temperature
Commercial
0
85
°C
Industrial
–40
100
°C


Similar Part No. - SSTL-15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTL16857 PHILIPS-SSTL16857 Datasheet
76Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
1999 Sep 30
SSTL16857DGG PHILIPS-SSTL16857DGG Datasheet
76Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
1999 Sep 30
SSTL16877 PHILIPS-SSTL16877 Datasheet
75Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
2000 Apr 20
SSTL16877DGG PHILIPS-SSTL16877DGG Datasheet
75Kb / 8P
   14-bit SSTL_2 registered driver with differential clock inputs
2000 Apr 20
More results

Similar Description - SSTL-15

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
5AGXFB3H4F35I3N ALTERA-5AGXFB3H4F35I3N Datasheet
793Kb / 37P
   Arria V Device Overview
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com