Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP20K160E Datasheet(PDF) 8 Page - Altera Corporation

Part # EP20K160E
Description  Programmable Logic Device Family
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP20K160E Datasheet(HTML) 8 Page - Altera Corporation

Back Button EP20K160E Datasheet HTML 4Page - Altera Corporation EP20K160E Datasheet HTML 5Page - Altera Corporation EP20K160E Datasheet HTML 6Page - Altera Corporation EP20K160E Datasheet HTML 7Page - Altera Corporation EP20K160E Datasheet HTML 8Page - Altera Corporation EP20K160E Datasheet HTML 9Page - Altera Corporation EP20K160E Datasheet HTML 10Page - Altera Corporation EP20K160E Datasheet HTML 11Page - Altera Corporation EP20K160E Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 117 page
background image
8
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
All APEX 20K devices are reconfigurable and are 100% tested prior to
shipment. As a result, test vectors do not have to be generated for fault
coverage purposes. Instead, the designer can focus on simulation and
design verification. In addition, the designer does not need to manage
inventories of different application-specific integrated circuit (ASIC)
designs; APEX 20K devices can be configured on the board for the specific
functionality required.
APEX 20K devices are configured at system power-up with data stored in
an Altera serial configuration device or provided by a system controller.
Altera offers in-system programmability (ISP)-capable EPC1, EPC2, and
EPC16 configuration devices, which configure APEX 20K devices via a
serial data stream. Moreover, APEX 20K devices contain an optimized
interface that permits microprocessors to configure APEX 20K devices
serially or in parallel, and synchronously or asynchronously. The interface
also enables microprocessors to treat APEX 20K devices as memory and
configure the device by writing to a virtual memory location, making
reconfiguration easy.
After an APEX 20K device has been configured, it can be reconfigured
in-circuit by resetting the device and loading new data. Real-time changes
can be made during system operation, enabling innovative reconfigurable
computing applications.
APEX 20K devices are supported by the Altera Quartus II development
system, a single, integrated package that offers HDL and schematic design
entry, compilation and logic synthesis, full simulation and worst-case
timing analysis, SignalTap logic analysis, and device configuration. The
Quartus II software runs on Windows-based PCs, Sun SPARCstations,
and HP 9000 Series 700/800 workstations.
The Quartus II software provides NativeLink interfaces to other industry-
standard PC- and UNIX workstation-based EDA tools. For example,
designers can invoke the Quartus II software from within third-party
design tools. Further, the Quartus II software contains built-in optimized
synthesis libraries; synthesis tools can use these libraries to optimize
designs for APEX 20K devices. For example, the Synopsys Design
Compiler library, supplied with the Quartus II development system,
includes DesignWare functions optimized for the APEX 20K architecture.


Similar Part No. - EP20K160E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K160E ALTERA-EP20K160E Datasheet
718Kb / 117P
   Programmable Logic Device Family
EP20K160E ALTERA-EP20K160E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP20K160E ALTERA-EP20K160E Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP20K160E ALTERA-EP20K160E Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP20K160E ALTERA-EP20K160E Datasheet
724Kb / 117P
   Programmable Logic Device Family
More results

Similar Description - EP20K160E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com