Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP20K200 Datasheet(PDF) 9 Page - Altera Corporation

Part # EP20K200
Description  Programmable Logic Device Family
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP20K200 Datasheet(HTML) 9 Page - Altera Corporation

Back Button EP20K200 Datasheet HTML 5Page - Altera Corporation EP20K200 Datasheet HTML 6Page - Altera Corporation EP20K200 Datasheet HTML 7Page - Altera Corporation EP20K200 Datasheet HTML 8Page - Altera Corporation EP20K200 Datasheet HTML 9Page - Altera Corporation EP20K200 Datasheet HTML 10Page - Altera Corporation EP20K200 Datasheet HTML 11Page - Altera Corporation EP20K200 Datasheet HTML 12Page - Altera Corporation EP20K200 Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 117 page
background image
Altera Corporation
9
APEX 20K Programmable Logic Device Family Data Sheet
Functional
Description
APEX 20K devices incorporate LUT-based logic, product-term-based
logic, and memory into one device. Signal interconnections within
APEX 20K devices (as well as to and from device pins) are provided by the
FastTrack® Interconnect—a series of fast, continuous row and column
channels that run the entire length and width of the device.
Each I/O pin is fed by an I/O element (IOE) located at the end of each row
and column of the FastTrack Interconnect. Each IOE contains a
bidirectional I/O buffer and a register that can be used as either an input
or output register to feed input, output, or bidirectional signals. When
used with a dedicated clock pin, these registers provide exceptional
performance. IOEs provide a variety of features, such as 3.3-V, 64-bit,
66-MHz PCI compliance; JTAG BST support; slew-rate control; and
tri-state buffers. APEX 20KE devices offer enhanced I/O support,
including support for 1.8-V I/O, 2.5-V I/O, LVCMOS, LVTTL, LVPECL,
3.3-V PCI, PCI-X, LVDS, GTL+, SSTL-2, SSTL-3, HSTL, CTT, and 3.3-V
AGP I/O standards.
The ESB can implement a variety of memory functions, including CAM,
RAM, dual-port RAM, ROM, and FIFO functions. Embedding the
memory directly into the die improves performance and reduces die area
compared to distributed-RAM implementations. Moreover, the
abundance of cascadable ESBs ensures that the APEX 20K device can
implement multiple wide memory blocks for high-density designs. The
ESB’s high speed ensures it can implement small memory blocks without
any speed penalty. The abundance of ESBs ensures that designers can
create as many different-sized memory blocks as the system requires.
Figure 1 shows an overview of the APEX 20K device.
Figure 1. APEX 20K Device Block Diagram
LUT
LUT
LUT
LUT
LUT
Memory
Memory
Memory
Memory
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
LUT
LUT
Memory
Memory
IOE
IOE
Product Term
Product Term
LUT
LUT
Memory
Memory
IOE
IOE
Product Term
Product Term
Product Term
Product Term
Product Term
Product Term
FastTrack
Interconnect
Clock Management Circuitry
IOEs support
PCI, GTL+,
SSTL-3, LVDS,
and other
standards.
ClockLock
Four-input LUT
for data path and
DSP functions.
Product-term
integration for
high-speed
control logic and
state machines.
Flexible integration
of embedded
memory, including
CAM, RAM,
ROM, FIFO, and
other memory
functions.


Similar Part No. - EP20K200

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K200 ALTERA-EP20K200 Datasheet
718Kb / 117P
   Programmable Logic Device Family
EP20K200 ALTERA-EP20K200 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP20K200 ALTERA-EP20K200 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP20K200 ALTERA-EP20K200 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP20K200 ALTERA-EP20K200 Datasheet
724Kb / 117P
   Programmable Logic Device Family
More results

Similar Description - EP20K200

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com