Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22E-M-02B Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A22E-M-02B
Description  Install in 22-dia. or 25-dia. Panel Cutout
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22E-M-02B Datasheet(HTML) 4 Page - Omron Electronics LLC

  A22E-M-02B Datasheet HTML 1Page - Omron Electronics LLC A22E-M-02B Datasheet HTML 2Page - Omron Electronics LLC A22E-M-02B Datasheet HTML 3Page - Omron Electronics LLC A22E-M-02B Datasheet HTML 4Page - Omron Electronics LLC A22E-M-02B Datasheet HTML 5Page - Omron Electronics LLC A22E-M-02B Datasheet HTML 6Page - Omron Electronics LLC A22E-M-02B Datasheet HTML 7Page - Omron Electronics LLC A22E-M-02B Datasheet HTML 8Page - Omron Electronics LLC A22E-M-02B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
A22E
Lighted Models
■ Switch with Integrated Control Box
Appearance
Output
Lighting
Rated voltage
Push-lock turn-
reset system
Color of cap
40-dia. head
Push-lock
Turn-reset without Voltage
Reduction Unit
A22E
SPST-NC
LED
6 VDC
A22EL-M-6D-01
Red
6 VAC
A22EL-M-6A-01
12 VAC/VDC
A22EL-M-12A-01
24 VAC/VDC
A22EL-M-24A-01
SPST-NO/SPST-NC
6 VDC
A22EL-M-6D-11
6 VAC
A22EL-M-6A-11
12 VAC/VDC
A22EL-M-12A-11
24 VAC/VDC
A22EL-M-24A-11
DPST-NC
6 VDC
A22EL-M-6D-02
6 VAC
A22EL-M-6A-02
12 VAC/VDC
A22EL-M-12A-02
24 VAC/VDC
A22EL-M-24A-02
40-dia. head
Push-lock
Turn-reset with Voltage
Reduction Unit
A22E
SPST-NC
100 VAC
A22EL-M-T1-01
200 VAC
A22EL-M-T2-01
SPST-NO/SPST-NC
100 VAC
A22EL-M-T1-11
200 VAC
A22EL-M-T2-11
DPST-NC
100 VAC
A22EL-M-T1-02
200 VAC
A22EL-M-T2-02
Appearance
Output
Model
SPST-NC
A22E-M-01B
SPST-NO/SPST-NC
A22E-M-11B
DPST-NC
A22E-M-02B
http://www.ia.omron.com/
4
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - A22E-M-02B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22E-M-02B OMRON-A22E-M-02B Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
More results

Similar Description - A22E-M-02B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-TG-11A OMRON-A22-TG-11A Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-10 OMRON-A22-10 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A2210 OMRON-A2210 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-TN OMRON-A22-TN Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22Z-3360 OMRON-A22Z-3360 Datasheet
4Mb / 30P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
M22-FR-6A OMRON-M22-FR-6A Datasheet
863Kb / 7P
   Round Indicator Series with 22 dia. and 25 dia. (when using a ring)
logo
Molex Electronics Ltd.
03-06-1241-V MOLEX11-03-06-1241-V Datasheet
66Kb / 1P
   .062 DIA. 25 CIRCUITS RECEPT. HOUSING
logo
Visual Communications C...
970 VCC-970 Datasheet
840Kb / 2P
   Dia Indicator Lights
logo
Bel Fuse Inc.
FC-101-22 BEL-FC-101-22 Datasheet
974Kb / 2P
   For 6.3mm Dia
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com