Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A22Z-3901 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # A22Z-3901
Description  Install in 22-dia. or 25-dia. Panel Cutout
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-3901 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button A22Z-3901 Datasheet HTML 7Page - Omron Electronics LLC A22Z-3901 Datasheet HTML 8Page - Omron Electronics LLC A22Z-3901 Datasheet HTML 9Page - Omron Electronics LLC A22Z-3901 Datasheet HTML 10Page - Omron Electronics LLC A22Z-3901 Datasheet HTML 11Page - Omron Electronics LLC A22Z-3901 Datasheet HTML 12Page - Omron Electronics LLC A22Z-3901 Datasheet HTML 13Page - Omron Electronics LLC A22Z-3901 Datasheet HTML 14Page - Omron Electronics LLC A22Z-3901 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
A22E
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Non-lighted Models
34
1.8
32
41.2
1.8
1.8
1.8
2
18.5
A22E-MP
A22E-LP
A22E-S
A22E-M
A22E-L
A22E-SK
A22E-MK
40 dia.
60 dia.
40 dia.
30 dia.
60 dia.
30 dia.
22
40 dia.
22
Medium Push-pull (40-dia.)
Large Push-pull (60-dia. )
Small Push-lock, Turn-reset (30-dia. )
Medium Push-lock, Turn-reset (40-dia. )
Large Push-lock, Turn-reset (60-dia.)
Small Push-lock, Key-reset (30-dia.)
Medium Push-lock, Key-reset (40-dia.)
1.5
http://www.ia.omron.com/
11
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - A22Z-3901

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22Z-3901 OMRON-A22Z-3901 Datasheet
796Kb / 19P
   The Following Pages Provide Information Common To Each Model of The A22/M22 Pushbutton Switch
More results

Similar Description - A22Z-3901

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22-TG-11A OMRON-A22-TG-11A Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-10 OMRON-A22-10 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A2210 OMRON-A2210 Datasheet
223Kb / 13P
   Install in 22-dia. or 25-dia. Panel Cutout
A22-TN OMRON-A22-TN Datasheet
1Mb / 10P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22Z-3360 OMRON-A22Z-3360 Datasheet
4Mb / 30P
   Install in 22-dia. or 25-dia. Panel Cutout (When Using a Ring)
A22NE-PD OMRON-A22NE-PD Datasheet
18Mb / 52P
   Emergency Stop Pushbutton Switches (22-dia. or 25-dia.)
M22-FR-6A OMRON-M22-FR-6A Datasheet
863Kb / 7P
   Round Indicator Series with 22 dia. and 25 dia. (when using a ring)
logo
Molex Electronics Ltd.
03-06-1241-V MOLEX11-03-06-1241-V Datasheet
66Kb / 1P
   .062 DIA. 25 CIRCUITS RECEPT. HOUSING
logo
Visual Communications C...
970 VCC-970 Datasheet
840Kb / 2P
   Dia Indicator Lights
logo
Bel Fuse Inc.
FC-101-22 BEL-FC-101-22 Datasheet
974Kb / 2P
   For 6.3mm Dia
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com