Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A165K-T3MC-2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A165K-T3MC-2
Description  Separate Construction with Cylindrical 16-dia. Body
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165K-T3MC-2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A165K-T3MC-2 Datasheet HTML 1Page - Omron Electronics LLC A165K-T3MC-2 Datasheet HTML 2Page - Omron Electronics LLC A165K-T3MC-2 Datasheet HTML 3Page - Omron Electronics LLC A165K-T3MC-2 Datasheet HTML 4Page - Omron Electronics LLC A165K-T3MC-2 Datasheet HTML 5Page - Omron Electronics LLC A165K-T3MC-2 Datasheet HTML 6Page - Omron Electronics LLC A165K-T3MC-2 Datasheet HTML 7Page - Omron Electronics LLC A165K-T3MC-2 Datasheet HTML 8Page - Omron Electronics LLC A165K-T3MC-2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
A165K
2
Model Number Structure
Model Number Legend ..... The model numbers used to order sets of Units are illustrated below. One set comprises the Selector, Switch,
and 2 Keys.
For information on combinations, refer to Ordering Information on page 3.
(2) Number of Notches/Resetting Method
Symbol
No. of
notches
Reset
method
Key release
position
2ML
2 notches
Manual
Left
2MR
Right
2M
Left and right
2AL
Automatic
Left
3MC
3 notches Manual
Center
3MR
Right
3ML
Left
3M
Left, right,
and center
3AC
3 notches Automatic
Center
(1) Shape of Selector
Symbol
Shape
Color
J
Rectangular
Black
A
Square
T
Round
(3) Contact Configuration
Note: Only DPDT contacts are available with
3-notch models.
Symbol
Type
Terminal
1
SPDT
Solder Terminal
2DPDT
2S
DPDT
Screw-less Clamp
(1)
(2)
(3)
A165K- J 3ML - 2


Similar Part No. - A165K-T3MC-2

ManufacturerPart #DatasheetDescription
logo
3M Electronics
A165 3M-A165 Datasheet
142Kb / 2P
   3M??Diamond Pad Conditioner A165
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
logo
KEC(Korea Electronics)
A1658 KEC-A1658 Datasheet
177Kb / 5P
   2SC3229
logo
Inchange Semiconductor ...
A1659 ISC-A1659 Datasheet
119Kb / 3P
   isc Silicon PNP Power Transistor
More results

Similar Description - A165K-T3MC-2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16L-AG OMRON-A16L-AG Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16ZA-5050 OMRON-A16ZA-5050 Datasheet
1Mb / 27P
   Separate Construction with Cylindrical 16-dia. Body
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16S-2N-2 OMRON-A16S-2N-2 Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
M16 OMRON-M16 Datasheet
3Mb / 12P
   Cylindrical 16-dia. Indicator
M2BJ-B06 OMRON-M2BJ-B06 Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
M2BJ OMRON-M2BJ Datasheet
814Kb / 7P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com