Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80C390 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS80C390
Description  Dual CAN High-Speed Microprocessor
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C390 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS80C390 Datasheet HTML 1Page - Dallas Semiconductor DS80C390 Datasheet HTML 2Page - Dallas Semiconductor DS80C390 Datasheet HTML 3Page - Dallas Semiconductor DS80C390 Datasheet HTML 4Page - Dallas Semiconductor DS80C390 Datasheet HTML 5Page - Dallas Semiconductor DS80C390 Datasheet HTML 6Page - Dallas Semiconductor DS80C390 Datasheet HTML 7Page - Dallas Semiconductor DS80C390 Datasheet HTML 8Page - Dallas Semiconductor DS80C390 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
DS80C390
2 of 58
110199
DESCRIPTION
The DS80C390 is a fast 8051-compatible microprocessor. The redesigned processor core executes 8051
instructions up to 3 times faster than the original for the same crystal speed. The DS80C390 supports a
maximum crystal speed of 40 MHz, resulting in apparent execution speeds of 100 MHz (approximately
2.5X). An optional internal frequency multiplier allows the microprocessor to operate at full speed with a
reduced crystal frequency, reducing EMI. A hardware math accelerator further increases the speed of 32
and 16 bit multiply and divide operations, as well as high-speed shift, normalization and accumulate
functions.
The DS80C390 features two full-function Controller Area Network (CAN) 2.0B controllers. Status and
control registers are distributed between SFRs and 512 bytes of internal MOVX memory for maximum
flexibility. In addition to standard 11-bit or 29-extended message identifiers, the device supports two
separate 8-bit media masks and media arbitration fields to support the use of higher-level CAN protocols
such as DeviceNet and SDS.
All of the standard 8051 resources such as three timer/counters, serial port, and four 8-bit I/O ports (plus
two 8-bit ports dedicated to memory interfacing) are included in the DS80C390. In addition it includes a
second hardware serial port, seven additional interrupts, programmable watchdog timer, brown-out
monitor, power-fail reset, and a programmable output clock that supports an IRDA interface. The device
provides dual data pointers with increment/decrement features to speed block data memory moves. It
also can adjust the speed of MOVX data memory access from two to twelve machine cycles for flexibility
in addressing external memory and peripherals.
The device incorporates a 4kB SRAM, which can be configured as various combinations of MOVX
memory, program memory, and optional stack memory. A 22-bit program counter supports access to a
maximum of 4 MB of external program memory and 4 MB of external data memory. A 10-bit stack
pointer addresses up to 1kB of MOVX memory for increased code efficiency.
A new Power Management Mode (PMM) is useful for portable or power-conscious applications. This
feature allows software to switch from the standard machine cycle rate of 4 clocks per cycle to 1024
clocks per cycle. For example, at 12 MHz standard operation has a machine cycle rate of 3 MHz. In
Power Management Mode at the same external clock speed, software can select 11.7 kHz machine cycle
rate. There is a corresponding reduction in power consumption when the processor runs slower.
The EMI reduction feature allows software to select a reduced electromagnetic interference (EMI) mode
by disabling the ALE signal when it is unneeded. The device also incorporates active current control on
the address and data buses, reducing EMI by minimizing transients when interfacing to external circuitry.
ORDERING INFORMATION
Part Number
Package
Max. Clock Speed
Temperature Range
DS80C390-QCR
68-pin PLCC
40 MHz
0
°C to +70°C
DS80C390-FCR
64-pin LQFP
40 MHz
0
°C to +70°C
DS80C390-QNR
68-pin PLCC
40 MHz
-40
°C to +85°C
DS80C390-FNR
64-pin LQFP
40 MHz
-40
°C to +85°C


Similar Part No. - DS80C390

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C390 DALLAS-DS80C390 Datasheet
769Kb / 155P
   High-Speed Microcontroller User?셲 Guide Supplement
DS80C390 DALLAS-DS80C390 Datasheet
1Mb / 53P
   Dual CAN High-Speed Microprocessor
logo
Maxim Integrated Produc...
DS80C390 MAXIM-DS80C390 Datasheet
2Mb / 52P
   Dual CAN High-Speed Microprocessor
REV: 050115
DS80C390-FCR MAXIM-DS80C390-FCR Datasheet
2Mb / 52P
   Dual CAN High-Speed Microprocessor
REV: 050115
DS80C390-FCR++ MAXIM-DS80C390-FCR+ Datasheet
2Mb / 52P
   Dual CAN High-Speed Microprocessor
REV: 050115
More results

Similar Description - DS80C390

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C390 MAXIM-DS80C390 Datasheet
2Mb / 52P
   Dual CAN High-Speed Microprocessor
REV: 050115
logo
Dallas Semiconductor
DS80C390 DALLAS-DS80C390_05 Datasheet
1Mb / 53P
   Dual CAN High-Speed Microprocessor
logo
ON Semiconductor
AMIS-42700 ONSEMI-AMIS-42700 Datasheet
212Kb / 14P
   Dual High Speed CAN Transceiver
January, 2009 ??Rev. 5
AMIS-42770 ONSEMI-AMIS-42770_14 Datasheet
137Kb / 13P
   Dual High Speed CAN Transceiver
November, 2014 ??Rev. 4
AMIS-42770 ONSEMI-AMIS-42770 Datasheet
182Kb / 13P
   Dual High Speed CAN Transceiver
January, 2009 ??Rev. 3
logo
NXP Semiconductors
CM0902 NXP-CM0902 Datasheet
563Kb / 25P
   Dual high-speed CAN transceiver
Rev. 4.0, 8/2016
logo
AMI SEMICONDUCTOR
AMIS-42700 AMI-AMIS-42700 Datasheet
523Kb / 16P
   Dual High-Speed CAN Transceiver
logo
ON Semiconductor
NCV7441 ONSEMI-NCV7441 Datasheet
173Kb / 10P
   Dual High Speed Low Power CAN Transceiver
August, 2011 ??Rev. 0
NCV7446 ONSEMI-NCV7446 Datasheet
192Kb / 13P
   Dual CAN FD Transceiver, High Speed, Low Power
December, 2019 ??Rev. 2
logo
NXP Semiconductors
TJR1448 NXP-TJR1448 Datasheet
384Kb / 37P
   Dual high-speed CAN transceiver with Standby mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com