Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS80C400 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS80C400
Description  DS80C400 Network Microcontroller
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C400 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS80C400 Datasheet HTML 1Page - Dallas Semiconductor DS80C400 Datasheet HTML 2Page - Dallas Semiconductor DS80C400 Datasheet HTML 3Page - Dallas Semiconductor DS80C400 Datasheet HTML 4Page - Dallas Semiconductor DS80C400 Datasheet HTML 5Page - Dallas Semiconductor DS80C400 Datasheet HTML 6Page - Dallas Semiconductor DS80C400 Datasheet HTML 7Page - Dallas Semiconductor DS80C400 Datasheet HTML 8Page - Dallas Semiconductor DS80C400 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
1 of 97
REV: 060805
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS80C400 network microcontroller offers the highest
integration available in an 8051 device. Peripherals include
a 10/100 Ethernet MAC, three serial ports, a CAN 2.0B
controller, 1-Wire
® Master, and 64 I/O pins.
To enable access to the network, a full application-
accessible TCP IPv4/6 network stack and OS are provided
in the ROM. The network stack supports up to 32
simultaneous TCP connections and can transfer up to
5Mbps through the Ethernet MAC. Its maximum system-
clock frequency of 75MHz results in a minimum instruction
cycle time of 54ns. Access to large program or data
memory areas is simplified with a 24-bit addressing
scheme that supports up to 16MB of contiguous memory.
To accelerate data transfers between the microcontroller
and memory, the DS80C400 provides four data pointers,
each of which can be configured to automatically increment
or decrement upon execution of certain data pointer-related
instructions. The DS80C400’s hardware math accelerator
further increases the speed of 32-bit and 16-bit multiply
and divide operations as well as high-speed shift,
normalization, and accumulate functions.
The High-Speed Microcontroller User’s Guide and the High-Speed
Microcontroller User’s Guide: Network Microcontroller Supplement
should be used in conjunction with this data sheet. Download
both at: www.maxim-ic.com/user_guides.
APPLICATIONS
Industrial Control/Automation
Environmental Monitoring
Data Converters (Serial-
to-Ethernet, CAN-to-
Ethernet)
Network Sensors
Remote Data Collection
Equipment
Vending
Home/Office Automation
Transaction/Payment
Terminals
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS80C400-FNY
-40°C to +85°C
100 LQFP
DS80C400-FNY+
-40°C to +85°C
100 LQFP
+ Denotes lead-free/RoHS-compliant device.
1-Wire is a registered trademark of Dallas Semiconductor Corp.
Magic Packet is a registered trademark of Advanced Micro
Devices, Inc.
DeviceNet is a trademark of Open DeviceNet Vendor Association, Inc.
FEATURES
§ High-Performance Architecture
Single 8051 Instruction Cycle in 54ns
DC to 75MHz Clock Rate
Flat 16MB Address Space
Four Data Pointers with Auto-Increment/
Decrement and Select-Accelerate Data Movement
16/32-Bit Math Accelerator
§ Multitiered Networking and I/O
10/100 Ethernet Media Access Controller (MAC)
CAN 2.0B Controller
1-Wire Net Controller
Three Full-Duplex Hardware Serial Ports
Up to Eight Bidirectional 8-Bit Ports (64 Digital I/O
Pins)
§ Robust ROM Firmware
Supports Network Boot Over Ethernet Using DHCP
and TFTP
Full, Application-Accessible TCP/IP Network Stack
Supports IPv4 and IPv6
Implements UDP, TCP, DHCP, ICMP, and IGMP
Preemptive, Priority-Based Task Scheduler
MAC Address can Optionally be Acquired from IEEE-
Registered DS2502-E48
§ 10/100 Ethernet Mac
Flexible IEEE 802.3 MII (10/100Mbps) and ENDEC
(10Mbps) Interfaces Allow Selection of PHY
Low-Power Operation
Ultra-Low-Power Sleep Mode with Magic Packet
®
and Wake-Up Frame Detection
8kB On-Chip Tx/Rx Packet Data Memory with Buffer
Control Unit Reduces Load on CPU
Half- or Full-Duplex Operation with Flow Control
Multicast/Broadcast Address Filtering with VLAN
Support
§ Full-Function CAN 2.0B Controller
15 Message Centers
Supports Standard (11-Bit) and Extended (29-Bit)
Identifiers and Global Masks
Media Byte Filtering to Support DeviceNet
, SDS, and
Higher Layer CAN Protocols
Auto-Baud Mode and SIESTA Low-Power Mode
§ Integrated Primary System Logic
16 Total Interrupt Sources with Six External
Four 16-Bit Timer/Counters
2x/4x Clock Multiplier Reduces Electromagnetic
Interference (EMI)
Programmable Watchdog Timer
Oscillator-Fail Detection
Programmable IrDA Clock
Features continued on page 32.
Pin Configuration appears at end of data sheet.
DS80C400
Network Microcontroller
www.maxim-ic.com


Similar Part No. - DS80C400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C400 MAXIM-DS80C400 Datasheet
2Mb / 97P
   Network Microcontroller
REV: 010907
DS80C400 MAXIM-DS80C400 Datasheet
1Mb / 69P
   Network Microcontroller
REV: 102103
DS80C400 MAXIM-DS80C400 Datasheet
1Mb / 97P
   Network Microcontroller
Rev 7; 6/09
DS80C400 MAXIM-DS80C400 Datasheet
413Kb / 2P
   1MB NV SRAM for Data Storage
REV: 070507
DS80C400-FNY MAXIM-DS80C400-FNY Datasheet
2Mb / 97P
   Network Microcontroller
REV: 010907
More results

Similar Description - DS80C400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C400 MAXIM-DS80C400_03 Datasheet
1Mb / 69P
   Network Microcontroller
REV: 102103
DS80C400 MAXIM-DS80C400_09 Datasheet
1Mb / 97P
   Network Microcontroller
Rev 7; 6/09
DS80C400 MAXIM-DS80C400_07 Datasheet
2Mb / 97P
   Network Microcontroller
REV: 010907
MAX78000 MAXIM-MAX78000 Datasheet
428Kb / 47P
   Artificial Intelligence Microcontroller with Ultra-Low-Power Convolutional Neural Network Accelerator
2021
logo
SMSC Corporation
COM20051++ SMSC-COM20051+ Datasheet
348Kb / 92P
   Integrated Microcontroller and Network Interface with Watchdog Timer and A/D Converter Interface
logo
List of Unclassifed Man...
KUNBUS-GW ETC-KUNBUS-GW Datasheet
442Kb / 6P
   Modular Network-to-Network Gateways
logo
RFE international
RA12-08X-10K-J RFE-RA12-08X-10K-J Datasheet
98Kb / 1P
   NETWORK RESISTORS RA Series: SIP Network
logo
Bourns Electronic Solut...
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
   Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
   Resistor Network
4816T-L BOURNS-4816T-L Datasheet
29Kb / 2P
   Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com