Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AML21FBB2BA Datasheet(PDF) 5 Page - Honeywell Accelerometers

Part # AML21FBB2BA
Description  Interactive Catalog Supplements Catalog PDFs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

AML21FBB2BA Datasheet(HTML) 5 Page - Honeywell Accelerometers

  AML21FBB2BA Datasheet HTML 1Page - Honeywell Accelerometers AML21FBB2BA Datasheet HTML 2Page - Honeywell Accelerometers AML21FBB2BA Datasheet HTML 3Page - Honeywell Accelerometers AML21FBB2BA Datasheet HTML 4Page - Honeywell Accelerometers AML21FBB2BA Datasheet HTML 5Page - Honeywell Accelerometers AML21FBB2BA Datasheet HTML 6Page - Honeywell Accelerometers AML21FBB2BA Datasheet HTML 7Page - Honeywell Accelerometers AML21FBB2BA Datasheet HTML 8Page - Honeywell Accelerometers AML21FBB2BA Datasheet HTML 9Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Manual Switches
AML25 Series
Electronic Control Paddle
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
17
LED DISPLAY
Covers with LED ‘‘window’’ ordered separately.
FEATURES
Identical to AML23, except furnished
with one or two rectangular high
efficiency LED’s which give flush
display area and wide angle
indication.
Available with or without diode
protection for LED’s.
LED circuit independent of switch
circuit.
Electrical Data
page 11
Paddle Covers
page 36
Lamps and LEDs
page 46
Accessories
page 45
Mounting Dimensions
pages 47/50
5 thru 24 VDC devices have internal
resistor to maintain current at nominal
20 mA.
UL recognized, CSA certified.
*
*
*AML25 Series: 1 pole and
2-pole only.
AML25 ORDER GUIDE
AML25 F
B
B
2
AA
01
R
X
Housing
Operator/
LED
Terminal Type/
Circuitry
Operating
LED Color
LED Color
Type
Bezel Color
Voltage
Diode Protection
Codes
Code
(LED A)
(LED B)
AML25 F
B
B
2
Insert code
Insert code
RR
Rectangular
Black/Black
V*
.110 × .020
letters
numbers
Red
Red
1 LED
(Solder or Q-C)
as shown in
from
YY
C
Circuitry
Operating
Yellow
Yellow
AML25 G
5V
3
Chart
Action
GG
Rectangular
.025 × .025
Chart
Green
Green
2 LED’s
D
(Printed Ckt.,
LED version
XX
10 V
or Push-On
available
No LED
No LED
only with
E8
AA
15 V
.110 × .020
BA
w/Diode
CA
F
protection
DA
24 V
circuitry
*See LED application information for devices without current-limiting resistor, page 46.
Example: AML25FBB2AA01RX
Rectangular paddle switch; illuminated
with one red LED, this device has a black
paddle and bezel, and .110 × .020 termi-
nals; with one circuit ON and one circuit
OFF in each extreme operator position
(maintained).
NOTE: For further information on re-
placement LED’s, call the 800 number.
Covers
ordered
separately
1 The ‘‘MICRO SWITCH’’ identification is
shown on this side of the switch housings.


Similar Part No. - AML21FBB2BA

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AML2 ALTECH-AML2 Datasheet
349Kb / 1P
   30 mm Non-Illuminated Mushroom with Indicated Arrows AMLx
logo
Sanyo Semicon Device
AML2002 SANYO-AML2002 Datasheet
364Kb / 4P
   NPN Epitaxial Planar Silicon Transistor LED Back Light
logo
ON Semiconductor
AML2002 ONSEMI-AML2002 Datasheet
325Kb / 7P
   Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
More results

Similar Description - AML21FBB2BA

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
12TW1-1A HONEYWELL-ACC-12TW1-1A Datasheet
478Kb / 6P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
VF443A HONEYWELL-VF443A Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
BZLN-RH HONEYWELL-ACC-BZLN-RH Datasheet
268Kb / 2P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
L192 HONEYWELL-L192 Datasheet
444Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
18CX10 HONEYWELL-18CX10 Datasheet
451Kb / 5P
   Interactive Catalog Supplements Catalog PDFs
BA-2R HONEYWELL-BA-2R Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
DUXL01D HONEYWELL-DUXL01D Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
V7-3S17D8 HONEYWELL-V7-3S17D8 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
24PCEFJ6G HONEYWELL-ACC-24PCEFJ6G Datasheet
199Kb / 3P
   Interactive Catalog Supplements Catalog PDFs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com