Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMXD1205UC Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NMXD1205UC
Description  Isolated 5W Single & Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NMXD1205UC Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NMXD1205UC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMXD1205UC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMXD1205UC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NMXU Series
Isolated 5W Single & Dual Output DC/DC Converters
KDC_NMXU.D01 Page 1 of 3
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
Order Code
Nominal Input
Voltage
Output
Voltage
Output
Current
Efficiency
(Typ.)
Isolation
Capacitance
(Typ.)
MTTF1
Recommended
Alternative
V
V
A
%
pF
kHrs
NMXD0505UC
5
±5
±0.5
75
31.5
779
NMXD0512UC
5
±12
±0.208
75
33
158
NMXD0515UC
5
±15
±0.167
75
34.2
86
NMXD1205UC
12
±5
±0.5
75
34.7
233
NCS6D1205C
NMXD1212UC
12
±12
±0.208
75
52.9
107
NCS6D1212C
NMXD1215UC
12
±15
±0.167
75
59.9
68
NCS6D1215C
NMXS0505UC
5
5
1.0
75
30.6
792
NMXS0512UC
5
12
0.417
75
31.2
158
NMXS0515UC
5
15
0.333
75
32.6
86
NMXS1205UC
12
5
1.0
75
32.5
233
NCS6S1205C
NMXS1212UC
12
12
0.417
75
51.9
107
NCS6S1212C
NMXS1215UC
12
15
0.333
75
54.1
68
NCS6S1215C
When operated with additional external load capacitance the rise time of the input voltage will determine the maximum external
capacitance value for guaranteed start up. The slower the rise time of the input voltage the greater the maximum value of the
additional external capacitance for reliable start up.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 5V input types
4.5
5.0
5.5
V
Continuous operation, 12V input types
10.8
12.0
13.2
Reflected ripple voltage
BW=DC to 20MHz, all output types
200
mV
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA= 0°C to 70°C
5.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.1
%/%
Load Regulation
10% load to rated load, 5V output types
7
12
%
10% load to rated load, 12V & 15V output types
5
7.5
Ripple and Noise
BW=DC to 20MHz, all output types
125
mV p-p
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection2
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Input voltage VIN, NMXU05 types
7V
Input voltage VIN, NMXU12 types
15V
1. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
2. Supply voltage must be disconnected at the end of the short circuit duration.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
„ RoHS compliant
„ Single or dual output
„ 1kVDC isolation
„ Pin compatible with NMXSO series
„ Power density 0.85W/cm3
„ UL 94V-0 package material
„ Footprint 5.88cm2
„ Industry standard pinout
„ 5V & 12V input
„ 5V, 12V & 15V output
„ No heatsink required
„ Internal SMD construction
„ Fully encapsulated with toroidal magnetics
„ No external components required
„ PCB mounting
DESCRIPTION
The NMXU series of DC/DC converters is par-
ticularly suited to isolating and/or converting DC
power rails. The galvanic isolation allows the
device to be configured to provide an isolated
negative rail in systems where only positive rails
exist. The devices are particularly suited for use
in distributed power systems where there is low
variation in the bus voltage levels.
&
s
NOT RECOMMENDED
FOR NEW DESIGNS
Isolated
Isolated
S


Similar Part No. - NMXD1205UC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NMXD0515SOC MURATA-NMXD0515SOC Datasheet
179Kb / 3P
   Isolated 5W Regulated Single & Dual Output DC/DC Converters
More results

Similar Description - NMXD1205UC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NMXD0515SOC MURATA-NMXD0515SOC Datasheet
179Kb / 3P
   Isolated 5W Regulated Single & Dual Output DC/DC Converters
logo
SL Power Electronics
DC1-5_DD SLPOWER-DC1-5_DD Datasheet
351Kb / 3P
   5W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
MicroPower Direct, LLC
I500ERW MPD-I500ERW Datasheet
178Kb / 2P
   Ultra-Miniature 5W Single & Dual Output DC/DC Converters
logo
Microdc power Technolog...
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
5QA-XMD MICRODC-5QA-XMD Datasheet
398Kb / 3P
   Isolated 1.25W Dual&Single Output DC-DC Converters
H-XS-1W MICRODC-H-XS-1W Datasheet
857Kb / 4P
   Isolated 1W Single&Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH-2W TOPPOWER-TPH-2W Datasheet
208Kb / 4P
   2W Isolated Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
A500RHI MPD-A500RHI Datasheet
834Kb / 2P
   Very High Isolation, 5W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com