Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPA-500 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # NPA-500
Description  Surface-Mount Pressure Sensor Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NPA-500 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NPA-500 Datasheet HTML 1Page - List of Unclassifed Manufacturers NPA-500 Datasheet HTML 2Page - List of Unclassifed Manufacturers NPA-500 Datasheet HTML 3Page - List of Unclassifed Manufacturers NPA-500 Datasheet HTML 4Page - List of Unclassifed Manufacturers NPA-500 Datasheet HTML 5Page - List of Unclassifed Manufacturers NPA-500 Datasheet HTML 6Page - List of Unclassifed Manufacturers NPA-500 Datasheet HTML 7Page - List of Unclassifed Manufacturers NPA-500 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Parameter
Units
Min
Typ
Max
Analog Performance Parameters 5 volt Excitation
Offset
Volts
0.44
0.5
0.56
Span
Volts
4
Analog Performance Parameters 3.3 volt Excitation
Offset
Volts
0.46
0.5
0.54
Span
Volts
2.5
Typical Analog Circuits
Circuit layout same as “Ratiometric Voltage Output”
Ratiometric Voltage Output - Standard NPA
Absolute Voltage Output - Request Required
Ratiometric Voltage Output with Over-Voltage Protection - Request Required
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NP A
S ens or
V S S
V gate
V DD
S IG
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NP A
S ens or
V S S
V gate
V DD
S IG
V supply +2.7 to +5.5V
V out
G round
0.1µF
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NP A
S ens or
V S S
V gate
V DD
S IG
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NP A
S ens or
V S S
V gate
V DD
S IG
V supply +5.5 to +30V
V out
G round
0.1µF
MMB F 4392
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NP A
S ens or
1
2
3
4
5
6
7
14
13
12
11
10
9
8
t
V supply +5 to +5.5V
V out
G round
0.1µF
J107
V S S
V gate
V DD
S IG
NP A
S ens or
V S S
V ga e
V DD
S IG
Pin
#
Amplified
Analog
Function Notes
1
--
2
--
3
--
4
--
5
--
6
VSS
Ground Supply
7
--
8
SIG
Analog Out, Calibration Interface
9
VDD
Supply Voltage
10
--
11
--
12
--
13
--
14
--
NPA Pinout
Output Option: Amplified Analog


Similar Part No. - NPA-500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPA-500 ETC1-NPA-500 Datasheet
338Kb / 8P
   Surface-Mount Pressure Sensor Series
logo
Amphenol Corporation
NPA-500B-02WD AMPHENOL-NPA-500B-02WD Datasheet
820Kb / 8P
   Surface Mountable
NPA-500B-02WG AMPHENOL-NPA-500B-02WG Datasheet
820Kb / 8P
   Surface Mountable
NPA-500B-05WD AMPHENOL-NPA-500B-05WD Datasheet
820Kb / 8P
   Surface Mountable
NPA-500B-05WG AMPHENOL-NPA-500B-05WG Datasheet
820Kb / 8P
   Surface Mountable
More results

Similar Description - NPA-500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPA-100B-010WD ETC1-NPA-100B-010WD Datasheet
338Kb / 8P
   Surface-Mount Pressure Sensor Series
logo
Microchip Technology
NPP-301 MICROCHIP-NPP-301_06 Datasheet
538Kb / 4P
   NovaSensor Surface Mount Pressure Sensor
2006 GE
logo
List of Unclassifed Man...
NPP-301 ETC-NPP-301 Datasheet
494Kb / 2P
   NPP-301 Series Surface Mount Pressure Sensor
logo
Infineon Technologies A...
KP100 INFINEON-KP100 Datasheet
75Kb / 13P
   Surface Mount Capacitive Silicon Absolute Pressure Sensor
2003-05
KP120 INFINEON-KP120 Datasheet
205Kb / 14P
   Surface Mount Capacitive Silicon Absolute Pressure Sensor
V1.1, Oct. 2003
logo
Sensortechnics GmbH
SXL010GSMT SENSORTECHNICS-SXL010GSMT Datasheet
91Kb / 2P
   Surface mount pressure sensors
logo
All Sensors Corporation
DS-0333 ASC-DS-0333 Datasheet
1Mb / 5P
   XHM SERIES PRESSURE SENSOR
DS-0165 ASC-DS-0165 Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
DS-01651 ASC-DS-01651 Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
DS-0329 ASC-DS-0329 Datasheet
1Mb / 11P
   FPS SERIES PRESSURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com