Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPA-600 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NPA-600
Description  Surface-Mount Pressure Sensor Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NPA-600 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NPA-600 Datasheet HTML 1Page - List of Unclassifed Manufacturers NPA-600 Datasheet HTML 2Page - List of Unclassifed Manufacturers NPA-600 Datasheet HTML 3Page - List of Unclassifed Manufacturers NPA-600 Datasheet HTML 4Page - List of Unclassifed Manufacturers NPA-600 Datasheet HTML 5Page - List of Unclassifed Manufacturers NPA-600 Datasheet HTML 6Page - List of Unclassifed Manufacturers NPA-600 Datasheet HTML 7Page - List of Unclassifed Manufacturers NPA-600 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
General NPA Specifications
Parameter
Value
Units
Notes
Environmental
Temperature Range
Operating
-40 to +125
°C
-40 to +257°F
Compensated
0 to 60
°C
+32 to +157°F
Storage
-40 to +125
°C
-40 to +257°F
Mechanical
Weight
~1
grams
Media Compatibility
Positive differential and gauge
ports
Compatible with exposed materials
1
Negative differential ports
Dry gases only
Notes: 1. Exposed materials are thermoset plastic, silicon, epoxy, RTV, pyrex and silicone
Parameter
Units
Min
Typ
Max
Notes
Common Parameters
Accuracy (Total Error Band)
%FSO
-1.5
1.5
Proof Pressure (10”H2O to 1 psi)
psi
35
Proof Pressure (>1 psi to 30 psi)
psi
60
Maximum Package Pressure
60
Pressure ranges
10”H2O
30psi
Series
Excitation Voltage
Min/Max
Notes
NPA-100
1.5mA
NPA Uncompensated, mV
NPA-300
3.3V
3.135 V to 3.465 V
NPA Compensated, low power amplified analog
NPA-500
5.0V
4.75 V to 5.25 V
NPA Compensated, amplified analog
NPA-600
5.0V *
4.75 V to 5.25 V
NPA Compensated, digital serial
NPA-700
5.0V *
4.75 V to 5.25 V
NPA Compensated, digital I2C
* 3.3V optional, contact factory for more details


Similar Part No. - NPA-600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPA-600 ETC1-NPA-600 Datasheet
338Kb / 8P
   Surface-Mount Pressure Sensor Series
logo
Amphenol Corporation
NPA-600B-02WD AMPHENOL-NPA-600B-02WD Datasheet
820Kb / 8P
   Surface Mountable
NPA-600B-02WG AMPHENOL-NPA-600B-02WG Datasheet
820Kb / 8P
   Surface Mountable
NPA-600B-05WD AMPHENOL-NPA-600B-05WD Datasheet
820Kb / 8P
   Surface Mountable
NPA-600B-05WG AMPHENOL-NPA-600B-05WG Datasheet
820Kb / 8P
   Surface Mountable
More results

Similar Description - NPA-600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPA-100B-010WD ETC1-NPA-100B-010WD Datasheet
338Kb / 8P
   Surface-Mount Pressure Sensor Series
logo
Microchip Technology
NPP-301 MICROCHIP-NPP-301_06 Datasheet
538Kb / 4P
   NovaSensor Surface Mount Pressure Sensor
2006 GE
logo
List of Unclassifed Man...
NPP-301 ETC-NPP-301 Datasheet
494Kb / 2P
   NPP-301 Series Surface Mount Pressure Sensor
logo
Infineon Technologies A...
KP100 INFINEON-KP100 Datasheet
75Kb / 13P
   Surface Mount Capacitive Silicon Absolute Pressure Sensor
2003-05
KP120 INFINEON-KP120 Datasheet
205Kb / 14P
   Surface Mount Capacitive Silicon Absolute Pressure Sensor
V1.1, Oct. 2003
logo
Sensortechnics GmbH
SXL010GSMT SENSORTECHNICS-SXL010GSMT Datasheet
91Kb / 2P
   Surface mount pressure sensors
logo
All Sensors Corporation
DS-0333 ASC-DS-0333 Datasheet
1Mb / 5P
   XHM SERIES PRESSURE SENSOR
DS-0165 ASC-DS-0165 Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
DS-01651 ASC-DS-01651 Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
DS-0329 ASC-DS-0329 Datasheet
1Mb / 11P
   FPS SERIES PRESSURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com