Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS87C520-QCL Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS87C520-QCL
Description  EPROM/ROM High-Speed Micro
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C520-QCL Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS87C520-QCL Datasheet HTML 2Page - Dallas Semiconductor DS87C520-QCL Datasheet HTML 3Page - Dallas Semiconductor DS87C520-QCL Datasheet HTML 4Page - Dallas Semiconductor DS87C520-QCL Datasheet HTML 5Page - Dallas Semiconductor DS87C520-QCL Datasheet HTML 6Page - Dallas Semiconductor DS87C520-QCL Datasheet HTML 7Page - Dallas Semiconductor DS87C520-QCL Datasheet HTML 8Page - Dallas Semiconductor DS87C520-QCL Datasheet HTML 9Page - Dallas Semiconductor DS87C520-QCL Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
6 of 45
PIN DESCRIPTION (continued)
PIN
DIP
PLCC
TQFP
NAME
FUNCTION
21
24
18
P2.0 (A8)
22
25
19
P2.1 (A9)
23
26
20
P2.2 (A10)
24
27
21
P2.3 (A11)
25
28
22
P2.4 (A12)
26
29
23
P2.5 (A13)
27
30
24
P2.6 (A14)
28
31
25
P2.7 (A15)
Port 2 (A8–15), I/O. Port 2 is a bidirectional I/O port. The reset
condition of Port 2 is logic high. In this state, a weak pullup holds
the port high. This condition also serves as an input mode, since
any external circuit that writes to the port will overcome the weak
pullup. When software writes a 0 to any port pin, the
DS87C520/DS83C520 will activate a strong pulldown that
remains on until either a 1 is written or a reset occurs. Writing a 1
after the port has been at 0 will cause a strong transition driver to
turn on, followed by a weaker sustaining pullup. Once the
momentary strong driver turns off, the port again becomes both the
output high and input state. As an alternate function Port 2 can
function as MSB of the external address bus. This bus can be used
to read external ROM and read/write external RAM memory or
peripherals.
10
11
5
P3.0
11
13
7
P3.1
12
14
8
P3.2
13
15
9
P3.3
14
16
10
P3.4
15
17
11
P3.5
16
18
12
P3.6
17
19
13
P3.7
Port 3, I/O. Port 3 functions as both an 8-bit, bidirectional I/O
port and an alternate functional interface for External Interrupts,
Serial Port 0, Timer 0 and 1 Inputs, and
RD and WR strobes. The
reset condition of Port 3 is with all bits at a logic 1. In this state, a
weak pullup holds the port high. This condition also serves as an
input mode, since any external circuit that writes to the port will
overcome the weak pullup. When software writes a 0 to any port
pin, the DS87C520/DS83C520 will activate a strong pulldown that
remains on until either a 1 is written or a reset occurs. Writing a 1
after the port has been at 0 will cause a strong transition driver to
turn on, followed by a weaker sustaining pullup. Once the
momentary strong driver turns off, the port again becomes both the
output high and input state. The alternate modes of Port 3 are
outlined below.
Port
Alternate Mode
P3.0
RXD0
Serial Port 0 Input
P3.1
TXD0
Serial Port 0 Output
P3.2
INT0
External Interrupt 0
P3.3
INT1
External Interrupt 1
P3.4
T0
Timer 0 External Input
P3.5
T1
Timer 1 External Input
P3.6
WR
External Data Memory Write Strobe
P3.7
RD
External Data Memory Read Strobe
31
35
29
EA
External Access Input, Active Low. Connect to ground to force
the DS87C520/DS83C520 to use an external ROM. The internal
RAM is still accessible as determined by register settings. Connect
EA to VCC to use internal ROM.
12, 34
6, 28
N.C.
Not Connected. These pins should not be connected. They are
reserved for use with future devices in this family.


Similar Part No. - DS87C520-QCL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C520-QCL DALLAS-DS87C520-QCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
DS87C520-QCL DALLAS-DS87C520-QCL Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
logo
Maxim Integrated Produc...
DS87C520-QCL MAXIM-DS87C520-QCL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
List of Unclassifed Man...
DS87C520-QCL ETC2-DS87C520-QCL Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Maxim Integrated Produc...
DS87C520-QCL++ MAXIM-DS87C520-QCL+ Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
More results

Similar Description - DS87C520-QCL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C520 DALLAS-DS87C520_1 Datasheet
1Mb / 42P
   EPROM/ROM High-Speed Micro
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_1 Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
logo
STMicroelectronics
ST7282 STMICROELECTRONICS-ST7282 Datasheet
260Kb / 23P
   ROM FROM EPROM
logo
Dallas Semiconductor
DS87C550 DALLAS-DS87C550 Datasheet
763Kb / 50P
   EPROM High-Speed Micro with A/D and PWM
logo
Microchip Technology
PIC17LC42AT-08I-PT MICROCHIP-PIC17LC42AT-08I-PT Datasheet
1Mb / 241P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
01/18/02
PIC17C4X MICROCHIP-PIC17C4X Datasheet
1Mb / 240P
   High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
1996 - 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com